Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC30QSA035 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # EC30QSA035
Description  SBD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

EC30QSA035 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  EC30QSA035 Datasheet HTML 1Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3A Avg
A
A .
Volt
V
V s
SBD
■OUTLINE DRAWING(mm)
■定格・特性曲線
268
■APPROX. NET WEIGHT:0.06 g
EC30QSA035
35
■最大定格 Maximum Ratings
■電気的・熱的特性 Electrical/Thermal Characteristics
FIG.1
3
.
G
I
F
5
.
G
I
F
Item
Symbol
Conditions
く り 返 し ピ ー ク 逆 電 圧
Repetitive Peak Reverse Voltage
VRRM
35
Average Rectified Forward Current
IO
(Tl:lead Temperature)
((
3.0
R.M.S. Forward Current
IF(RMS)
4.71
Storage Temperature Range
Tstg
−40∼+150
Surge Forward Current
IFSM
60 50Hz正弦半波,1サイクル,非くり返し
50Hz Half Sine Wave,1cycle, Non-repetitive
Unit
V
A
A
動 作 接 合 温 度 範 囲
Operating Junction Temperature Range
Tjw
−40∼+150
50Hz、正弦半波通電抵抗負荷
50Hz Half Sine Wave Resistive Load
50Hz Half Sine Wave Resistive L
50Hz Half Sine Wave Resistive L
1.9
A
A
s
n
o
it
i
d
n
o
C
m
e
t
I
Peak Reverse Current
Tj
TT =25℃, VRM
=25℃, V
=25℃, V =35V
Thermal Resistance
接 合 部 ・ 周 囲 間
Junction to Ambient
*(アルミナ基板実装)
Min.
Typ.
Max.
2
108
Symbol
IRM
Rth(j-a)
Peak Forward Voltage
VFM
Tj
TT =25℃, IFM=3A
0.47
Unit
V
℃/W
Rth(j-l)
接 合 部 ・ リ ー ド 間
Junction to Lead
23
℃/W
*アルミナ基板実装/Alumina Substrate mounted (Soldering Lands= 2 × 2 mm , Both Sides)
Tl=103℃
V =15V
RM
V =15V
V =15V
Ta=25℃
V =15V
RM
V =15V
V =15V
mA


Similar Part No. - EC30QSA035

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
EC30QSA035_2015 NI-EC30QSA035_2015 Datasheet
616Kb / 1P
   SBD
More results

Similar Description - EC30QSA035

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FCH20U10 NIEC-FCH20U10 Datasheet
302Kb / 1P
   SBD
logo
National Instruments Co...
GSH10A10B NI-GSH10A10B_15 Datasheet
131Kb / 1P
   SBD
GSQ05A03L NI-GSQ05A03L_15 Datasheet
116Kb / 1P
   SBD
GSQ05A04B NI-GSQ05A04B_15 Datasheet
131Kb / 1P
   SBD
GCH30A10 NI-GCH30A10_15 Datasheet
129Kb / 1P
   SBD
GCQ20A04 NI-GCQ20A04_15 Datasheet
130Kb / 1P
   SBD
GCQ30A03L NI-GCQ30A03L_15 Datasheet
130Kb / 1P
   SBD
GCQ30A06 NI-GCQ30A06_15 Datasheet
129Kb / 1P
   SBD
KSQ30A06B NI-KSQ30A06B_15 Datasheet
125Kb / 1P
   SBD
KSQ60A03LB NI-KSQ60A03LB_15 Datasheet
98Kb / 1P
   SBD
KSQ60A04E NI-KSQ60A04E_15 Datasheet
103Kb / 1P
   SBD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com