Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

FT1500AU-240 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. FT1500AU-240
Description  HIGH VOLTAGE, HIGH POWER, GENERAL USE DYNAMIC GATE, PRESS PACK TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

FT1500AU-240 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb.1999
MITSUBISHI GENERAL USE THYRISTORS
FT1500AU-240
HIGH VOLTAGE, HIGH POWER, GENERAL USE
DYNAMIC GATE, PRESS PACK TYPE
FT1500AU-240
OUTLINE DRAWING
Dimension in mm
APPLICATION
AC switch for high voltage line, SVC
¡IT(AV)
Average on-state current ..................... 1500A
¡VDRM Repetitive peak off state voltage .......12000V
¡Press pack type
2360
1500
34
28
4.8
× 106
100
30
8.0
20
10
6.0
–40 ~ +125
–40 ~ +150
108 ~ 132
4000
RMS on-state current
Average on-state current
Surge on-state current
Surge on-state current 2
Current-squared, time integration
Critical rate of rise of on-state current
Peak forward gate power dissipation
Average forward gate power dissipation
Peak forward gate voltage
Peak reverse gate voltage
Peak forward gate current
Junction temperature
Storage temperature
Mounting force required
Weight
Voltage class
Symbol
f = 60Hz, sine wave
θ = 180°, Tf = 88°C
One half cycle at 60Hz
One half cycle (tW = 12ms), Tj = 125
°C start
VFP = 6kV, VRP = 6kV
One cycle at 60Hz
VD = 1/2VDRM, IG = 2.0A, diG/dt = 1.5A/
µs, Tj = 125°C
Recommended value 118
Standard value
IT(RMS)
IT(AV)
ITSM1
ITSM2
I2t
diT/dt
PFGM
PFG(AV)
VFGM
VRGM
IFGM
Tj
Tstg
VRRM
VRSM
VR(DC)
VDRM
VDSM
VD(DC)
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
DC reverse voltage
Repetitive peak off-state voltage
Non-repetitive peak off-state voltage
DC off-state voltage
V
V
V
V
V
V
ABSOLUTE MAXIMUM RATINGS
A
A
kA
kA
A2s
A/
µs
W
W
V
V
A
°C
°C
kN
g
240
12000
12000
9600
12000
12000
9600
Parameter
Unit
Symbol
Parameter
Conditions
Unit
Ratings
CATHODE
AUXILIARY CATHODE
CONNECTOR (RED)
GATE (WHITE)
TYPE
NAME
ANODE
φ 3.6 × 0.1 DEPTH
2.2 ± 0.1
φ 3.6 ± 0.1 DEPTH
2.2 ± 0.1
φ 165 max
φ 105
φ 105
φ 4.3
457 ± 10


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FGR3000CV-90DAHIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
FGR3000FX-90DAHIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 5 Powerex Power Semiconductors
RM100D2Z-40HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE 1 2 3 Mitsubishi Electric Semiconductor
TM55DZ-24HIGH VOLTAGE HIGH POWER GENERAL USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
FGR3000FX-90DAHIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
FG1000BV-90DAHIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 Powerex Power Semiconductors
RM100DZ-24HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE 1 2 3 Mitsubishi Electric Semiconductor
TM130RZ-24HIGH VOLTAGE HIGH POWER GENERAL USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
FG2000FX-50DAHIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 Powerex Power Semiconductors
GCU08BA-130GCT THYRISTOR UNIT HIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 5 MorePowerex Power Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn