Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2257C Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL2257C
Description  125 MHz Single Supply, Clamping Op Amps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2257C Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL2257C Datasheet HTML 1Page - Elantec Semiconductor EL2257C Datasheet HTML 2Page - Elantec Semiconductor EL2257C Datasheet HTML 3Page - Elantec Semiconductor EL2257C Datasheet HTML 4Page - Elantec Semiconductor EL2257C Datasheet HTML 5Page - Elantec Semiconductor EL2257C Datasheet HTML 6Page - Elantec Semiconductor EL2257C Datasheet HTML 7Page - Elantec Semiconductor EL2257C Datasheet HTML 8Page - Elantec Semiconductor EL2257C Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
EL2257C/EL2357C
125 MHz Single Supply, Clamping Op Amps
VOP
Positive Output Voltage Swing
VS=+12V, AV=+1, RL=1 kΩ to 0V
10.8
V
V
VS=+12V, AV=+1, RL=150Ω to 0V
9.6
10.0
I
V
VS=±5V, AV=+1, RL=1 kΩ to 0V
4.0
V
V
VS=±5V, AV=+1, RL=150Ω to 0V
3.4
3.8
I
V
VS=+3V, AV=+1, RL=150Ω to 0V
1.8
1.95
I
V
VON
Negative Output Voltage Swing
VS=+12V, AV=+1, RL=150Ω to 0V
5.5
8
I
mV
VS=±5V, AV=+1, RL=1 kΩ to 0V
-4.0
V
V
VS=±5V, AV=+1, RL=150Ω to 0V
-3.7
-3.4
I
V
IOUT
Output Current [1]
VS=±5V, AV=+1, RL=10Ω to 0V
±75
±100
I
mA
VS=±5V, AV=+1, RL=50Ω to 0V
±60
V
mA
IOUT,OFF
Output Current, Disabled
VENABLE=+0.5V
0
20
I
µA
VIH-EN
ENABLE pin Voltage for Power Up
Relative to GND Pin
2.0
I
V
VIL-EN
ENABLE pin Voltage for Shut Down
Relative to GND Pin
0.5
I
V
IIH-EN
ENABLE pin Input Current-High
[2]
VS=VCLAMP=+12V, VENABLE=+12V
340
410
I
µA
IIL-EN
ENABLE pin Input Current-Low [2]
VS=VCLAMP=+12V, VENABLE=+0.5V
0
1
I
µA
VOR-CL
Voltage Clamp Operating Range
[3]
Relative to GND Pin
1.2
VOP
IV
VACC-CL
CLAMP Accuracy
[4]
VIN=+4V, RL=1 kΩ to GND
VCLAMP=+1.5V and +3.5V
-250
100
250
I
mV
IIH-CL
CLAMP pin Input Current - High
VS=VCLAMP=+12V
12
25
I
µA
IIL-CL
CLAMP pin Input Current - Low / Per
Amplifier
VS=+12V, VCLAMP=+1.2V
-30
-15
I
µA
1.
Internal short circuit protection circuitry has been built into the EL2257C/EL2357C. See the Applications section.
2.
If the disable feature is not desired, tie the ENABLE pins to the VS pin, or apply a logic high level to the ENABLE pins.
3.
The maximum output voltage that can be clamped is limited to the maximum positive output Voltage, or VOP. Applying a Voltage higher than VOP
inactivates the clamp. If the clamp feature is not desired, either tie the CLAMP pin to the VS pin, or simply let the CLAMP pin float.
4.
The clamp accuracy is affected by VIN and RL. See the Typical Curves Section and the Clamp Accuracy vs. VIN and RL curve.
DC Electrical Characteristics (Continued)
VS=+5V, GND=0V, TA=25°C, VCM=1.5V, VOUT=1.5V, VCLAMP=+5V, VENABLE=+5V, unless otherwise specified.
Parameter
Description
Test Conditions
Min
Typ
Max
Test
Level
Units


Similar Part No. - EL2257C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2257CN INTERSIL-EL2257CN Datasheet
646Kb / 17P
   125MHz Single Supply, Clamping Op Amp
EL2257CS INTERSIL-EL2257CS Datasheet
646Kb / 17P
   125MHz Single Supply, Clamping Op Amp
EL2257CS-T13 INTERSIL-EL2257CS-T13 Datasheet
646Kb / 17P
   125MHz Single Supply, Clamping Op Amp
EL2257CS-T7 INTERSIL-EL2257CS-T7 Datasheet
646Kb / 17P
   125MHz Single Supply, Clamping Op Amp
More results

Similar Description - EL2257C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2150C ELANTEC-EL2150C Datasheet
488Kb / 20P
   125 MHz Single Supply, Clamping Op Amps
logo
Intersil Corporation
EL2150 INTERSIL-EL2150 Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
EL2257 INTERSIL-EL2257 Datasheet
646Kb / 17P
   125MHz Single Supply, Clamping Op Amp
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
logo
Intersil Corporation
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com