Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC54-101 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC54-101
Description  SMD POWER INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC54-101 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC54-101 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC54
500 Bayview Avenue, Inwood, NY 11096
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
www.signaltransformer.com
Sales@signaltransformer.com • techhelp@signaltransformer.com
33
SMD POWER INDUCTORS
Features
1. Open frame construction.
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC54-100
10
2.52MHZ
0.10
1.44
2.20
SC54-120
12
2.52MHZ
0.12
1.40
1.98
SC54-150
15
2.52MHZ
0.14
1.30
1.76
SC54-180
18
2.52MHZ
0.15
1.23
1.65
SC54-220
22
2.52MHZ
0.18
1.11
1.45
SC54-270
27
2.52MHZ
0.20
0.97
1.30
SC54-330
33
2.52MHZ
0.23
0.88
1.20
SC54-390
39
2.52MHZ
0.32
0.80
1.10
SC54-470
47
2.52MHZ
0.37
0.72
1.00
SC54-560
56
2.52MHZ
0.42
0.68
0.86
SC54-680
68
2.52MHZ
0.46
0.61
0..78
SC54-820
82
2.52MHZ
0.60
0.58
0.70
SC54-101
100
1KHZ
0.70
0.52
0.64
SC54-121
120
1KHZ
0.93
0.48
0.58
SC54-151
150
1KHZ
1.10
0.40
0.54
SC54-181
180
1KHZ
1.38
0.38
0.52
SC54-221
220
1KHZ
1.57
0.35
0.48
(1). Inductance tolerance
±20% tested at 0.25V, 0ADC and 25℃.
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ ambient.
Click here for
QUANTITY PER REEL & PACKING INFORMATION
(3)
(4)
XXX
MARKING
5. 5
1000
10000
1
100
1000
10000
10
BC54 I nduct ance decr ease by cur r ent
100000
DC cur r ent ( mA)
100
10
221
470
100
BC54 Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
2000
3000
500
1000
1500
3500
2500
4000
0
4500 5000
221
470
100
SC54 Inductance decrease by current
DC current (mA)
DC current (mA)
SC54 Temperature rise by current
Custom versions available upon request.
©2011 Signal Transformer –Specification subject to change without notice. 07.11


Similar Part No. - SC54-101

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC54-101 BEL-SC54-101 Datasheet
1,022Kb / 1P
   SMD POWER INDUCTORS Open frame construction
More results

Similar Description - SC54-101

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com