Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECA1JHG100 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECA1JHG100
Description  Aluminum Electrolytic Capacitors/ NHG
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA1JHG100 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECA1JHG100 Datasheet HTML 1Page - Panasonic Semiconductor ECA1JHG100 Datasheet HTML 2Page - Panasonic Semiconductor ECA1JHG100 Datasheet HTML 3Page - Panasonic Semiconductor ECA1JHG100 Datasheet HTML 4Page - Panasonic Semiconductor ECA1JHG100 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ NHG
– EEE-99 –
05 to 08
0D±0.5
0d±0.05
Sleeve
14 min.
3 min.
L
L 16 : L±1.0
L 20 : L±2.0
Pressure relief
06.3
+
010
0D±0.5
Features
● Endurance : 105 °C 1000 h to 2000 h
● RoHS directive compliant
Radial Lead Type
Series:
NHG Type: A
Specifications
Category Temp. Range
–55 °C to +105 °C
–25 °C to +105 °C
Rated W.V. Range
6.3 V.DC to 100 V.DC
160 V.DC to 450 V.DC
Nominal Cap. Range
2.2 μF to 22000 μF
1 μF to 330 μF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV or 3 (μA) After 2 minutes
(Which is greater)
I
< 0.06 CV +10 (μA) After 2 minutes
tan d
Please see the attached standard products list
Endurance
After following life test with DC voltage and +105 °C±2 °C ripple current value applied (The sum
of DC and ripple peak voltage shall not exceed the rated working voltage), When the capacitors
are restored to 20 °C, the capacitors shall meet the limits specified below.
Duration : 6.3 V.DC to 100 V.DC : (05 to 08)=1000 hours, (010 to 018)=2000 hours
160 V.DC to 450 V.DC : 2000 hours
Capacitance change ±20 % of initial measured value
tan
d
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Dimensions in mm (not to scale)
W.V.(V.DC)
Cap. (μF)
Frequency (Hz)
60
120
1 k
10 k
100 k
6.3 to 100
2.2 to
33
0.75
1.00
1.55
1.80
2.00
47
to
470
0.80
1.00
1.35
1.50
1.50
1000
to 22000
0.85
1.00
1.10
1.15
1.15
160 to 450
1
to
330
0.80
1.00
1.35
1.50
1.50
Frequency correction factor for ripple current
Body Dia. 0D5
6.3
8
10
12.5
16
18
Lead Dia. 0d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
Lead space F
2.0
2.5
3.5
5.0
5.0
7.5
7.5
(Unit : mm)
01 Oct. 2013


Similar Part No. - ECA1JHG100

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA1JHG100 PANASONIC-ECA1JHG100 Datasheet
317Kb / 5P
   Radial Lead Type
ECA1JHG100 PANASONIC-ECA1JHG100 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA1JHG100 PANASONIC-ECA1JHG100 Datasheet
317Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA1JHG100 PANASONIC-ECA1JHG100 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA1JHG100 PANASONIC-ECA1JHG100 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors NHG
More results

Similar Description - ECA1JHG100

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-1EHG331 PANASONIC-ECA-1EHG331 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG331 PANASONIC-ECA-1JHG331 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-2AHG101 PANASONIC-ECA-2AHG101 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1HHG100 PANASONIC-ECA-1HHG100 Datasheet
81Kb / 5P
   Aluminum Electrolytic Capacitors/NHG
ECA-1VHG222B PANASONIC-ECA-1VHG222B Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG471B PANASONIC-ECA-1JHG471B Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1VHG222 PANASONIC-ECA-1VHG222 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-0JHG332 PANASONIC-ECA-0JHG332 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG221 PANASONIC-ECA-1JHG221 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA0JHG221 PANASONIC-ECA0JHG221_13 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors NHG
ECA-2AHG471B PANASONIC-ECA-2AHG471B Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com