Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCN1913A563K-E2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FCN1913A563K-E2
Description  Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FCN1913A563K-E2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FCN1913A563K-E2 Datasheet HTML 1Page - List of Unclassifed Manufacturers FCN1913A563K-E2 Datasheet HTML 2Page - List of Unclassifed Manufacturers FCN1913A563K-E2 Datasheet HTML 3Page - List of Unclassifed Manufacturers FCN1913A563K-E2 Datasheet HTML 4Page - List of Unclassifed Manufacturers FCN1913A563K-E2 Datasheet HTML 5Page - List of Unclassifed Manufacturers FCN1913A563K-E2 Datasheet HTML 6Page - List of Unclassifed Manufacturers FCN1913A563K-E2 Datasheet HTML 7Page - List of Unclassifed Manufacturers FCN1913A563K-E2 Datasheet HTML 8Page - List of Unclassifed Manufacturers FCN1913A563K-E2 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.
cde.com
Type FCN Surface Mount Film Capacitors
Capacitance (µF)
CDE P.N.
L ±.008 (±0.2)
[in.(mm)]
W ±.012 (±0.3)
[in.(mm)]
T ±.008 (±0.2)
[in.(mm)]
0.012
FCN1913A123K-E1
0.189
(4.8)
0.130
(3.3)
0.055
(1.4)
0.015
FCN1913A153K-E1
0.189
(4.8)
0.130
(3.3)
0.055
(1.4)
0.018
FCN1913A183K-E1
0.189
(4.8)
0.130
(3.3)
0.055
(1.4)
0.022
FCN1913A223K-E1
0.189
(4.8)
0.130
(3.3)
0.055
(1.4)
0.027
FCN1913A273K-E1
0.189
(4.8)
0.130
(3.3)
0.055
(1.4)
0.033
FCN1913A333K-E1
0.189
(4.8)
0.130
(3.3)
0.055
(1.4)
0.039
FCN1913A393K-E1
0.189
(4.8)
0.130
(3.3)
0.055
(1.4)
0.047
FCN1913A473K-E2
0.189
(4.8)
0.130
(3.3)
0.079
(2.0)
0.056
FCN1913A563K-E2
0.189
(4.8)
0.130
(3.3)
0.079
(2.0)
0.068
FCN1913A683K-E4
0.189
(4.8)
0.130
(3.3)
0.094
(2.4)
0.082
FCN1913A823K-E3
0.189
(4.8)
0.130
(3.3)
0.110
(2.8)
0.10
FCN2416A104K-D1
0.236
(6.0)
0.161
(4.1)
0.071
(1.8)
0.12
FCN2416A124K-D3
0.236
(6.0)
0.161
(4.1)
0.094
(2.4)
0.15
FCN2416A154K-D4
0.236
(6.0)
0.161
(4.1)
0.110
(2.8)
Rated Voltage:
100 Vdc (63 Vac)
Operating Temperature Range:
-40 to +85°C
Capacitance Range:
0.012 to 1.0 µF
Dielectric Withstand Voltage:
150 Vdc for 60 seconds
Capacitance Tolerance:
± 10% (K)
Insulation Resistance (20°C, 100 Vdc, 60 Seconds);
D.F. (20°C, 1 kHz):
≤ 1%
For C ≤ 0.33 µF:I.R. ≥ 3000 MegΩ
Max. capacitor surface temperature: 230°C
For C > 0.33 µF:I.R. = 1000 MegW•µF Min.
Capacitance (µF)
CDE P.N.
L ±.016 (±0.4)2
[in.(mm)]
W ±.016 (±0.4)
[in.(mm)]
T ±.012 (±0.3)
[in.(mm)]
0.18
FCN2820A184K-Z
0.280
(7.1)
0.197
(5.0)
0.079
(2.0)
0.22
FCN2820A224K-Z
0.280
(7.1)
0.197
(5.0)
0.094
(2.4)
0.27
FCN2820A274K-Z
0.280
(7.1)
0.197
(5.0)
0.114
(2.9)
0.33
FCN2820A334K-Z
0.280
(7.1)
0.197
(5.0)
0.138
(3.5)
0.39
FCN3022A394K-X
0.303
(7.7)
0.217
(5.5)
0.134
(3.4)
0.47
FCN3022A474K-X
0.303
(7.7)
0.217
(5.5)
0.157
(4.0)
0.56
FCN3925A564K-V
0.386
(9.8)
0.248
(6.3)
0.118
(3.0)
0.68
FCN3925A684K-V
0.386
(9.8)
0.248
(6.3)
0.142
(3.6)
0.82
FCN3925A824K-V
0.386
(9.8)
0.248
(6.3)
0.169
(4.3)
1.0
FCN3925A105K-V
0.386
(9.8)
0.248
(6.3)
0.201
(5.1)


Similar Part No. - FCN1913A563K-E2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
FCN1913A563K-E2 CDE-FCN1913A563K-E2 Datasheet
559Kb / 8P
   Surface Mount Film Capacitors
FCN1913A563K-E2 CDE-FCN1913A563K-E2 Datasheet
599Kb / 9P
   Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
More results

Similar Description - FCN1913A563K-E2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
FCN CDE-FCN Datasheet
599Kb / 9P
   Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
FCP CDE-FCP Datasheet
291Kb / 8P
   Stable Stacked Metallized Film (PPS) Chips for Reflow Soldering
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2124KC9 PANASONIC-ECW-U2124KC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com