Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7122AL-2B-A Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS7122AL-2B-A
Description  6, 8-PIN DIP, 250 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7122AL-2B-A Datasheet(HTML) 1 Page - California Eastern Labs

  PS7122AL-2B-A Datasheet HTML 1Page - California Eastern Labs PS7122AL-2B-A Datasheet HTML 2Page - California Eastern Labs PS7122AL-2B-A Datasheet HTML 3Page - California Eastern Labs PS7122AL-2B-A Datasheet HTML 4Page - California Eastern Labs PS7122AL-2B-A Datasheet HTML 5Page - California Eastern Labs PS7122AL-2B-A Datasheet HTML 6Page - California Eastern Labs PS7122AL-2B-A Datasheet HTML 7Page - California Eastern Labs PS7122AL-2B-A Datasheet HTML 8Page - California Eastern Labs PS7122AL-2B-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
6, 8-PIN DIP, 250 V BREAK DOWN VOLTAGE
NORMALLY CLOSE TYPE
1-ch, 2-ch Optical Coupled MOS FET
Solid State Relay
OCMOS FET
PS7122A-1B,-2B,PS7122AL-1B,-2B
−NEPOC Series−
DESCRIPTION
The PS7122A-1B, -2B and PS7122AL-1B, -2B are solid state relays containing GaAs LEDs on the light emitting
side (input side) and normally close (N.C.) contact MOS FETs on the output side.
They are suitable for analog signal control because of their low offset and high linearity.
The PS7122AL-1B, -2B have a surface mount type lead.
FEATURES
• 1 channel type (1 b output) or 2 channel type (1 b + 1 b output)
• Low LED operating current (IF = 2 mA)
• Designed for AC/DC switching line changer
• Small package (6, 8-pin DIP)
• Low offset voltage
• Ordering number of taping product : PS7122AL-1B-E3, E4: 1 000 pcs/reel
: PS7122AL-2B-E3, E4: 1 000 pcs/reel
<R>
• Pb-Free product
• Safety standards
• UL approved: File No. E72422
• BSI approved: No. 8245/8246
• CSA approved: No. CA 101391
APPLICATIONS
• Exchange equipment
• Measurement equipment
• FA/OA equipment
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Document No. PN10274EJ02V0DS (2nd edition)
Date Published July 2006 NS CP(K)
1997, 2006


Similar Part No. - PS7122AL-2B-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7122AL-2B NEC-PS7122AL-2B Datasheet
76Kb / 7P
   6, 8 PIN DIP 250 V BREAK DOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET
logo
Renesas Technology Corp
PS7122AL-2B RENESAS-PS7122AL-2B Datasheet
271Kb / 16P
   Solid State Relay OCMOS FET
2006
More results

Similar Description - PS7122AL-2B-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7142-1B CEL-PS7142-1B Datasheet
389Kb / 11P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7141-1B CEL-PS7141-1B Datasheet
384Kb / 11P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS71421B CEL-PS71421B Datasheet
391Kb / 15P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
logo
NEC
PS7122A-1B NEC-PS7122A-1B Datasheet
76Kb / 7P
   6, 8 PIN DIP 250 V BREAK DOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET
logo
Renesas Technology Corp
PS7241-2B RENESAS-PS7241-2B Datasheet
252Kb / 14P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241-2B NEC-PS7241-2B Datasheet
97Kb / 12P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-2B CEL-PS7241-2B Datasheet
330Kb / 10P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7341-1B RENESAS-PS7341-1B Datasheet
263Kb / 16P
   HIGH ISOLATION VOLTAGE 6-PIN DIP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7122-1A NEC-PS7122-1A Datasheet
81Kb / 12P
   6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET
PS7122A-1C NEC-PS7122A-1C Datasheet
74Kb / 12P
   8-PIN DIP, 250 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com