Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7122AL-2B-A Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS7122AL-2B-A
Description  6, 8-PIN DIP, 250 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7122AL-2B-A Datasheet(HTML) 4 Page - California Eastern Labs

  PS7122AL-2B-A Datasheet HTML 1Page - California Eastern Labs PS7122AL-2B-A Datasheet HTML 2Page - California Eastern Labs PS7122AL-2B-A Datasheet HTML 3Page - California Eastern Labs PS7122AL-2B-A Datasheet HTML 4Page - California Eastern Labs PS7122AL-2B-A Datasheet HTML 5Page - California Eastern Labs PS7122AL-2B-A Datasheet HTML 6Page - California Eastern Labs PS7122AL-2B-A Datasheet HTML 7Page - California Eastern Labs PS7122AL-2B-A Datasheet HTML 8Page - California Eastern Labs PS7122AL-2B-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PS7122A-1B,-2B,PS7122AL-1B,-2B
<R>
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application Part
Number
*1
PS7122A-1B
PS7122A-1B-A
Pb-Free
Magazine case 50 pcs
Standard products
PS7122A-1B
PS7122AL-1B
PS7122AL-1B-A
(UL, BSI, CSA
PS7122AL-1B-E3
PS7122AL-1B-E3-A
Embossed Tape 1 000 pcs/reel
approved)
PS7122AL-1B-E4
PS7122AL-1B-E4-A
PS7122A-2B
PS7122A-2B-A
Magazine case 50 pcs
PS7122A-2B
PS7122AL-2B
PS7122AL-2B-A
PS7122AL-2B-E3
PS7122AL-2B-E3-A
Embossed Tape 1 000 pcs/reel
PS7122AL-2B-E4
PS7122AL-2B-E4-A
*1 For the application of the Safety Standard, following part number should be used.
Data Sheet PN10274EJ02V0DS
4


Similar Part No. - PS7122AL-2B-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7122AL-2B NEC-PS7122AL-2B Datasheet
76Kb / 7P
   6, 8 PIN DIP 250 V BREAK DOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET
logo
Renesas Technology Corp
PS7122AL-2B RENESAS-PS7122AL-2B Datasheet
271Kb / 16P
   Solid State Relay OCMOS FET
2006
More results

Similar Description - PS7122AL-2B-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7142-1B CEL-PS7142-1B Datasheet
389Kb / 11P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7141-1B CEL-PS7141-1B Datasheet
384Kb / 11P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS71421B CEL-PS71421B Datasheet
391Kb / 15P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
logo
NEC
PS7122A-1B NEC-PS7122A-1B Datasheet
76Kb / 7P
   6, 8 PIN DIP 250 V BREAK DOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET
logo
Renesas Technology Corp
PS7241-2B RENESAS-PS7241-2B Datasheet
252Kb / 14P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241-2B NEC-PS7241-2B Datasheet
97Kb / 12P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-2B CEL-PS7241-2B Datasheet
330Kb / 10P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7341-1B RENESAS-PS7341-1B Datasheet
263Kb / 16P
   HIGH ISOLATION VOLTAGE 6-PIN DIP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7122-1A NEC-PS7122-1A Datasheet
81Kb / 12P
   6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET
PS7122A-1C NEC-PS7122A-1C Datasheet
74Kb / 12P
   8-PIN DIP, 250 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com