Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4803CP-2 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN4803CP-2
Description  8-Pin PFC and PWM Controller Combo
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4803CP-2 Datasheet(HTML) 10 Page - Fairchild Semiconductor

  FAN4803CP-2 Datasheet HTML 1Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 1 page
background image
FAN4803
PRODUCT SPECIFICATION
10
REV. 1.2.3 11/2/04
Figure 12. Typical Application Circuit. Universal Input 240W 12V DC Output
BR1
600V
4A
GBU4J
LINE
NEUTRAL
F1 5A 250V
J1-1
J1-2
C19
4.7nF
250VAC
C20
4.7nF
250VAC
R24
470k
0.5W
TH1
10
5A
R3 0.15
Ω 3W
102T
L2
FQP9N50
Q5
FQP9N50
Q2
FQP9N50
Q4
Q1
2N3906
1000
µH
R1
36
RURP860
CR1 8A, 600V
1N5818 CR7
UF4005
CR3
P6KE51CA
CR18 51V
C26
0.01
µF
500V
C18 4.7nF
CR2
30A, 60V
R36 220
L1 25
µH
C29 0.01
µF
MBR3060PT
CR2
30A
60V
C2
2200
µF
C3
1
µF
C1
220
µF
450V
R2
L3
36
1N5246B
CR5
16V 0.5W
R22
10k
R8 36
R23
10k
R38 22
R30 200
C7
0.1
µF
R27
20k
3W
R26
20k
3W
R10
0.75
3W
T2
T1
C23
0.01
µF
CR4
UF4005
CR11
1N5818
1N5818
CR10
1N5818 CR12
CR9
1N52468
R5 36
R11 150
FQP9N50
Q3
R4 1k
FAN4803
1
2
3
4
8
7
6
5
C15
0.015
µF
C6
1
µF
C5
8.2nF
C28
1
µF
C9
1
µF
C10
2.2nF
U2
4
5
1
2
2
3
1
R17 3.3k
R6 1.2k
C12 0.1
µF
RC431A
C25
0.01
µF
500V
12V
J2-1
12VRET
J2-2
R18 1k
U3
1N4148
CR8
L2
4T
1N4148
CR15
1
10
3
4
R32 100
C27
0.01
µF
R15
9.09k
7.0V
R21
10k
C14
4.7
µF
C17
0.1
µF
R16
2.37k
R13
5.8M
R7
10
CR16
IN4148
R12
5.8M
C4
0.47
µF
250VAC
R14
150
2W
R37
330
R9
1.5k
C13 1nF
R31
10
C11
1000
µF
C21
1
µF
C22
1
µF
R29 20k
R28
20k
R19
10k
PFC
GND
ISENSE
VEAO
PWM
VCC
ILIMIT
VDC
R20
510
R25
390k
C8
0.15
µF
C16
0.01
µF


Similar Part No. - FAN4803CP-2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4803CP-2 FAIRCHILD-FAN4803CP-2 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP-2 FAIRCHILD-FAN4803CP-2 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP-2 FAIRCHILD-FAN4803CP-2 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP-2 FAIRCHILD-FAN4803CP-2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP-2 FAIRCHILD-FAN4803CP-2 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results

Similar Description - FAN4803CP-2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803 FAIRCHILD-FAN4803 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2X FAIRCHILD-FAN4803CS2X Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2 FAIRCHILD-FAN4803CS2 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
logo
Champion Microelectroni...
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
CM6903B CHAMP-CM6903B Datasheet
222Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com