Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7431-1A-E4-A Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS7431-1A-E4-A
Description  4-PIN SOP HIGH ISOLATION VOLTAGE 3 000 Vr.m.s 1-ch Optical Coupled MOS FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7431-1A-E4-A Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS7431-1A-E4-A Datasheet HTML 2Page - California Eastern Labs PS7431-1A-E4-A Datasheet HTML 3Page - California Eastern Labs PS7431-1A-E4-A Datasheet HTML 4Page - California Eastern Labs PS7431-1A-E4-A Datasheet HTML 5Page - California Eastern Labs PS7431-1A-E4-A Datasheet HTML 6Page - California Eastern Labs PS7431-1A-E4-A Datasheet HTML 7Page - California Eastern Labs PS7431-1A-E4-A Datasheet HTML 8Page - California Eastern Labs PS7431-1A-E4-A Datasheet HTML 9Page - California Eastern Labs PS7431-1A-E4-A Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IF = 10 mA
20
30
35
25
15
140
120
100
80
040
Load Current IL (mA)
60
20
0.5
1.5
2.0
3.0
1.0
2.5
0.0
100
80
60
40
–40
0
20
–20
Normalized to 1.0
at TA = 25˚C,
IF = 10 mA,
IL = 10 mA
Ambient Temperature TA (˚C)
NORMALIZED ON-STATE RESISTANCE vs.
AMBIENT TEMPERATURE
26
28
25
27
29
0
5
10
15
20
30
25
n = 50 pcs,
IF = 10 mA,
IL = 10 mA
ON-STATE RESISTANCE DISTRIBUTION
On-state Resistance Ron1 (
Ω)
20
22
19
21
23
0
5
10
15
20
30
25
n = 50 pcs,
IF = 10 mA,
IL = 120 mA
ON-STATE RESISTANCE DISTRIBUTION
On-state Resistance Ron2 (
Ω)
ON-STATE RESISTANCE vs.
LOAD CURRENT
20
30
35
25
15
12
10
8
04
IL = 10 mA
6
2
120 mA
Forward Current IF (mA)
ON-STATE RESISTANCE vs.
LOAD CURRENT
20
15
10
5
1
3
4
6
2
5
0
VO = 5 V
Forward Current IF (mA)
TURN-ON TIME vs. FORWARD CURRENT
Remark The graphs indicate nominal characteristics.
Data Sheet PN10458EJ01V0DS
6
PS7431-1A


Similar Part No. - PS7431-1A-E4-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7431-1A NEC-PS7431-1A Datasheet
79Kb / 2P
   NECs 4 PIN SOP PACKAGE, HIGH ISOLATION VOLTAGE, 3000 V.r.m.s. 1 FORM A TYPE SOLID STATE RELAY
logo
Renesas Technology Corp
PS7431-1A RENESAS-PS7431-1A Datasheet
263Kb / 15P
   4-PIN SOP, HIGH ISOLATION VOLTAGE 3 000 Vr.m.s. 1-ch Optical Coupled MOS FET
April 1st, 2010
More results

Similar Description - PS7431-1A-E4-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7431-1A RENESAS-PS7431-1A Datasheet
263Kb / 15P
   4-PIN SOP, HIGH ISOLATION VOLTAGE 3 000 Vr.m.s. 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7360-1A NEC-PS7360-1A Datasheet
74Kb / 12P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7341-1A CEL-PS7341-1A Datasheet
349Kb / 11P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7342-1A NEC-PS7342-1A Datasheet
74Kb / 12P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
PS7212-1A NEC-PS7212-1A Datasheet
78Kb / 12P
   4-PIN SOP 100 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-1A CEL-PS7241-1A Datasheet
349Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200J-1A RENESAS-PS7200J-1A Datasheet
224Kb / 14P
   4-PIN SOP 1.7 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7200A-1A RENESAS-PS7200A-1A Datasheet
317Kb / 15P
   4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7200A-1A NEC-PS7200A-1A Datasheet
78Kb / 12P
   4-PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7200A-1A CEL-PS7200A-1A Datasheet
202Kb / 13P
   4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com