Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7431-1A-F3 Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS7431-1A-F3
Description  4-PIN SOP HIGH ISOLATION VOLTAGE 3 000 Vr.m.s 1-ch Optical Coupled MOS FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7431-1A-F3 Datasheet(HTML) 3 Page - California Eastern Labs

  PS7431-1A-F3 Datasheet HTML 1Page - California Eastern Labs PS7431-1A-F3 Datasheet HTML 2Page - California Eastern Labs PS7431-1A-F3 Datasheet HTML 3Page - California Eastern Labs PS7431-1A-F3 Datasheet HTML 4Page - California Eastern Labs PS7431-1A-F3 Datasheet HTML 5Page - California Eastern Labs PS7431-1A-F3 Datasheet HTML 6Page - California Eastern Labs PS7431-1A-F3 Datasheet HTML 7Page - California Eastern Labs PS7431-1A-F3 Datasheet HTML 8Page - California Eastern Labs PS7431-1A-F3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ORDERING INFORMATION (Solder Contains Lead)
Part Number
Package
Packing Style
Application Part Number
*1
PS7431-1A
4-pin SOP
Magazine case 100 pcs
PS7431-1A
PS7431-1A-E3
Embossed Tape 900 pcs/reel
PS7431-1A-E4
PS7431-1A-F3
Embossed Tape 3 500 pcs/reel
PS7431-1A-F4
*1 For the application of the Safety Standard, following part number should be used.
ORDERING INFORMATION (Pb-Free)
Part Number
Package
Packing Style
Application Part Number
*1
PS7431-1A-A
4-pin SOP
Magazine case 100 pcs
PS7431-1A
PS7431-1A-E3-A
Embossed Tape 900 pcs/reel
PS7431-1A-E4-A
PS7431-1A-F3-A
Embossed Tape 3 500 pcs/reel
PS7431-1A-F4-A
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
50
mA
Reverse Voltage
VR
5.0
V
Power Dissipation
PD
50
mW
Peak Forward Current
*1
IFP
1
A
MOS FET
Break Down Voltage
VL
350
V
Continuous Load Current
IL
120
mA
Pulse Load Current
*2
(AC/DC Connection)
ILP
240
mA
Power Dissipation
PD
310
mW
Isolation Voltage
*3
BV
3 000
Vr.m.s.
Total Power Dissipation
PT
360
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−40 to +100
°C
*1 PW = 100
µs, Duty Cycle = 1%
*2 PW = 100 ms, 1 shot
*3 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output
Data Sheet PN10458EJ01V0DS
3
PS7431-1A


Similar Part No. - PS7431-1A-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7431-1A NEC-PS7431-1A Datasheet
79Kb / 2P
   NECs 4 PIN SOP PACKAGE, HIGH ISOLATION VOLTAGE, 3000 V.r.m.s. 1 FORM A TYPE SOLID STATE RELAY
logo
Renesas Technology Corp
PS7431-1A RENESAS-PS7431-1A Datasheet
263Kb / 15P
   4-PIN SOP, HIGH ISOLATION VOLTAGE 3 000 Vr.m.s. 1-ch Optical Coupled MOS FET
April 1st, 2010
More results

Similar Description - PS7431-1A-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7431-1A RENESAS-PS7431-1A Datasheet
263Kb / 15P
   4-PIN SOP, HIGH ISOLATION VOLTAGE 3 000 Vr.m.s. 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7360-1A NEC-PS7360-1A Datasheet
74Kb / 12P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7341-1A CEL-PS7341-1A Datasheet
349Kb / 11P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7342-1A NEC-PS7342-1A Datasheet
74Kb / 12P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
PS7212-1A NEC-PS7212-1A Datasheet
78Kb / 12P
   4-PIN SOP 100 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-1A CEL-PS7241-1A Datasheet
349Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200J-1A RENESAS-PS7200J-1A Datasheet
224Kb / 14P
   4-PIN SOP 1.7 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7200A-1A RENESAS-PS7200A-1A Datasheet
317Kb / 15P
   4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7200A-1A NEC-PS7200A-1A Datasheet
78Kb / 12P
   4-PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7200A-1A CEL-PS7200A-1A Datasheet
202Kb / 13P
   4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com