Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8602L-V-E4-A Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS8602L-V-E4-A
Description  HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8602L-V-E4-A Datasheet(HTML) 5 Page - California Eastern Labs

  PS8602L-V-E4-A Datasheet HTML 1Page - California Eastern Labs PS8602L-V-E4-A Datasheet HTML 2Page - California Eastern Labs PS8602L-V-E4-A Datasheet HTML 3Page - California Eastern Labs PS8602L-V-E4-A Datasheet HTML 4Page - California Eastern Labs PS8602L-V-E4-A Datasheet HTML 5Page - California Eastern Labs PS8602L-V-E4-A Datasheet HTML 6Page - California Eastern Labs PS8602L-V-E4-A Datasheet HTML 7Page - California Eastern Labs PS8602L-V-E4-A Datasheet HTML 8Page - California Eastern Labs PS8602L-V-E4-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PS8602,PS8602L
ORDERING INFORMATION (Pb-Free)
Part Number
Package
Packing Style
Application Part
Number
*1
PS8602-A
8-pin DIP
Magazine case 50 pcs
PS8602
PS8602L-A
PS8602L
PS8602L1-A
PS8602L2-A
PS8602L-E3-A
Embossed Tape 1 000 pcs/reel
PS8602L-E4-A
PS8602-V-A
Magazine case 50 pcs
PS8602
PS8602L-V-A
PS8602L
PS8602L1-V-A
PS8602L2-V-A
PS8602L-V-E3-A
Embossed Tape 1 000 pcs/reel
PS8602L-V-E4-A
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
IF
25
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
45
mW
Detector
Supply Voltage
VCC
35
V
Output Voltage
VO
35
V
Output Current
IO
8
mA
Power Dissipation
PC
100
mW
Isolation Voltage
*1
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
−55 to +100
°C
Storage Temperature
Tstg
−55 to +150
°C
*1 AC voltage for 1 minute at TA = 25
°C, RH = 60 % between input and output.
Data Sheet PN10263EJ01V0DS
5


Similar Part No. - PS8602L-V-E4-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS8602L-V NEC-PS8602L-V Datasheet
84Kb / 10P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
More results

Similar Description - PS8602L-V-E4-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS8602 NEC-PS8602 Datasheet
84Kb / 10P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8602 RENESAS-PS8602 Datasheet
300Kb / 18P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
April 1st, 2010
logo
NEC
PS8701 NEC-PS8701 Datasheet
65Kb / 8P
   HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9614 RENESAS-PS9614 Datasheet
274Kb / 16P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
April 1st, 2010
PS9617 RENESAS-PS9617 Datasheet
264Kb / 15P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
April 1st, 2010
logo
List of Unclassifed Man...
PS9617 ETC1-PS9617 Datasheet
393Kb / 12P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9617 CEL-PS9617 Datasheet
399Kb / 12P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS8601 NEC-PS8601 Datasheet
81Kb / 10P
   HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8601 RENESAS-PS8601 Datasheet
282Kb / 17P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS8601 CEL-PS8601 Datasheet
433Kb / 12P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com