Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8601L-A Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS8601L-A
Description  HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8601L-A Datasheet(HTML) 2 Page - California Eastern Labs

  PS8601L-A Datasheet HTML 1Page - California Eastern Labs PS8601L-A Datasheet HTML 2Page - California Eastern Labs PS8601L-A Datasheet HTML 3Page - California Eastern Labs PS8601L-A Datasheet HTML 4Page - California Eastern Labs PS8601L-A Datasheet HTML 5Page - California Eastern Labs PS8601L-A Datasheet HTML 6Page - California Eastern Labs PS8601L-A Datasheet HTML 7Page - California Eastern Labs PS8601L-A Datasheet HTML 8Page - California Eastern Labs PS8601L-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PS8601,PS8601L
PACKAGE DIMENSIONS (UNIT: mm)
DIP Type
PS8601
9.25±0.25
6.5
±0.5
0 to 15˚
7.62
12
4
3
65
87
TOP VIEW
2.54
0.84±0.43
1.25±0.15
0.25 M
0.5±0.1
0.88±0.1
1. NC
2. Anode
3. Cathode
4. NC
5. Emitter
6. VO
7. Base
8. VCC
Lead Bending Type
TOP VIEW
PS8601L
6.5±0.5
0.9±0.25
9.60±0.4
2.54
0.25 M
1.25±0.15
9.25±0.25
12
4
3
65
87
0.88±0.1
1. NC
2. Anode
3. Cathode
4. NC
5. Emitter
6. VO
7. Base
8. VCC
Data Sheet PN10262EJ01V0DS
2


Similar Part No. - PS8601L-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS8601L-V NEC-PS8601L-V Datasheet
81Kb / 10P
   HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
More results

Similar Description - PS8601L-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS8601 NEC-PS8601 Datasheet
81Kb / 10P
   HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8601 RENESAS-PS8601 Datasheet
282Kb / 17P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS8502 CEL-PS8502 Datasheet
961Kb / 17P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8501 RENESAS-PS8501 Datasheet
293Kb / 18P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
PS8502 RENESAS-PS8502 Datasheet
167Kb / 19P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS8501 CEL-PS8501 Datasheet
942Kb / 16P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
NEC
PS8602 NEC-PS8602 Datasheet
84Kb / 10P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8602 RENESAS-PS8602 Datasheet
300Kb / 18P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS8602 CEL-PS8602 Datasheet
437Kb / 13P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
PS8821-1 CEL-PS8821-1_1 Datasheet
444Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com