Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ4582 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SZ4582
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SZ4582 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SZ4582 Datasheet HTML 1Page - EIC discrete Semiconductors SZ4582 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at = 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
SZ453G
3.6
139
5.0
400
1.0
80
1.0
504
SZ453J
3.9
128
5.0
400
1.0
30
1.0
468
SZ454D
4.3
116
4.5
400
1.0
20
1.0
434
SZ454H
4.7
106
4.5
550
1.0
5.0
1.0
386
SZ455B
5.1
98.0
3.5
600
1.0
5.0
1.0
356
SZ455G
5.6
89.5
2.5
500
1.0
5.0
2.0
324
SZ456C
6.2
80.5
1.5
700
1.0
5.0
3.0
292
SZ456I
6.8
73.5
2.0
700
1.0
50
4.0
266
SZ457F
7.5
66.5
2.0
700
0.5
50
5.0
242
SZ458C
8.2
61.0
2.3
700
0.5
50
6.0
220
SZ459B
9.1
55.0
2.5
700
0.5
50
7.0
200
SZ4510
10
50.0
3.5
700
0.25
50
7.6
182
SZ4511
11
45.5
4.0
700
0.25
50
8.4
166
SZ4512
12
41.5
4.5
700
0.25
1.0
9.1
152
SZ4513
13
38.5
5.0
700
0.25
0.5
9.9
138
SZ4514
14
35.7
5.5
700
0.25
0.5
10.6
130
SZ4515
15
33.4
7.0
700
0.25
0.5
11.4
122
SZ4516
16
31.2
8.0
700
0.25
0.5
12.2
114
SZ4517
17
29.4
9.0
750
0.25
0.5
13.0
107
SZ4518
18
27.8
10
750
0.25
0.5
13.7
100
SZ4519
19
26.3
11
750
0.25
0.5
14.4
95
SZ4520
20
25.0
11
750
0.25
0.5
15.2
90
SZ4522
22
22.8
12
750
0.25
0.5
16.7
82
SZ4524
24
20.8
13
750
0.25
0.5
18.2
76
SZ4527
27
18.5
18
750
0.25
0.5
20.6
68
SZ4530
30
16.6
20
1000
0.25
0.5
22.5
60
SZ4533
33
15.1
23
1000
0.25
0.5
25.1
55
SZ4536
36
13.9
25
1000
0.25
0.5
27.4
50
SZ4539
39
12.8
30
1000
0.25
0.5
29.7
47
SZ4543
43
11.6
35
1500
0.25
0.5
32.7
43
SZ4547
47
10.6
40
1500
0.25
0.5
35.8
39
SZ4551
51
9.8
48
1500
0.25
0.5
38.8
36
SZ4556
56
9.0
55
2000
0.25
0.5
42.6
32
SZ4562
62
8.1
60
2000
0.25
0.5
47.1
29
SZ4568
68
7.4
75
2000
0.25
0.5
51.7
27
SZ4575
75
6.7
90
2000
0.25
0.5
56.0
24
SZ4582
82
6.1
100
3000
0.25
0.5
62.2
22
SZ4591
91
5.5
125
3000
0.25
0.5
69.2
20
SZ45B0
100
5.0
175
3000
0.25
0.5
76.0
18
SZ45B1
110
4.5
250
4000
0.25
0.5
83.6
17
SZ45B2
120
4.2
325
4500
0.25
0.5
91.2
15
SZ45B3
130
3.8
400
5000
0.25
0.5
98.8
14
SZ45B4
140
3.6
500
5500
0.25
0.5
106.4
13
SZ45B5
150
3.3
575
6000
0.25
0.5
114.0
12
SZ45B6
160
3.1
650
6500
0.25
0.5
121.6
11
SZ45B7
170
2.9
675
7000
0.25
0.5
130.4
11
SZ45B8
180
2.8
725
7000
0.25
0.5
136.8
10
SZ45B9
190
2.6
825
8000
0.25
0.5
144.8
10
SZ45D0
200
2.5
900
8000
0.25
0.5
152.0
9.0
Note:
( 1 ) The type number listed have a standard tolerance on the nominal zener voltage of
± 5.0%,
altered the fourth number of type from " 5 " for
± 5.0% tolerance to be " 0 " for ± 10% tolerance.
( 2 ) " SZ " will be omitted in marking on the diode.


Similar Part No. - SZ4582

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ4582 EIC-SZ4582 Datasheet
44Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
SZ4582 LUGUANG-SZ4582 Datasheet
76Kb / 2P
   ZENER DIODES
logo
Shanghai Shunye Electro...
SZ4582 SHUNYE-SZ4582 Datasheet
73Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SZ4582

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com