Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9121-V-F4-AX Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS9121-V-F4-AX
Description  The PS9121 is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9121-V-F4-AX Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS9121-V-F4-AX Datasheet HTML 2Page - California Eastern Labs PS9121-V-F4-AX Datasheet HTML 3Page - California Eastern Labs PS9121-V-F4-AX Datasheet HTML 4Page - California Eastern Labs PS9121-V-F4-AX Datasheet HTML 5Page - California Eastern Labs PS9121-V-F4-AX Datasheet HTML 6Page - California Eastern Labs PS9121-V-F4-AX Datasheet HTML 7Page - California Eastern Labs PS9121-V-F4-AX Datasheet HTML 8Page - California Eastern Labs PS9121-V-F4-AX Datasheet HTML 9Page - California Eastern Labs PS9121-V-F4-AX Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PS9121
*1 Typical values at TA = 25
°C
*2 These values are reference values.
*3 Because VOL of 2 V or more may be output when LED current input and when output supply of VCC = 2.6 V or
less, it is important to confirm the characteristics (operation with the power supply on and off) during design,
before using this device.
*4 Test circuit for propagation delay time
Input
Output
1.5 V
VOL
tPHL
tPLH
(IF = 7.5 mA)
50%
47
Ω
Pulse input (IF)
VO (monitor)
VCC = 3.3 V
Input
(monitor)
0.1 F
μ
CL = 15 pF
RL = 350
Ω
(PW = 1 s,
Duty cycle = 1/10)
μ
Remark CL includes probe and stray wiring capacitance.
*5 Test circuit for common mode transient immunity
90%
10%
1 kV
0 V
VOH
2 V
0.8 V
VOL
VCM
VO
(IF = 0 mA)
VO
(IF = 7.5 mA)
tr
tf
VO (monitor)
VCC = 3.3 V
0.1 F
μ
CL = 15 pF
SW
VCM
IF
RL = 350
Ω
Remark CL includes probe and stray wiring capacitance.
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2. By-pass capacitor of 0.1
μF is used between VCC and GND near device. Also, ensure that the distance between
the leads of the photocoupler and capacitor is no more than 10 mm.
3. Avoid storage at a high temperature and high humidity.
Data Sheet PN10502EJ05V0DS
6


Similar Part No. - PS9121-V-F4-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9121-V-F4 RENESAS-PS9121-V-F4 Datasheet
293Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
PS9121-V-F4 RENESAS-PS9121-V-F4 Datasheet
301Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
More results

Similar Description - PS9121-V-F4-AX

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9122 CEL-PS9122 Datasheet
297Kb / 18P
   The PS9122 is an optical coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
PS9117A_V1 CEL-PS9117A_V1 Datasheet
273Kb / 14P
   The PS9117A is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side and a photodiode and a signal processing circuit on the output side on one chip.
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
List of Unclassifed Man...
6N135 ETC-6N135 Datasheet
62Kb / 4P
   HIGH SPEED OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
logo
ISOCOM COMPONENTS
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CNX72A ISOCOM-CNX72A_10 Datasheet
753Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CQY80X ISOCOM-CQY80X_10 Datasheet
771Kb / 3P
   OPTICALLY COUPLED ISOLATOR
H11AV1X ISOCOM-H11AV1X_08 Datasheet
77Kb / 3P
   OPTICALLY COUPLED ISOLATOR
logo
Bedford Opto Technology...
OPI3000P BOT-OPI3000P_11 Datasheet
36Kb / 2P
   Optically Coupled Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com