Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9117A-AX Datasheet(PDF) 10 Page - California Eastern Labs

Part # PS9117A-AX
Description  The PS9117A is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side and a photodiode and a signal processing circuit on the output side on one chip.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9117A-AX Datasheet(HTML) 10 Page - California Eastern Labs

Back Button PS9117A-AX Datasheet HTML 6Page - California Eastern Labs PS9117A-AX Datasheet HTML 7Page - California Eastern Labs PS9117A-AX Datasheet HTML 8Page - California Eastern Labs PS9117A-AX Datasheet HTML 9Page - California Eastern Labs PS9117A-AX Datasheet HTML 10Page - California Eastern Labs PS9117A-AX Datasheet HTML 11Page - California Eastern Labs PS9117A-AX Datasheet HTML 12Page - California Eastern Labs PS9117A-AX Datasheet HTML 13Page - California Eastern Labs PS9117A-AX Datasheet HTML 14Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PS9117A
NOTES ON HANDLING
1. Recommended soldering conditions
(1) Infrared reflow soldering
• Peak reflow temperature
260
°C or below (package surface temperature)
• Time of peak reflow temperature
10 seconds or less
• Time of temperature higher than 220
°C
60 seconds or less
• Time to preheat temperature from 120 to 180
°C
120
±30 s
• Number of reflows
Three
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% is recommended.)
120±30 s
(preheating)
220˚C
180˚C
Time (s)
Recommended Temperature Profile of Infrared Reflow
(heating)
to 10 s
to 60 s
260˚C MAX.
120˚C
(2) Wave soldering
• Temperature
260
°C or below (molten solder temperature)
• Time
10 seconds or less
• Preheating conditions
120
°C or below (package surface temperature)
• Number of times
One (Allowed to be dipped in solder including plastic mold portion.)
• Flux
Rosin flux containing small amount of chlorine (The flux with a maximum chlorine
content of 0.2 Wt% is recommended.)
(3) Soldering by Soldering Iron
• Peak Temperature (lead part temperature)
350
°C or below
• Time (each pins)
3 seconds or less
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% is recommended.)
(a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead
(b) Please be sure that the temperature of the package would not be heated over 100
°C
Data Sheet PN10646EJ04V0DS
10


Similar Part No. - PS9117A-AX

ManufacturerPart #DatasheetDescription
logo
NEC
PS9117A-AX NEC-PS9117A-AX Datasheet
162Kb / 14P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS9117A-AX

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9121 CEL-PS9121 Datasheet
287Kb / 15P
   The PS9121 is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
PS9122 CEL-PS9122 Datasheet
297Kb / 18P
   The PS9122 is an optical coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
PS7342L-1A CEL-PS7342L-1A Datasheet
247Kb / 10P
   solid state relays containing GaAs LEDs on the light emitting side (input side) and MOS FETs on the output side.
logo
Ralston Instruments.
QTFT-HTBB-2T RALSTON-QTFT-HTBB-2T_19 Datasheet
495Kb / 1P
   Connect to a Quick-test hose on one side and a tube fitting on the other
logo
NXP Semiconductors
MC68HC05P15 NXP-MC68HC05P15 Datasheet
3Mb / 62P
   The MC68HC05P15 is a 28-pin device based on the MC68HC05P5 with an on-chip analog voltage comparator and a two channel PWM.
Rev. 0.0
logo
Ralston Instruments.
QTHA-HTBB-2T RALSTON-QTHA-HTBB-2T Datasheet
321Kb / 1P
   Connect a Quick-test hose on one side of a panel, wall or enclosure and a tube fitting on the other
QTFT-HTBB-2T RALSTON-QTFT-HTBB-2T Datasheet
321Kb / 1P
   Connect a Quick-test hose on one side of a panel, wall or enclosure and a tube fitting on the other
logo
PHOENIX CONTACT
ST-OV4-24DC PHOENIX-ST-OV4-24DC Datasheet
126Kb / 7P
   Reliable detection and indication of an open circuit on the load side
logo
STMicroelectronics
EV-VND5T100AJ STMICROELECTRONICS-EV-VND5T100AJ Datasheet
132Kb / 8P
   A permanent low level on the inputs and fault
logo
NXP Semiconductors
68HC05P5 NXP-68HC05P5 Datasheet
3Mb / 68P
   The MC68HC05P5 is a 28-pin device based on the MC68HC05P7 with an on-chip analog voltage comparator and a two-channel pulse width modulator (PWM).
November 25, 1996 REV1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com