Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9121-V-F4-A Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS9121-V-F4-A
Description  The PS9121 is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9121-V-F4-A Datasheet(HTML) 3 Page - California Eastern Labs

  PS9121-V-F4-A Datasheet HTML 1Page - California Eastern Labs PS9121-V-F4-A Datasheet HTML 2Page - California Eastern Labs PS9121-V-F4-A Datasheet HTML 3Page - California Eastern Labs PS9121-V-F4-A Datasheet HTML 4Page - California Eastern Labs PS9121-V-F4-A Datasheet HTML 5Page - California Eastern Labs PS9121-V-F4-A Datasheet HTML 6Page - California Eastern Labs PS9121-V-F4-A Datasheet HTML 7Page - California Eastern Labs PS9121-V-F4-A Datasheet HTML 8Page - California Eastern Labs PS9121-V-F4-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PS9121
ORDERING INFORMATION
<R>
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standards
Approval
Application
Part Number
*1
PS9121
PS9121-A
Pb-Free
20 pcs (Tape 20 pcs cut)
Standard products
PS9121
PS9121-F3
PS9121-F3-A
(SnBi)
Embossed Tape 2 500 pcs/reel
(UL approved)
PS9121-F4
PS9121-F4-A
PS9121-V
PS9121-V-A
20 pcs (Tape 20 pcs cut)
DIN EN60747-5-2
PS9121-V-F3
PS9121-V-F3-A
Embossed Tape 2 500 pcs/reel
(VDE0884 Part2)
PS9121-V-F4
PS9121-V-F4-A
approved (Option)
PS9121
PS9121-AX
Pb-Free
20 pcs (Tape 20 pcs cut)
Standard products
PS9121-F3
PS9121-F3-AX
(Ni/Pd/Au)
Embossed Tape 2 500 pcs/reel
(UL approved)
PS9121-F4
PS9121-F4-AX
PS9121-V
PS9121-V-AX
20 pcs (Tape 20 pcs cut)
DIN EN60747-5-2
PS9121-V-F3
PS9121-V-F3-AX
Embossed Tape 2 500 pcs/reel
(VDE0884 Part2)
PS9121-V-F4
PS9121-V-F4-AX
approved (Option)
*1 For the application of the Safety Standard, following part number should be used.
Data Sheet PN10502EJ05V0DS
3


Similar Part No. - PS9121-V-F4-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9121-V-F4 RENESAS-PS9121-V-F4 Datasheet
293Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
PS9121-V-F4 RENESAS-PS9121-V-F4 Datasheet
301Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
More results

Similar Description - PS9121-V-F4-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9122 CEL-PS9122 Datasheet
297Kb / 18P
   The PS9122 is an optical coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
PS9117A_V1 CEL-PS9117A_V1 Datasheet
273Kb / 14P
   The PS9117A is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side and a photodiode and a signal processing circuit on the output side on one chip.
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
List of Unclassifed Man...
6N135 ETC-6N135 Datasheet
62Kb / 4P
   HIGH SPEED OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
logo
ISOCOM COMPONENTS
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CNX72A ISOCOM-CNX72A_10 Datasheet
753Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CQY80X ISOCOM-CQY80X_10 Datasheet
771Kb / 3P
   OPTICALLY COUPLED ISOLATOR
H11AV1X ISOCOM-H11AV1X_08 Datasheet
77Kb / 3P
   OPTICALLY COUPLED ISOLATOR
logo
Bedford Opto Technology...
OPI3000P BOT-OPI3000P_11 Datasheet
36Kb / 2P
   Optically Coupled Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com