Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9324L2-V-E3-AX Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS9324L2-V-E3-AX
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9324L2-V-E3-AX Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS9324L2-V-E3-AX Datasheet HTML 2Page - California Eastern Labs PS9324L2-V-E3-AX Datasheet HTML 3Page - California Eastern Labs PS9324L2-V-E3-AX Datasheet HTML 4Page - California Eastern Labs PS9324L2-V-E3-AX Datasheet HTML 5Page - California Eastern Labs PS9324L2-V-E3-AX Datasheet HTML 6Page - California Eastern Labs PS9324L2-V-E3-AX Datasheet HTML 7Page - California Eastern Labs PS9324L2-V-E3-AX Datasheet HTML 8Page - California Eastern Labs PS9324L2-V-E3-AX Datasheet HTML 9Page - California Eastern Labs PS9324L2-V-E3-AX Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
PS9324L, PS9324L2
R08DS0060EJ0100 Rev.1.00
Page 6 of 17
Apr 26, 2013
ELECTRICAL CHARACTERISTICS (TA =
−40 to +110°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
°C
1.3
1.55
1.8
V
Reverse Current
IR
VR = 3 V, TA = 25
°C
10
μA
Terminal Capacitance
Ct
f = 1 MHz, VF = 0 V, TA = 25
°C
30
pF
Detector
VCC = VO = 3.3 V, VF = 0.8 V
1
80
High Level Output Current
IOH
VCC = VO = 5.5 V, VF = 0.8 V
1
100
μA
VCC = 3.3 V, IF = 4.5 mA,
IOL = 13 mA
Low Level Output Voltage
VOL
VCC = 5.5 V, IF = 4.5 mA,
IOL = 13 mA
0.2
0.6
V
VCC = 3.3 V, IF = 0 mA,
VO = open
High Level Supply Current
ICCH
VCC = 5.5 V, IF = 0 mA,
VO = open
4
7
mA
VCC = 3.3 V, IF = 4.5 mA,
VO = open
6
10
Low Level Supply Current
ICCL
VCC = 5.5 V, IF = 4.5 mA,
VO = open
7
10
mA
VCC = 3.3 V, RL = 350
Ω,
VO = 0.8 V
Coupled
Threshold Input Voltage
(H
→ L)
IFHL
VCC = 5.0 V, RL = 350
Ω,
VO = 0.8 V
1
3
mA
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%
10
11
Ω
Isolation Capacitance
CI-O
VI-O = 0 V, f = 1 MHz,
TA = 25
°C
0.6
pF
Propagation Delay Time
TA = 25
°C
40
75
VCC = 3.3 V, IF = 4.5 mA,
RL = 350
Ω, CL = 15 pF
100
(H
→ L)
*2
TA = 25
°C
40
75
tPHL
VCC = 5 V, IF = 4.5 mA,
RL = 350
Ω, CL = 15 pF
100
ns
Propagation Delay Time
TA = 25
°C
50
75
VCC = 3.3 V, IF = 4.5 mA,
RL = 350
Ω, CL = 15 pF
100
(L
→ H)
*2
TA = 25
°C
45
75
tPLH
VCC = 5 V, IF = 4.5 mA,
RL = 350
Ω, CL = 15 pF
100
ns
Pulse Width Distortion
(PWD)
*2
⏐tPHL-tPLH⏐ VCC = 3.3/5 V, IF = 4.5 mA,
RL = 350
Ω, CL = 15 pF
5
35
ns
Propagation Delay Skew
*2
tpsk
VCC = 3.3/5 V, IF = 4.5 mA,
RL = 350
Ω, CL = 15 pF
40
ns
Rise Time
*3
tr
VCC = 3.3/5 V, IF = 4.5 mA,
RL = 350
Ω, CL = 15 pF
20
ns
Fall Time
*3
tf
VCC = 3.3/5 V, IF = 4.5 mA,
RL = 350
Ω, CL = 15 pF
5
ns
Common Mode
Transient Immunity at
High Level Output
*4
⏐CMH⏐ VCC = 3.3/5 V, IF = 0 mA,
VO > 2 V, RL = 350
Ω,
VCM = 1.5 kV, TA = 25
°C
15
20
kV/
μs
Common Mode
Transient Immunity at Low
Level Output
*4
⏐CML
VCC = 3.3/5 V, IF = 4.5 mA,
VO < 0.8 V, RL = 350
Ω,
VCM = 1.5 kV, TA = 25
°C
15
20
kV/
μs
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9324L2-V-E3-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9324L2-V-E3 RENESAS-PS9324L2-V-E3 Datasheet
338Kb / 19P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9324L2-V-E3-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9324L RENESAS-PS9324L_15 Datasheet
338Kb / 19P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
PS9317L RENESAS-PS9317L_15 Datasheet
247Kb / 18P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9317L CEL-PS9317L Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9924 CEL-PS9924 Datasheet
636Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
PS9114 CEL-PS9114 Datasheet
388Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9924 RENESAS-PS9924_15 Datasheet
298Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS9114 ETC-PS9114 Datasheet
112Kb / 5P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9587 RENESAS-PS9587_15 Datasheet
312Kb / 20P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PS9817A-1 RENESAS-PS9817A-1_15 Datasheet
284Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PS9117A RENESAS-PS9117A Datasheet
287Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com