Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9117A_V1 Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS9117A_V1
Description  The PS9117A is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side and a photodiode and a signal processing circuit on the output side on one chip.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9117A_V1 Datasheet(HTML) 3 Page - California Eastern Labs

  PS9117A_V1 Datasheet HTML 1Page - California Eastern Labs PS9117A_V1 Datasheet HTML 2Page - California Eastern Labs PS9117A_V1 Datasheet HTML 3Page - California Eastern Labs PS9117A_V1 Datasheet HTML 4Page - California Eastern Labs PS9117A_V1 Datasheet HTML 5Page - California Eastern Labs PS9117A_V1 Datasheet HTML 6Page - California Eastern Labs PS9117A_V1 Datasheet HTML 7Page - California Eastern Labs PS9117A_V1 Datasheet HTML 8Page - California Eastern Labs PS9117A_V1 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PS9117A
ORDERING INFORMATION
<R>
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standards
Approval
Application
Part Number
*1
PS9117A
PS9117A-A
Pb-Free
20 pcs (Tape 20 pcs cut)
Standard products
PS9117A
PS9117A-F3
PS9117A-F3-A
(SnBi)
Embossed Tape 2 500 pcs/reel
(UL approved)
PS9117A-V
PS9117A-V-A
20 pcs (Tape 20 pcs cut)
DIN EN60747-5-2
PS9117A-V-F3
PS9117A-V-F3-A
Embossed Tape 2 500 pcs/reel
(VDE0884 Part2)
approved (Option)
PS9117A
PS9117A-AX
Pb-Free
20 pcs (Tape 20 pcs cut)
Standard products
PS9117A-F3
PS9117A-F3-AX
(Ni/Pd/Au)
Embossed Tape 2 500 pcs/reel
(UL approved)
PS9117A-V
PS9117A-V-AX
20 pcs (Tape 20 pcs cut)
DIN EN60747-5-2
PS9117A-V-F3
PS9117A-V-F3-AX
Embossed Tape 2 500 pcs/reel
(VDE0884 Part2)
approved (Option)
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
*1
IF
30
mA
Reverse Voltage
VR
5
V
Detector
Supply Voltage
VCC
7
V
Output Voltage
VO
7
V
Output Current
IO
25
mA
Power Dissipation
*2
PC
40
mW
Isolation Voltage
*3
BV
3 750
Vr.m.s.
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +125
°C
*1 Reduced to 0.3 mA/
°C at TA = 25°C or more.
*2 Applies to output pin VO (collector pin). Reduced to 1.5 mW/
°C at TA = 65°C or more.
*3 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output.
Pins 1-2 shorted together, 3-5 shorted together.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Low Level Input Voltage
VFL
0
0.8
V
High Level Input Current
IFH
6.3
10
12.5
mA
Supply Voltage
VCC
4.5
5.0
5.5
V
TTL (RL = 1 k
Ω, loads)
N
5
Pull-up Resistor
RL
330
4 k
Ω
Data Sheet PN10646EJ04V0DS
3


Similar Part No. - PS9117A_V1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9117A-V CEL-PS9117A-V Datasheet
404Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
NEC
PS9117A-V NEC-PS9117A-V Datasheet
162Kb / 14P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9117A-V RENESAS-PS9117A-V Datasheet
287Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE
logo
California Eastern Labs
PS9117A-V-A CEL-PS9117A-V-A Datasheet
404Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
NEC
PS9117A-V-A NEC-PS9117A-V-A Datasheet
162Kb / 14P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS9117A_V1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9121 CEL-PS9121 Datasheet
287Kb / 15P
   The PS9121 is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
PS9122 CEL-PS9122 Datasheet
297Kb / 18P
   The PS9122 is an optical coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
PS7342L-1A CEL-PS7342L-1A Datasheet
247Kb / 10P
   solid state relays containing GaAs LEDs on the light emitting side (input side) and MOS FETs on the output side.
logo
Ralston Instruments.
QTFT-HTBB-2T RALSTON-QTFT-HTBB-2T_19 Datasheet
495Kb / 1P
   Connect to a Quick-test hose on one side and a tube fitting on the other
logo
NXP Semiconductors
MC68HC05P15 NXP-MC68HC05P15 Datasheet
3Mb / 62P
   The MC68HC05P15 is a 28-pin device based on the MC68HC05P5 with an on-chip analog voltage comparator and a two channel PWM.
Rev. 0.0
logo
Ralston Instruments.
QTHA-HTBB-2T RALSTON-QTHA-HTBB-2T Datasheet
321Kb / 1P
   Connect a Quick-test hose on one side of a panel, wall or enclosure and a tube fitting on the other
QTFT-HTBB-2T RALSTON-QTFT-HTBB-2T Datasheet
321Kb / 1P
   Connect a Quick-test hose on one side of a panel, wall or enclosure and a tube fitting on the other
logo
PHOENIX CONTACT
ST-OV4-24DC PHOENIX-ST-OV4-24DC Datasheet
126Kb / 7P
   Reliable detection and indication of an open circuit on the load side
logo
STMicroelectronics
EV-VND5T100AJ STMICROELECTRONICS-EV-VND5T100AJ Datasheet
132Kb / 8P
   A permanent low level on the inputs and fault
logo
NXP Semiconductors
68HC05P5 NXP-68HC05P5 Datasheet
3Mb / 68P
   The MC68HC05P5 is a 28-pin device based on the MC68HC05P7 with an on-chip analog voltage comparator and a two-channel pulse width modulator (PWM).
November 25, 1996 REV1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com