Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9123-V-F3 Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS9123-V-F3
Description  HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9123-V-F3 Datasheet(HTML) 3 Page - California Eastern Labs

  PS9123-V-F3 Datasheet HTML 1Page - California Eastern Labs PS9123-V-F3 Datasheet HTML 2Page - California Eastern Labs PS9123-V-F3 Datasheet HTML 3Page - California Eastern Labs PS9123-V-F3 Datasheet HTML 4Page - California Eastern Labs PS9123-V-F3 Datasheet HTML 5Page - California Eastern Labs PS9123-V-F3 Datasheet HTML 6Page - California Eastern Labs PS9123-V-F3 Datasheet HTML 7Page - California Eastern Labs PS9123-V-F3 Datasheet HTML 8Page - California Eastern Labs PS9123-V-F3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PS9123 e
R08DS0030EJ0100 Rev.1.00
Page 3 of 13
Aug 14, 2012
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application
Part
Number
*1
PS9123
PS9123-AX
Pb-Free
20 pcs (Tape 20 pcs cut)
Standard products
PS9123
PS9123-F3
PS9123-F3-AX
(Ni/Pd/Au)
Embossed Tape 2 500
pcs/reel
(UL, CSA approved)
PS9123-V
PS9123-V-AX
20 pcs (Tape 20 pcs cut)
DIN EN60747-5-5
PS9123-V-F3
PS9123-V-F3-AX
Embossed Tape 2 500
pcs/reel
(VDE0884-5): 2011-11
Approved (Option)
Note:
∗1. For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
∗1
IF
20
mA
Reverse Voltage
VR
5
V
Detector
Supply Voltage
VCC
7
V
Output Voltage
VO
7
V
High Level Output
Current
IOH
−5
mA
Low Level Output
Current
IOL
13
mA
Power Dissipation
∗2
PC
130
mW
Isolation Voltage
*3
BV
3 750
Vr.m.s.
Operating Ambient Temperature
TA
−40 to +100
°C
Storage Temperature
Tstg
−55 to +125
°C
Notes:
∗1. Reduced to 0.19 mA/°C at T
A = 60°C or more.
∗2. T
A = −40 to +100°C, applies to output pin VO and power supply pin VCC. Reduced to 2.4 mW/°C at TA = 70°C
or more.
∗3. AC voltage for 1 minute at T
A = 25°C, RH = 60% between input and output.
Pins 1-2 shorted together, 3-5 shorted together.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
High Level Input Current
IFH
7.5
12.5
mA
Low Level Input Voltage
VFL
0
0.8
V
Supply Voltage
VCC
4.5
5.0
5.5
V
TTL (loads)
N
3
<R>
<R>
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9123-V-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9123-V-F3 RENESAS-PS9123-V-F3 Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS9123-V-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9123_15 RENESAS-PS9123_15_15 Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9115 RENESAS-PS9115 Datasheet
304Kb / 16P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
April 1st, 2010
PS9123 RENESAS-PS9123 Datasheet
221Kb / 9P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS9115 NEC-PS9115_1 Datasheet
143Kb / 14P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9115 CEL-PS9115 Datasheet
266Kb / 14P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS8101 RENESAS-PS8101_15 Datasheet
258Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS8101 NEC-PS8101_1 Datasheet
126Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com