Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9324L-V-E3 Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS9324L-V-E3
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9324L-V-E3 Datasheet(HTML) 4 Page - California Eastern Labs

  PS9324L-V-E3 Datasheet HTML 1Page - California Eastern Labs PS9324L-V-E3 Datasheet HTML 2Page - California Eastern Labs PS9324L-V-E3 Datasheet HTML 3Page - California Eastern Labs PS9324L-V-E3 Datasheet HTML 4Page - California Eastern Labs PS9324L-V-E3 Datasheet HTML 5Page - California Eastern Labs PS9324L-V-E3 Datasheet HTML 6Page - California Eastern Labs PS9324L-V-E3 Datasheet HTML 7Page - California Eastern Labs PS9324L-V-E3 Datasheet HTML 8Page - California Eastern Labs PS9324L-V-E3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
PS9324L, PS9324L2
R08DS0060EJ0100 Rev.1.00
Page 4 of 17
Apr 26, 2013
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application
Part Number
1
PS9324L
PS9324L-AX
Pb-Free
20 pcs (Tape 20 pcs cut)
Standard products
PS9324L
PS9324L-E3
PS9324L-E3-AX
(Ni/Pd/Au)
Embossed Tape 2 000
UL, CSA ,SEMKO
pcs/reel
approval)
PS9324L2
PS9324L2-AX
20 pcs (Tape 20 pcs cut)
Standard products
PS9324L2
PS9324L2-E3
PS9324L2-E3-AX
Embossed Tape 2 000
UL, CSA ,SEMKO
pcs/reel
approval)
PS9324L-V
PS9324L-V-AX
20 pcs (Tape 20 pcs cut)
DIN EN 60747-5-5 PS9324L
PS9324L-V-E3
PS9324L-V-E3-AX
Embossed Tape 2 000
(VDE 0884-5)
pcs/reel
Approved (Option)
PS9324L2-V
PS9324L2-V-AX
20 pcs (Tape 20 pcs cut)
DIN EN 60747-5-5 PS9324L2
PS9324L2-V-E3
PS9324L2-V-E3-AX
Embossed Tape 2 000
pcs/reel
(VDE 0884-5)
Approved (Option)
Note:
∗1. For the application of the Safety Standard, following part number should be used.
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9324L-V-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9324L-V-E3 RENESAS-PS9324L-V-E3 Datasheet
338Kb / 19P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9324L-V-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9324L RENESAS-PS9324L_15 Datasheet
338Kb / 19P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
PS9317L RENESAS-PS9317L_15 Datasheet
247Kb / 18P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9317L CEL-PS9317L Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9924 CEL-PS9924 Datasheet
636Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
PS9114 CEL-PS9114 Datasheet
388Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9924 RENESAS-PS9924_15 Datasheet
298Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS9114 ETC-PS9114 Datasheet
112Kb / 5P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9587 RENESAS-PS9587_15 Datasheet
312Kb / 20P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PS9817A-1 RENESAS-PS9817A-1_15 Datasheet
284Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PS9117A RENESAS-PS9117A Datasheet
287Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com