Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9123 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS9123
Description  HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9123 Datasheet(HTML) 1 Page - California Eastern Labs

  PS9123 Datasheet HTML 1Page - California Eastern Labs PS9123 Datasheet HTML 2Page - California Eastern Labs PS9123 Datasheet HTML 3Page - California Eastern Labs PS9123 Datasheet HTML 4Page - California Eastern Labs PS9123 Datasheet HTML 5Page - California Eastern Labs PS9123 Datasheet HTML 6Page - California Eastern Labs PS9123 Datasheet HTML 7Page - California Eastern Labs PS9123 Datasheet HTML 8Page - California Eastern Labs PS9123 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
3
1
f
o
1
e
g
a
P
0
0
.
1
.v
e
R
0
0
1
0
J
E
0
3
0
0
S
D
8
0
R
Aug 14, 2012
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
t
e
e
h
S
a
t
a
D
PS9123
HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
DESCRIPTION
The PS9123 is an optically coupled high-speed, totem pole output isolator containing a GaAlAs LED on the input side
and a photodiode and a signal processing circuit on the output side on one chip.
The PS9123 is specified high CMR, high CTR and pulse width distortion with operating temperature.
FEATURES
High common mode transient immunity (CMH, CML = ±20 kV/ s TYP.)
Small package (SO-5)
Pulse width distortion ( | tPHL − tPLH| = 4 ns TYP.)
High-speed (15 Mbps)
High isolation voltage (BV = 3 750 Vr.m.s.)
Totem pole output
Embossed tape product : PS9123-F3 : 2 500 pcs/reel
Pb-Free product
Safety standards
UL approved: File No. E72422
CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
DIN EN60747-5-5 (VDE0884-5): 2011-11 approved No. 40008902 (Option)
APPLICATIONS
PLC
Inverter
AC servo
R08DS0030EJ0100
Rev.1.00
Aug 14, 2012
1. Anode
2. Cathode
3. GND
4. VO
5. VCC
PIN CONNECTION
(Top View)
5
3
1
2
4
TRUTH TABLE
LED
Output
ON
L
OFF
H
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9123

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9123 RENESAS-PS9123 Datasheet
221Kb / 9P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9123 RENESAS-PS9123 Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9123-F3 RENESAS-PS9123-F3 Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9123-V RENESAS-PS9123-V Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9123-V-F3 RENESAS-PS9123-V-F3 Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS9123

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9123_15 RENESAS-PS9123_15_15 Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9115 RENESAS-PS9115 Datasheet
304Kb / 16P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
April 1st, 2010
PS9123 RENESAS-PS9123 Datasheet
221Kb / 9P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS9115 NEC-PS9115_1 Datasheet
143Kb / 14P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9115 CEL-PS9115 Datasheet
266Kb / 14P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS8101 RENESAS-PS8101_15 Datasheet
258Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS8101 NEC-PS8101_1 Datasheet
126Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com