Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9332L2-V-E3-AX Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS9332L2-V-E3-AX
Description  2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, ACTIVE MILLER CLAMP, 8-PIN SDIP PHOTOCOUPLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9332L2-V-E3-AX Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS9332L2-V-E3-AX Datasheet HTML 2Page - California Eastern Labs PS9332L2-V-E3-AX Datasheet HTML 3Page - California Eastern Labs PS9332L2-V-E3-AX Datasheet HTML 4Page - California Eastern Labs PS9332L2-V-E3-AX Datasheet HTML 5Page - California Eastern Labs PS9332L2-V-E3-AX Datasheet HTML 6Page - California Eastern Labs PS9332L2-V-E3-AX Datasheet HTML 7Page - California Eastern Labs PS9332L2-V-E3-AX Datasheet HTML 8Page - California Eastern Labs PS9332L2-V-E3-AX Datasheet HTML 9Page - California Eastern Labs PS9332L2-V-E3-AX Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PS9332L, PS9332L2
Chapter Title
R08DS0105EJ0100 Rev.1.00
Page 6 of 18
Sep 06, 2013
TEST CIRCUIT
SHIELD
1
4
3
2
8
5
6
7
SHIELD
1
4
3
2
8
5
6
7
SHIELD
1
4
3
2
8
5
6
7
SHIELD
1
4
3
2
8
5
6
7
SHIELD
1
4
3
2
8
5
6
7
SHIELD
1
4
3
2
8
5
6
7
SHIELD
1
4
3
2
8
5
6
7
Fig. 1 IOH Test Circuit
Fig. 2 IOL Test Circuit
Fig. 3 VOH Test Circuit
Fig. 4 VOL Test Circuit
Fig. 5 UVLO Test Circuit
Fig. 6 IFLH Test Circuit
Fig. 7 tPLH/tPHL/tr/tfTest Circuit and Wave Forms
Vcc
IOH
IF
IF
IF
IF
Vcc
Vcc
Vcc
2.5V
Vcc
Vcc
Vo > 5V
Vo
Vcc
Vo
tPHL
tPLH
IF
VO
80%
50%
20%
tr
tf
1 F
1 F
1 F
1 F
1 F
1 F
1 F
10nF
IOL
10nF
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9332L2-V-E3-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9332L2-V-E3 RENESAS-PS9332L2-V-E3 Datasheet
656Kb / 20P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, ACTIVE MILLER CLAMP, 8-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9332L2-V-E3-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9332L RENESAS-PS9332L_15 Datasheet
656Kb / 20P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, ACTIVE MILLER CLAMP, 8-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9308L CEL-PS9308L Datasheet
992Kb / 22P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9308L RENESAS-PS9308L Datasheet
318Kb / 18P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9308L RENESAS-PS9308L_15 Datasheet
346Kb / 22P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9305L_15 RENESAS-PS9305L_15_15 Datasheet
297Kb / 21P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
PS9302L RENESAS-PS9302L Datasheet
297Kb / 21P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
April 1st, 2010
PS9305L RENESAS-PS9305L Datasheet
305Kb / 21P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9305L CEL-PS9305L Datasheet
267Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
logo
NEC
PS9302L NEC-PS9302L Datasheet
182Kb / 19P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9306L RENESAS-PS9306L_15 Datasheet
322Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com