Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9332L-E3 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS9332L-E3
Description  2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, ACTIVE MILLER CLAMP, 8-PIN SDIP PHOTOCOUPLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9332L-E3 Datasheet(HTML) 1 Page - California Eastern Labs

  PS9332L-E3 Datasheet HTML 1Page - California Eastern Labs PS9332L-E3 Datasheet HTML 2Page - California Eastern Labs PS9332L-E3 Datasheet HTML 3Page - California Eastern Labs PS9332L-E3 Datasheet HTML 4Page - California Eastern Labs PS9332L-E3 Datasheet HTML 5Page - California Eastern Labs PS9332L-E3 Datasheet HTML 6Page - California Eastern Labs PS9332L-E3 Datasheet HTML 7Page - California Eastern Labs PS9332L-E3 Datasheet HTML 8Page - California Eastern Labs PS9332L-E3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
8
1
f
o
1
e
g
a
P
0
0
.
1
.
v
e
R
0
0
1
0
J
E
5
0
1
0
S
D
8
0
R
Sep 06, 2013
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
t
e
e
h
S
a
t
a
D
PS9332L, PS9332L2
2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, ACTIVE MILLER CLAMP, 8-PIN SDIP PHOTOCOUPLER
DESCRIPTION
The PS9332L and PS9332L2 are optical coupled isolators containing a GaAlAs LED on the input side and a photo
diode, a signal processing circuit and a power output transistor on the output side on one chip.
The PS9332L and PS9332L2 are designed specifically for high common mode transient immunity (CMR), high output
current, active miller clamp and high switching speed.
The PS9332L and PS9332L2 are suitable for driving IGBTs and MOS FETs.
FEATURES
Long creepage distance (8 mm MIN.: PS9332L2)
Peak output current (2.0 A MAX., 1.5 A MIN.)
High speed switching (tPLH, tPHL = 200 ns MAX.)
UVLO (Under Voltage Lock Out) protection with hysteresis
Built-in Active Miller Clamp
High common mode transient immunity (CMH, CML = ±50 kV/μs MIN.)
Operating Ambient Temperature (125 °C)
Embossed tape product : PS9332L-E3, PS9332L2-E3: 2 000 pcs/reel
Pb-Free product
Safety standards
• UL approved: No. E72422
• CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
• SEMKO approved (EN 60065, EN 60950)
• DIN EN 60747-5-5 (VDE 0884-5) approved (Option)
APPLICATIONS
IGBT, Power MOS FET Gate Driver
Industrial inverter
IH (Induction Heating)
R08DS0105EJ0100
Rev.1.00
Sep 06, 2013
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9332L-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9332L-E3 RENESAS-PS9332L-E3 Datasheet
656Kb / 20P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, ACTIVE MILLER CLAMP, 8-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9332L-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9332L RENESAS-PS9332L_15 Datasheet
656Kb / 20P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, ACTIVE MILLER CLAMP, 8-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9308L CEL-PS9308L Datasheet
992Kb / 22P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9308L RENESAS-PS9308L Datasheet
318Kb / 18P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9308L RENESAS-PS9308L_15 Datasheet
346Kb / 22P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9305L_15 RENESAS-PS9305L_15_15 Datasheet
297Kb / 21P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
PS9302L RENESAS-PS9302L Datasheet
297Kb / 21P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
April 1st, 2010
PS9305L RENESAS-PS9305L Datasheet
305Kb / 21P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9305L CEL-PS9305L Datasheet
267Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
logo
NEC
PS9302L NEC-PS9302L Datasheet
182Kb / 19P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9306L RENESAS-PS9306L_15 Datasheet
322Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com