Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9151-V-F3-A Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS9151-V-F3-A
Description  HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9151-V-F3-A Datasheet(HTML) 1 Page - California Eastern Labs

  PS9151-V-F3-A Datasheet HTML 1Page - California Eastern Labs PS9151-V-F3-A Datasheet HTML 2Page - California Eastern Labs PS9151-V-F3-A Datasheet HTML 3Page - California Eastern Labs PS9151-V-F3-A Datasheet HTML 4Page - California Eastern Labs PS9151-V-F3-A Datasheet HTML 5Page - California Eastern Labs PS9151-V-F3-A Datasheet HTML 6Page - California Eastern Labs PS9151-V-F3-A Datasheet HTML 7Page - California Eastern Labs PS9151-V-F3-A Datasheet HTML 8Page - California Eastern Labs PS9151-V-F3-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PHOTOCOUPLER
PS9151
Document No. PN10659EJ02V0DS (2nd edition)
Date Published August 2008 NS
HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE
5-PIN SOP (SO-5) PHOTOCOUPLER
−NEPOC Series−
DESCRIPTION
The PS9151 is an optically coupled isolator containing a GaAlAs LED on the input side and a CMOS output IC on
the output side.
This photocoupler is high common mode transient immunity (CMR), a high-speed CMOS output type device
designed for high-speed logic interface circuits.
FEATURES
• High-speed response (15 Mbps)
• Operable at high temperature (
−40 to +100°C)
53
12
4
1. Anode
2. Cathode
3. GND
4. VO
5. VDD
PIN CONNECTION
(Top View)
• High common mode transient immunity (CMH, CML =
±20 kV/
μs TYP.)
• High isolation voltage (BV = 3 750 Vr.m.s.)
• Pulse width distortion (
⏐tPHL−tPLH⏐ = 3 ns TYP.)
• Ordering number of tape product : PS9151-F3: 2 500 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: File No. E72422
• DIN EN60747-5-2 (VDE0884 Part2) approved No.40008902 (Option)
APPLICATIONS
• FA Network
• Measurement equipment
• PDP
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
2007, 2008


Similar Part No. - PS9151-V-F3-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9151-V-F3 RENESAS-PS9151-V-F3 Datasheet
267Kb / 14P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS9151-V-F3-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9151 RENESAS-PS9151_15 Datasheet
267Kb / 14P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9123 CEL-PS9123 Datasheet
529Kb / 14P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9123_15 RENESAS-PS9123_15_15 Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS8101 RENESAS-PS8101_15 Datasheet
258Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS8101 NEC-PS8101_1 Datasheet
126Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101 CEL-PS8101_16 Datasheet
429Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS8101 CEL-PS8101 Datasheet
209Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9121-A CEL-PS9121-A Datasheet
287Kb / 15P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
logo
Renesas Technology Corp
PS9121 RENESAS-PS9121_15 Datasheet
301Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
logo
NEC
PS8701 NEC-PS8701 Datasheet
65Kb / 8P
   HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com