Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7801M-1A-A Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS7801M-1A-A
Description  4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3.4 pF ??廓) 1-ch Optical Coupled MOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7801M-1A-A Datasheet(HTML) 4 Page - California Eastern Labs

  PS7801M-1A-A Datasheet HTML 1Page - California Eastern Labs PS7801M-1A-A Datasheet HTML 2Page - California Eastern Labs PS7801M-1A-A Datasheet HTML 3Page - California Eastern Labs PS7801M-1A-A Datasheet HTML 4Page - California Eastern Labs PS7801M-1A-A Datasheet HTML 5Page - California Eastern Labs PS7801M-1A-A Datasheet HTML 6Page - California Eastern Labs PS7801M-1A-A Datasheet HTML 7Page - California Eastern Labs PS7801M-1A-A Datasheet HTML 8Page - California Eastern Labs PS7801M-1A-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 5 mA
1.1
1.4
V
Reverse Current
IR
VR = 5 V
5.0
µA
MOS FET
Off-state Leakage Current
ILoff
VD = 20 V
0.03
0.25
nA
Output Capacitance
Cout
VD = 0 V, f = 1 MHz, t
≤ 1 s
0.95
1.5
pF
Coupled
LED On-state Current
IFon
IL = 160 mA
4
mA
On-state Resistance
Ron
IF = 5 mA, IL = 160 mA, t
≤ 10 ms
3.6
5.0
Turn-on Time
*1, 2
ton
IF = 5 mA, VO = 5 V, RL = 500
Ω,
0.05
0.25
ms
Turn-off Time
*1, 2
toff
PW
≥ 0.5 ms
0.03
0.25
Isolation Resistance
RI-O
VI-O = 0.5 kVDC
10
9
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.3
pF
*1 Test Circuit for Switching Time
Pulse Input
Input monitor
monitor
VO
VL
RL
IF
Rin
ton
toff
10%
90%
Input
0
Output
VO = 5 V
50%
*2 The turn-on time and turn-off time are specified as input-pulse width
≥ 0.5 ms.
Be aware that when the device operates with an input-pulse width less than 0.5 ms, the turn-on time and turn-off
time will increase.
Data Sheet PN10691EJ03V0DS
4
PS7801M-1A


Similar Part No. - PS7801M-1A-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7801M-1A-A NEC-PS7801M-1A-A Datasheet
116Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3.4 pF • 廓) 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7801M-1A-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7801M-1A NEC-PS7801M-1A Datasheet
116Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3.4 pF • 廓) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801J-1A_V1 CEL-PS7801J-1A_V1 Datasheet
279Kb / 14P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3 pF ??廓) 1-ch Optical Coupled MOS FET
PS7802B-1A CEL-PS7802B-1A Datasheet
214Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (6.3 pF ??廓) 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7902-1A RENESAS-PS7902-1A_15 Datasheet
210Kb / 10P
   4-PIN SMALL FLAT-LEAD, LOW C 횞 R (11.6 pF ??廓) 1-ch Optical Coupled MOS FET
logo
NEC
PS7801J-1A NEC-PS7801J-1A Datasheet
112Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3 pF • 廓) 1-ch Optical Coupled MOS FET
PS7801E-1A NEC-PS7801E-1A Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R, 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801E-1A CEL-PS7801E-1A Datasheet
200Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R, 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801E-1A RENESAS-PS7801E-1A Datasheet
268Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C × R, 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7801M-1A RENESAS-PS7801M-1A Datasheet
185Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD LOW C 횞 R (3.4 pF . 廓)
PS7801J-1A RENESAS-PS7801J-1A Datasheet
202Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C × R (3 pF • Ω) 1-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com