Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2074C Datasheet(PDF) 6 Page - Elantec Semiconductor

Part # EL2074C
Description  400MHz GBWP Gain-of-2 Stable Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2074C Datasheet(HTML) 6 Page - Elantec Semiconductor

Back Button EL2074C Datasheet HTML 2Page - Elantec Semiconductor EL2074C Datasheet HTML 3Page - Elantec Semiconductor EL2074C Datasheet HTML 4Page - Elantec Semiconductor EL2074C Datasheet HTML 5Page - Elantec Semiconductor EL2074C Datasheet HTML 6Page - Elantec Semiconductor EL2074C Datasheet HTML 7Page - Elantec Semiconductor EL2074C Datasheet HTML 8Page - Elantec Semiconductor EL2074C Datasheet HTML 9Page - Elantec Semiconductor EL2074C Datasheet HTML 10Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
EL2074C
400MHz GBWP Gain-of-2 Stable Operational Amplifier
Small Signal Transient Response
Large Signal Transient Response
Differential Gain and Phase vs DC
Input Offset at 3.58MHz
Differential Gain and Phase vs DC
Input Offset at 4.43MHz
Differential Gain and Phase vs DC
Input Offset at 30MHz
Differential Gain and
Phase vs Number of
150
Ω Loads at 3.58MHz
Differential Gain and
Phase vs Number of
150
Ω Loads at 4.43MHz
Differential Gain and
Phase vs Number of
150
Ω Loads at 30MHz


Similar Part No. - EL2074C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2074CN INTERSIL-EL2074CN Datasheet
227Kb / 10P
   400MHz GBWP Gain-of-2 Stable Operational Amplifier
EL2074CS INTERSIL-EL2074CS Datasheet
227Kb / 10P
   400MHz GBWP Gain-of-2 Stable Operational Amplifier
EL2074CS-T13 INTERSIL-EL2074CS-T13 Datasheet
227Kb / 10P
   400MHz GBWP Gain-of-2 Stable Operational Amplifier
EL2074CS-T7 INTERSIL-EL2074CS-T7 Datasheet
227Kb / 10P
   400MHz GBWP Gain-of-2 Stable Operational Amplifier
More results

Similar Description - EL2074C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2074 INTERSIL-EL2074 Datasheet
227Kb / 10P
   400MHz GBWP Gain-of-2 Stable Operational Amplifier
EL2075 INTERSIL-EL2075 Datasheet
174Kb / 8P
   2GHz GBWP Gain-of-10 Stable Operational Amplifier
logo
Elantec Semiconductor
EL2075C ELANTEC-EL2075C Datasheet
466Kb / 11P
   2GHz GBWP Gain-of-10 Stable Operational Amplifier
logo
Renesas Technology Corp
EL2045 RENESAS-EL2045 Datasheet
687Kb / 10P
   Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
logo
Intersil Corporation
EL2045 INTERSIL-EL2045 Datasheet
279Kb / 10P
   Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
logo
Elantec Semiconductor
EL2045C ELANTEC-EL2045C Datasheet
306Kb / 12P
   Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
   Dual 60MHz Unity Gain Stable, Operational Amplifier
EL5396C ELANTEC-EL5396C Datasheet
297Kb / 13P
   Triple 400MHz Fixed Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com