Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9611L-E4-A Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS9611L-E4-A
Description  HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9611L-E4-A Datasheet(HTML) 1 Page - California Eastern Labs

  PS9611L-E4-A Datasheet HTML 1Page - California Eastern Labs PS9611L-E4-A Datasheet HTML 2Page - California Eastern Labs PS9611L-E4-A Datasheet HTML 3Page - California Eastern Labs PS9611L-E4-A Datasheet HTML 4Page - California Eastern Labs PS9611L-E4-A Datasheet HTML 5Page - California Eastern Labs PS9611L-E4-A Datasheet HTML 6Page - California Eastern Labs PS9611L-E4-A Datasheet HTML 7Page - California Eastern Labs PS9611L-E4-A Datasheet HTML 8Page - California Eastern Labs PS9611L-E4-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PHOTOCOUPLER
PS9611,PS9611L
HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps
TOTEM POLE OUTPUT TYPE
8-PIN DIP PHOTOCOUPLER
−NEPOC Series−
DESCRIPTION
The PS9611 and PS9611L are optically coupled high-speed, totem pole output isolators containing a GaAlAs LED
on the input side and a photodiode and a signal processing circuit on the output side on one chip.
The PS9611 is in a plastic DIP (Dual In-line Package) and the PS9611L is lead bending type (Gull-wing) for surface
mounting.
FEATURES
• High common mode transient immunity (CMH, CML =
±10 kV/
µs TYP.)
• High-speed response (tPHL = 30 ns TYP., tPLH = 35 ns TYP.)
• Pulse width distortion (
⏐tPHL − tPLH⏐ = 5 ns TYP.)
• Totem pole output (No pull-up resistor required)
• Ordering number of tape product: PS9611L-E3, E4: 1 000 pcs/reel
• Safety standards
• UL approved: File No. E72422 (S)
• VDE0884 approved (Option) : No.91877
APPLICATIONS
• Computer and peripheral manufactures
• Measurement equipment
• PDP
The mark
shows major revised points.
Document No. PN10072EJ02V0DS (2nd edition)
Date Published February 2003 CP(K)


Similar Part No. - PS9611L-E4-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS9611L-E4 NEC-PS9611L-E4 Datasheet
82Kb / 5P
   HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
More results

Similar Description - PS9611L-E4-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS9611 NEC-PS9611 Datasheet
82Kb / 5P
   HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PS9711 NEC-PS9711 Datasheet
93Kb / 5P
   HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5-PIN SOP TOM PHOTOCOUPLER
logo
California Eastern Labs
PS9711 CEL-PS9711 Datasheet
130Kb / 7P
   HIGH NOISE REDUCTION/ HIGH SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5 PIN SOP TOM OPTOCOUPLER
logo
Renesas Technology Corp
PS9614 RENESAS-PS9614 Datasheet
274Kb / 16P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
April 1st, 2010
PS9617 RENESAS-PS9617 Datasheet
264Kb / 15P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
April 1st, 2010
logo
List of Unclassifed Man...
PS9617 ETC1-PS9617 Datasheet
393Kb / 12P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9617 CEL-PS9617 Datasheet
399Kb / 12P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com