Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9817A-2-V-A Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS9817A-2-V-A
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9817A-2-V-A Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS9817A-2-V-A Datasheet HTML 3Page - California Eastern Labs PS9817A-2-V-A Datasheet HTML 4Page - California Eastern Labs PS9817A-2-V-A Datasheet HTML 5Page - California Eastern Labs PS9817A-2-V-A Datasheet HTML 6Page - California Eastern Labs PS9817A-2-V-A Datasheet HTML 7Page - California Eastern Labs PS9817A-2-V-A Datasheet HTML 8Page - California Eastern Labs PS9817A-2-V-A Datasheet HTML 9Page - California Eastern Labs PS9817A-2-V-A Datasheet HTML 10Page - California Eastern Labs PS9817A-2-V-A Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PS9817A-1,-2
*3 Test circuit for propagation delay time
PS9817A-1
SHIELD
SHIELD
PS9817A-2
Input
Output
50%
1.5 V
VOL
tPHL
tPLH
(IF = 7.5 mA)
VCC = 5 V
0.1 F
CL = 15 pF
47
Ω
RL = 350
Ω
μ
VCC = 5 V
0.1 F
CL = 15 pF
47
Ω
RL = 350
Ω
μ
Pulse input (IF)
(PW = 1 s,
Duty cycle = 1/10)
Input
(Monitor)
μ
VO (Monitor)
VO (Monitor)
Pulse input (IF)
(PW = 1 s,
Duty cycle = 1/10)
Input
(Monitor)
μ
Remark CL includes probe and stray wiring capacitance.
*4 Test circuit for common mode transient immunity
90%
10%
1 kV
0 V
VOH
2 V
0.8 V
VOL
VCM
VO
(IF = 0 mA)
VO
(IF = 7.5 mA)
tr
tf
SW IF
VO (Monitor)
VCC = 5 V
0.1 F
RL = 350
Ω
PS9817A-1
VCM
μ
CL = 15 pF
SHIELD
SHIELD
VO (Monitor)
VCC = 5 V
0.1 F
RL = 350
Ω
VCM
μ
SW IF
CL = 15 pF
PS9817A-2
USAGE CAUTIONS
1.
This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2.
By-pass capacitor of 0.1
μF is used between VCC and GND near device. Also, ensure that the distance
between the leads of the photocoupler and capacitor is no more than 10 mm.
3.
Avoid storage at a high temperature and high humidity.
Data Sheet PN10647EJ03V0DS
7


Similar Part No. - PS9817A-2-V-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9817A-2-V-F3 RENESAS-PS9817A-2-V-F3 Datasheet
284Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS9817A-2-V-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9814-1 CEL-PS9814-1 Datasheet
599Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
PS9822-1 CEL-PS9822-1 Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9821-1 CEL-PS9821-1 Datasheet
295Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9821-1 RENESAS-PS9821-1_V01 Datasheet
275Kb / 15P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
Dec 17, 2021
PS9821-1 RENESAS-PS9821-1_15 Datasheet
297Kb / 19P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802 CEL-PS8802 Datasheet
515Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1_15 Datasheet
297Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS8802-1 CEL-PS8802-1_04 Datasheet
216Kb / 13P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9587 RENESAS-PS9587_15 Datasheet
312Kb / 20P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com