Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9817A-2-V-F3 Datasheet(PDF) 9 Page - California Eastern Labs

Part # PS9817A-2-V-F3
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9817A-2-V-F3 Datasheet(HTML) 9 Page - California Eastern Labs

Back Button PS9817A-2-V-F3 Datasheet HTML 5Page - California Eastern Labs PS9817A-2-V-F3 Datasheet HTML 6Page - California Eastern Labs PS9817A-2-V-F3 Datasheet HTML 7Page - California Eastern Labs PS9817A-2-V-F3 Datasheet HTML 8Page - California Eastern Labs PS9817A-2-V-F3 Datasheet HTML 9Page - California Eastern Labs PS9817A-2-V-F3 Datasheet HTML 10Page - California Eastern Labs PS9817A-2-V-F3 Datasheet HTML 11Page - California Eastern Labs PS9817A-2-V-F3 Datasheet HTML 12Page - California Eastern Labs PS9817A-2-V-F3 Datasheet HTML 13Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PS9817A-1,-2
VCC = 5.0 V,
VO = 0.6 V
5
4
3
2
1
0
–50
–25
0
25
50
75
100
1.0 k
Ω
RL = 350
Ω
4.0 k
Ω
100
80
60
40
20
0
–50
–25
0
25
50
75
100
IF = 7.5 mA,
VCC = 5.0 V
tPHL: RL = 350
Ω, 1.0 kΩ, 4.0 kΩ, 4.7 kΩ
tPLH: RL = 4.7 k
Ω
tPLH: RL = 4.0 k
Ω
tPLH: RL = 1.0 k
Ω
tPLH: RL = 350
Ω
60
50
40
30
20
10
0
–50
–25
0
25
50
75
100
IF = 7.5 mA,
VCC = 5.0 V
RL = 4.7 k
Ω
RL = 4.0 k
Ω
RL = 350
Ω
RL = 1.0 k
Ω
7
9
11
13
15
5
0
40
20
60
80
100
tPLH: RL = 4.7 k
Ω
tPLH: RL = 4.0 k
Ω
tPLH: RL = 1.0 k
Ω
tPLH: RL = 350
Ω
tPHL: RL = 350
Ω, 1.0 kΩ, 4.0 kΩ, 4.7 kΩ
VCC = 5.0 V
Ambient Temperature TA (˚C)
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
PROPAGATION DELAY TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
PULSE WIDTH DISTORTION vs.
AMBIENT TEMPERATURE
Forward Current IF (mA)
PROPAGATION DELAY TIME vs.
FORWARD CURRENT
Remark
The graphs indicate nominal characteristics.
Data Sheet PN10647EJ03V0DS
9


Similar Part No. - PS9817A-2-V-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9817A-2-V-F3 RENESAS-PS9817A-2-V-F3 Datasheet
284Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS9817A-2-V-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9814-1 CEL-PS9814-1 Datasheet
599Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
PS9822-1 CEL-PS9822-1 Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9821-1 CEL-PS9821-1 Datasheet
295Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9821-1 RENESAS-PS9821-1_V01 Datasheet
275Kb / 15P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
Dec 17, 2021
PS9821-1 RENESAS-PS9821-1_15 Datasheet
297Kb / 19P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802 CEL-PS8802 Datasheet
515Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1_15 Datasheet
297Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS8802-1 CEL-PS8802-1_04 Datasheet
216Kb / 13P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9587 RENESAS-PS9587_15 Datasheet
312Kb / 20P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com