Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9821-2 Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS9821-2
Description  HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9821-2 Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS9821-2 Datasheet HTML 3Page - California Eastern Labs PS9821-2 Datasheet HTML 4Page - California Eastern Labs PS9821-2 Datasheet HTML 5Page - California Eastern Labs PS9821-2 Datasheet HTML 6Page - California Eastern Labs PS9821-2 Datasheet HTML 7Page - California Eastern Labs PS9821-2 Datasheet HTML 8Page - California Eastern Labs PS9821-2 Datasheet HTML 9Page - California Eastern Labs PS9821-2 Datasheet HTML 10Page - California Eastern Labs PS9821-2 Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
PS9821-1,-2
ELECTRICAL CHARACTERISTICS (2/2) (TA =
−40 to +85°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Coupled
Common Mode
Transient Immunity at High
Level Output
*5
CMH
VCC = 3.3 V, RL = 350
Ω, TA = 25°C,
IF = 0 mA, VO > 2 V, VCM = 1 kV
15
20
kV/
μs
VCC = 5 V, RL = 350
Ω, TA = 25°C,
IF = 0 mA, VO > 2 V, VCM = 1 kV
20
*2
Common Mode
Transient Immunity at Low
Level Output
*5
CML
VCC = 3.3 V, RL = 350
Ω, TA = 25°C,
IF = 7.5 mA, VO < 0.8 V, VCM = 1 kV
15
20
VCC = 5 V, RL = 350
Ω, TA = 25°C,
IF = 7.5 mA, VO < 0.8 V, VCM = 1 kV
20
*2
*1 Typical values at TA = 25
°C
*2 These values are reference values.
*3 Because VOL of 2 V or more may be output when LED current input and when output supply of VCC = 2.6 V or
less, it is important to confirm the characteristics (operation with the power supply on and off) during design,
before using this device.
*4 Test circuit for propagation delay time
PS9821-1
SHIELD
SHIELD
PS9821-2
Input
Output
50%
1.5 V
VOL
tPHL
tPLH
(IF = 7.5 mA)
VCC = 3.3 V
0.1 F
CL = 15 pF
47
Ω
RL = 350
Ω
μ
VCC = 3.3 V
0.1 F
CL = 15 pF
47
Ω
RL = 350
Ω
μ
Pulse input (IF)
(PW = 1 s,
Duty cycle = 1/10)
Input
(Monitor)
μ
VO (Monitor)
VO (Monitor)
Pulse input (IF)
(PW = 1 s,
Duty cycle = 1/10)
Input
(Monitor)
μ
Remark CL includes probe and stray wiring capacitance.
Data Sheet PN10471EJ04V0DS
7


Similar Part No. - PS9821-2

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PS9821-2 CALMIRCO-PS9821-2 Datasheet
2Mb / 4P
   HIGH CMR, 10 Mbps 3.3V OPEN COLLECTOR OUTPUT TYPE SO8 OPTOCOUPLER
logo
Renesas Technology Corp
PS9821-2 RENESAS-PS9821-2 Datasheet
297Kb / 19P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
PS9821-2 RENESAS-PS9821-2 Datasheet
275Kb / 15P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
Dec 17, 2021
PS9821-2-AX RENESAS-PS9821-2-AX Datasheet
275Kb / 15P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
Dec 17, 2021
PS9821-2-F3 RENESAS-PS9821-2-F3 Datasheet
297Kb / 19P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
More results

Similar Description - PS9821-2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9821-1 RENESAS-PS9821-1_V01 Datasheet
275Kb / 15P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
Dec 17, 2021
PS9821-1 RENESAS-PS9821-1_15 Datasheet
297Kb / 19P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS9817A-1 CEL-PS9817A-1 Datasheet
271Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9822-1 CEL-PS9822-1 Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9814-1 CEL-PS9814-1 Datasheet
599Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802 CEL-PS8802 Datasheet
515Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1_15 Datasheet
297Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS8802-1 CEL-PS8802-1_04 Datasheet
216Kb / 13P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1_07 Datasheet
415Kb / 15P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com