Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCA3000-D01-10 Datasheet(PDF) 10 Page - VTI technologies

Part # SCA3000-D01-10
Description  Product Family Specification
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-D01-10 Datasheet(HTML) 10 Page - VTI technologies

Back Button SCA3000-D01-10 Datasheet HTML 6Page - VTI technologies SCA3000-D01-10 Datasheet HTML 7Page - VTI technologies SCA3000-D01-10 Datasheet HTML 8Page - VTI technologies SCA3000-D01-10 Datasheet HTML 9Page - VTI technologies SCA3000-D01-10 Datasheet HTML 10Page - VTI technologies SCA3000-D01-10 Datasheet HTML 11Page - VTI technologies SCA3000-D01-10 Datasheet HTML 12Page - VTI technologies SCA3000-D01-10 Datasheet HTML 13Page - VTI technologies SCA3000-D01-10 Datasheet HTML 14Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
10/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
The absolute value of programmable Threshold Level (TL) is 0 < |TL| < FS g (FS is sensor full
scale measuring range). NOTE: Due to power consumption optimization, the step size between
each step and axis is not the same, see section 3.4 for threshold level details.
The triggering condition can be defined using OR/AND logic:
1.
Any sensing direction can be configured to trigger the interrupt (OR condition).
2.
Any sensing direction can be configured to be required to trigger the interrupt (AND condition).
+TL
Acceleration exceeds
the threshold level
due to motion
-TL
Acceleration
X, Y or Z
T1
T2
T3
T4
T5
T6
T7
T8
Time
T1
T2
T3
T4
T5
T6
T7
T8
Time
INT output
"1"
"0"
Figure 3. Motion detector operation.
2.3.2
Usage
The MD mode can be enabled by setting the MODE bits in the MODE register to "011". The trigger
condition can be defined by setting REQ_Z, REQ_Y, REQ_X, EN_Z, EN_Y and EN_X bits in
MD_CTRL register and Z_TH, Y_TH and Z_TH bits in MD_Z_TH, MD_Y_TH and MD_X_TH
registers, respectively. See section 3.4 for the configuration register and section 2.7 for the
interrupt functionality details.
In MD mode, acceleration data is not available in registers X_LSB, X_MSB, Y_LSB, Y_MSB,
Z_LSB, Z_MSB and BUF_DATA.
2.3.3
Examples
A simple example of motion detection usage:
1.
Write "00000011" (03h) into the MODE register (enable motion detection mode,
MODE_BITS = '011').
2.
Acceleration data is not available when the SCA3000 is in motion detection mode.
3.
The INT-pin is activated when motion is detected, see section 2.7 for detailed INT-pin
information.
In the next example, the motion detector is configured to give an interrupt on motion only in the X-
OR Y-axis direction:
1.
Write
"00000011"
(03h)
into
MODE
register
(enable
motion
detection
mode,
MODE_BITS = '011')
2.
Write "00000000" (00h) into UNLOCK register
3.
Write "01010000" (50h) into UNLOCK register
4.
Write "10100000" (A0h) into UNLOCK register
5.
Write "00000010" (02h) into CTRL_SEL register (to select indirect MD_CTRL register)
Unlock sequence for register lock
6.
Write "00000011" (03h) into CTRL_DATA register (this data is written into MD_CTRL
register, enable trigger on Y-channel, EN_Y = '1', enable trigger on X-channel, EN_X = '1')


Similar Part No. - SCA3000-D01-10

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA3000-D01 VTI-SCA3000-D01 Datasheet
209Kb / 4P
   3-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
More results

Similar Description - SCA3000-D01-10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KLM8G1GETF-B041 SAMSUNG-KLM8G1GETF-B041 Datasheet
424Kb / 28P
   Samsung eMMC Product family eMMC 5.1 Specification compatibility
Revision 1.21 Jul. 10, 2017
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com