Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD2943W Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD2943W
Description  HF/VHF/UHF RF power N-channel MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2943W Datasheet(HTML) 3 Page - STMicroelectronics

  SD2943W Datasheet HTML 1Page - STMicroelectronics SD2943W Datasheet HTML 2Page - STMicroelectronics SD2943W Datasheet HTML 3Page - STMicroelectronics SD2943W Datasheet HTML 4Page - STMicroelectronics SD2943W Datasheet HTML 5Page - STMicroelectronics SD2943W Datasheet HTML 6Page - STMicroelectronics SD2943W Datasheet HTML 7Page - STMicroelectronics SD2943W Datasheet HTML 8Page - STMicroelectronics SD2943W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SD2943
Electrical data
Doc ID 11584 Rev 3
3/15
1
Electrical data
(TCASE = 25° C)
Table 2.
Absolute maximum rating
Symbol
Parameter
Value
Unit
V(BR)DSS
(1)
Drain source voltage
130
V
VDGR
Drain-gate voltage (RGS = 1MW)
130
V
VGS
Gate-source voltage
±20
V
ID
Drain current
40
A
PDISS
Power dissipation
648
W
Tj
Max. operating junction temperature
200
°C
EAS
Avalanche energy, single pulse (ID = 53A, 800µH coil)
1100
mJ
TSTG
Storage temperature
-65 to +150
°C
1.
TJ = 150 °C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Junction to case thermal resistance
0.27
° C/W


Similar Part No. - SD2943W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD2943 STMICROELECTRONICS-SD2943 Datasheet
184Kb / 14P
   RF Power Transistor HF/VHF/UHF N - Channel MOSFETs
logo
List of Unclassifed Man...
SD2943 ETC1-SD2943 Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
More results

Similar Description - SD2943W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC2942B STMICROELECTRONICS-STAC2942B Datasheet
580Kb / 16P
   HF/VHF/UHF RF power N-channel MOSFETs
January 2014 Rev 7
logo
New Jersey Semi-Conduct...
SD2933 NJSEMI-SD2933 Datasheet
90Kb / 3P
   HF/VHF/UHF RF power N-channel MOSFETs
logo
STMicroelectronics
STAC2932BW STMICROELECTRONICS-STAC2932BW Datasheet
406Kb / 14P
   HF/VHF/UHF RF power N-channel MOSFETs
SD2941-10W STMICROELECTRONICS-SD2941-10W Datasheet
450Kb / 17P
   HF/VHF/UHF RF power N-channel MOSFETs
August 2014 Rev 5
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD2918 STMICROELECTRONICS-SD2918 Datasheet
101Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com