Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58032 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY58032
Description  CML & LVPECL Fanout Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58032 Datasheet(HTML) 8 Page - Micrel Semiconductor

  SY58032 Datasheet HTML 1Page - Micrel Semiconductor SY58032 Datasheet HTML 2Page - Micrel Semiconductor SY58032 Datasheet HTML 3Page - Micrel Semiconductor SY58032 Datasheet HTML 4Page - Micrel Semiconductor SY58032 Datasheet HTML 5Page - Micrel Semiconductor SY58032 Datasheet HTML 6Page - Micrel Semiconductor SY58032 Datasheet HTML 7Page - Micrel Semiconductor SY58032 Datasheet HTML 8Page - Micrel Semiconductor SY58032 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Micrel
SY58031/2/3 Evaluation Board
August 2004
M9999-080302
hbwhelp@micrel.com or (408) 955-1690
8
Evaluation Board Layout
PC Board Layout
The evaluation boards are constructed with Rogers
4003 material and are coplanar in design fabricated to
minimize noise, achieve high bandwidth and minimize
crosstalk.
Layer
SY58031U
SY58032/3U
L1
V
CC and Signal
GND and Signal
L2
GND
GND
L3
V
CC
V
CC
L4
GND
GND
Table 3. Layer Stack
Modifying DC-Coupled Outputs for
AC-Coupled Operation
SY58031U
1. Remove 0Ω resistors at C3, C4, C5, and C6.
2. Replace C3, C4, C5, and C6 with 0.1µF low
ESR, 0402 capacitors.
SY58032/3U
1. Remove 0Ω resistors at C6, C7, C10, C11,
C16, and C17.
2. Replace at C6, C7, C10, C11, C16, and C17
with 0.1µF low ESR, 0402 capacitors.
3. For 2.5V operation: Add 50Ω 0402 pull-
down resistors to R1-R6.
For 3.3V operation: Add 100Ω 0402 pull-
down resistors to R1-R6.


Similar Part No. - SY58032

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58032U MICREL-SY58032U Datasheet
110Kb / 7P
   ULTRRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58032U MICREL-SY58032U Datasheet
526Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT vBUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58032UMG MICREL-SY58032UMG Datasheet
110Kb / 7P
   ULTRRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58032UMG MICREL-SY58032UMG Datasheet
526Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT vBUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58032UMG MICREL-SY58032UMG Datasheet
671Kb / 9P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
More results

Similar Description - SY58032

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DM1502 CYPRESS-CY2DM1502 Datasheet
285Kb / 12P
   1:2 CML / LVPECL Input to CML Output Fanout Buffer
logo
Integrated Device Techn...
8538-31 IDT-8538-31 Datasheet
226Kb / 14P
   LVPECL Fanout Buffer
853S024 IDT-853S024_11 Datasheet
900Kb / 19P
   LVPECL Fanout Buffer
ICS8535-31 IDT-ICS8535-31 Datasheet
272Kb / 15P
   LVPECL FANOUT BUFFER
ICS85314I-11 IDT-ICS85314I-11 Datasheet
459Kb / 21P
   LVPECL Fanout Buffer
ICS8535I-31 IDT-ICS8535I-31_10 Datasheet
847Kb / 15P
   LVPECL Fanout Buffer
ICS8535-01 IDT-ICS8535-01 Datasheet
424Kb / 18P
   LVPECL Fanout Buffer
8SLVP1204 IDT-8SLVP1204_18 Datasheet
580Kb / 24P
   LVPECL Output Fanout Buffer
853S011BI IDT-853S011BI_16 Datasheet
315Kb / 20P
   LVPECL/ ECL Fanout Buffer
8SLVP1104I IDT-8SLVP1104I_18 Datasheet
458Kb / 21P
   LVPECL Output Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com