Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM802141UMGTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SM802141UMGTR
Description  Ultra-Low Jitter, LVPECL Frequency
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802141UMGTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SM802141UMGTR Datasheet HTML 1Page - Micrel Semiconductor SM802141UMGTR Datasheet HTML 2Page - Micrel Semiconductor SM802141UMGTR Datasheet HTML 3Page - Micrel Semiconductor SM802141UMGTR Datasheet HTML 4Page - Micrel Semiconductor SM802141UMGTR Datasheet HTML 5Page - Micrel Semiconductor SM802141UMGTR Datasheet HTML 6Page - Micrel Semiconductor SM802141UMGTR Datasheet HTML 7Page - Micrel Semiconductor SM802141UMGTR Datasheet HTML 8Page - Micrel Semiconductor SM802141UMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Micrel, Inc.
SM802141
April 2012
2
M9999-041812-A
hbwhelp@micrel.com or (408) 955-1690
Ordering Information
(1)
Part Number
Marking
Shipping
Temperature Range
Package
SM802141UMG
802141
Tube
–40
C to +85C
24-Pin QFN
SM802141UMGTR
802141
Tape and Reel
–40
C to +85C
24-Pin QFN
Note:
1. Devices are Green, RoHS, and PFOS compliant.
Pin Configuration
24-Pin QFN
(Top View)
Pin Description
Pin Number
Pin Name
Pin Type
Pin Level
Pin Function
19, 20
/Q1, Q1
O, (DIF)
LVPECL
Differential Clock Output from Bank 1, 156.25MHz or
312.5MHz.
22, 23
/Q2, Q2
O, (DIF)
LVPECL
Differential Clock Output from Bank 2, 62.5MHz or 125MHz.
24
VDDO2
PWR
Power Supply for Output Bank 2.
2
VSSO2
PWR
Power Supply Ground for Output Bank 2.
3
PLL_BYPASS
I, (SE)
LVCMOS
PLL Bypass, Selects Output Source, 0 = Normal PLL
Operation, 1 = Output from Input Reference Clock or Crystal
45KΩ pull-down.
4
XTAL_SEL
I, (SE)
LVCMOS
Selects PLL Input Reference Source (0 = REF_IN, 1 =
XTAL, 45KΩ pull-up).


Similar Part No. - SM802141UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802149 MICREL-SM802149 Datasheet
412Kb / 11P
   156.25MHz/312.5MHz and 78.125MHz/156.25MHz LVDS Clock Synthesizer
SM802149UMG MICREL-SM802149UMG Datasheet
412Kb / 11P
   156.25MHz/312.5MHz and 78.125MHz/156.25MHz LVDS Clock Synthesizer
SM802149UMGR MICREL-SM802149UMGR Datasheet
412Kb / 11P
   156.25MHz/312.5MHz and 78.125MHz/156.25MHz LVDS Clock Synthesizer
More results

Similar Description - SM802141UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8431-11 ICST-ICS8431-11 Datasheet
2Mb / 13P
   255MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
ICS8431-01 ICST-ICS8431-01 Datasheet
2Mb / 11P
   200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
logo
Micrel Semiconductor
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
MX555ABA50M0000 MICREL-MX555ABA50M0000 Datasheet
1Mb / 4P
   Ultra-Low Jitter 50MHz LVPECL XO
MX553BHA156M250 MICREL-MX553BHA156M250 Datasheet
1Mb / 4P
   Ultra-low Jitter 156.25MHz LVPECL XO
SM802105 MICREL-SM802105 Datasheet
321Kb / 11P
   ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
MX573EBA125M000 MICREL-MX573EBA125M000 Datasheet
1Mb / 4P
   Ultra-low Jitter 125MHz LVPECL XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com