Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP82N04MLG Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # NP82N04MLG
Description  Product Scout Automotive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP82N04MLG Datasheet(HTML) 5 Page - Renesas Technology Corp

  NP82N04MLG Datasheet HTML 1Page - Renesas Technology Corp NP82N04MLG Datasheet HTML 2Page - Renesas Technology Corp NP82N04MLG Datasheet HTML 3Page - Renesas Technology Corp NP82N04MLG Datasheet HTML 4Page - Renesas Technology Corp NP82N04MLG Datasheet HTML 5Page - Renesas Technology Corp NP82N04MLG Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Tools
IAR Embedded Workbench (78K, R8C, RL78, V850 & SH)
Integrated development environment for C/C++
Package includes project manager, editor, compiler,
assembler, linker, simulator and C-Spy debugger
Supports ELF/DWARF debugging format
Different license options: locked to PC, dongled (USB), floating
Order code depends on target platform and license type
Green Hills Multi (V850 & SH)
Integrated development environment for C/C++
Package includes project manager, editor,
compiler, assembler, linker, simulator and debugger
Supports ELF/DWARF debugging format
Different license options: locked to PC, dongled (USB), floating
Order code depends on target platform and license type
Renesas Graphics Library (RGL)
Renesas provides the RGL (Renesas Graphics Library) as a
simple Graphics Processing Unit (GPU) programming interface.
It is available for all V850E2/Dx4 devices with a graphics
sub-system incl. 2D and 3D drawing engine support.
Renesas C/C++ Compiler Package (SH)
Integrated development environment for C/C++
Package includes High-performance Embedded
Workshop (HEW), compiler, assembler, linker,
simulator and debugger
Supports ELF/DWARF debugging format
Different license options: locked to PC,
dongled (USB), floating
Order code depends on license type
Applilet
Peripheral driver code generator for 78K and
RL78 devices
Based on graphical user interface settings the peripheral
driver initialization and API function code will be generated
AUTOSAR
AUTOSAR R3.x/4.0 MCAL software drivers are available for most 32-bit
devices. The Renesas MCAL software drivers can be obtained as a stand
alone software package or integrated in a complete basic software stack
in cooperation with the leading software vendors. Renesas AUTOSAR
software is used in mass production at all major OEMs.
Socket System I (78K and V850E2)
Socket System II (V850 only)
Socket System III (R8C)
Please visit www.renesas.eu/products/mpumcu for socket references and additional tool information.
Automotive Microcontrollers
IECUBE2 In-Circuit Emulator (V850E2 only)
For V850E2 devices
Universal main unit, device-dependent
emulation probe
Package includes
» IAR Embedded Workbench (size limited)
» USB cable, power supply
Order code: QB-V850E2-EE (main unit)
IECUBE In-Circuit Emulator (78K, RL78, V850)
For 78K, RL78 and V850 devices
Package includes
» IAR Embedded Workbench (size limited)
» USB cable, power supply
Order code depends on target device
E100 In-Circuit Emulator (R8C)
For R8C devices
Universal main unit, device-dependent
emulation probe
Package includes
» High-performance Embedded Workshop (HEW)
» USB cable, power supply
Order code: R0E001000EMU00 (main unit)
R0E521300MCU00 (R8C/3x emulation probe)
Target system
Emulation probe
QB-*-EP-*
Space adapter
QB-*-YS-*T
Mount adapter
QB-*-HQ-*T
Target connector
QB-*-NQ-*T
ICE connector
QB-*-YQ-*T
Check pin adapter 2
(generic)
QB-144-CA-01
Target device
IECUBE2 POD
QB-V850E2FX4H-POD
Exchange adapter
QB-*-EA-*T
Check pin adapter 2
(generic)
QB-144-CA-01
Emulation probe
QB-144-EP-01S
Target system
Exchange adapter
QB-*-EA-*S
Target connector
QB-*-TC-*S
Mount adapter
QB-*-MA-*S
Space adapter
QB-*-SA-*S
Check pin adapter 1
(device specific)
QB-*-CA-*S
Target device
Target system
Space adapter
YQSOCKETxxxx
Mount adapter
HQPACKxxxx
Target connector
NQPACKxxxx
ICE connector
YQPACKxxxx
Target device
Exchange adapter
R0E5303xxxxxxx
Emulation probe
R0E521300MCU00
Lauterbach
Universal debugger system TRACE32®
» For 78K0R, RL78 and V850 debugging
» For SuperH debugging incl. tracing
For more information visit
www.lauterbach.com
iSYSTEM
Universal emulator and debugger system:
» On-chip debugging for 78K,
V850 and SuperH
» In-circuit emulation of 78K,
R8C and V850
For more information visit
www.isystem.com
Pincount
Code
Plating
Type
Body Size
[mm²]
Pin Pitch
[mm]
16
MA-FAA-G
Ni/Pd/Au
SSOP
5.2 x 5.0
0.65
20
MC-CAA-G
Ni/Pd/Au
SSOP
6.5 x 6.1
0.65
PLSP0020JB-A
SnCu
6.5 x 4.4
30
MC-CAB-G
Ni/Pd/Au
SSOP
9.7 x 6.1
0.65
32
K8-3B4-G
Ni/Pd/Au
QFN
5 x 5
0.5
PLQP0032GB-A
SnCu
QFP
7 x 7
0.8
40
K8-4B4-G
Ni/Pd/Au
QFN
6 x 6
0.5
48
GA-GAM-G
Ni/Pd/Au
QFP
7 x 7
0.5
K8-5B4-G
QFN
PLQP0048KB-A
SnCu
QFP
64
GB-GAH-G
Ni/Pd/Au
QFP
10 x 10
0.5
PLQP0064KB-A
SnCu
80
GK-GAK-G
Ni/Pd/Au
QFP
12 x 12
0.5
PLQP0080KB-A
SnCu
100
GC-UEU-G, GC-UEU-AX
Ni/Pd/Au
QFP
14 x 14
0.5
120
PLQP0120LA-A
SnCu
QFP
14 x 14
0.4
PLQP0120KB-A
128
GF-GAT-G
Ni/Pd/Au
QFP
14 x 20
0.5
Pincount
Code
Plating
Type
Body Size
[mm²]
Pin Pitch
[mm]
144
GJ-GAE-G, GJ-GAE-AX
Ni/Pd/Au
QFP
20 x 20
0.5
GJ-GBG-G
PLQP0144KA-A
SnCu
176
GM-GAR-G
Ni/Pd/Au
QFP
24 x 24
0.5
GM-GBK-G
PLQP0176KB-A
PRBG0176GA-A
SnAgCu
BGA
13 x 13
0.8
208
GD-FAD-G
Ni/Pd/Au
QFP
28 x 28
0.5
PLQP0208KB-A
SnCu
256
PLQP0256LB-A
SnCu
QFP
28 x 28
0.4
272
F1-JN1-A
SnAgCu
BGA
21 x 21
1.0
PRBG0272FA-A
PLBG0272GA-A
292
PRBG0292GB-A
SnAgCu
BGA
17 x 17
0.8
352
F1-KN7-A
SnAgCu
BGA
23 x 23
1.0
408
F1-MNM-A
SnAgCu
BGA
23 x 23
1.0
429
tbd
SnAgCu
BGA
18 x 18
0.8
496
tbd
SnAgCu
BGA
21 x 21
0.8
672
F5-PN7-A
SnAgCu
BGA
30 x 30
1.0
832
tbd
SnAgCu
BGA
27 x 27
0.8
E1 On-Chip Debugger (78K, R8C, RL78, V850)
Supports all 78K, R8C, RL78 and
V850 target interfaces
(JTAG, UART, N-Wire, Single-Pin etc.)
Fast in-circuit flash programming
Supports power supply to target
Package includes IAR Embedded
Workbench (size limited), USB interface cable
and 14-pin target cable
Order code: YR0E000010KCE00-A
E10A-USB On-Chip Debugger (SH)
Supports two target interfaces:
» 14-pin for basic on-chip debugging
without tracing (H-UDI)
» 36-pin for advanced debugging including
tracing (AUD)
Fast in-circuit flash programming
Package includes High-performance Embedded
Workshop (HEW), USB interface cable and target cables
Order codes: HS0005KCU01H H-UDI only)
HS0005KCU02H (H-UDI and AUD)
HS0005ECK01H (optional cable to connect the
HS0005KCU02H to 38-pin
Mictor connector)
Exchange Adapter for On-Chip Debugger
20-pin Exchange Adapter for E1 Debugger
» To connect E1 debugger
to 20-pin MiniCube connector
» Order code: YADAPTER-F14T20
16-pin Exchange Adapter for E1 Debugger
» To connect E1 debugger
to 16-pin MiniCube2 connector
» Order code: QB-F14T16-01
14-pin Exchange Adapter for MINICUBE Debugger
» To connect MiniCube debugger
to 14-pin E1 connector
» Order code: YADAPTER-F20T14
Flash Programmer PG-FP5
Supports 78K, R8C, RL78, V850 and SH flash
microcontrollers
For development, prototyping and mass production
Windows™ and terminal interface
Host-controlled and stand-alone operation
16 MB internal memory for up to 8 program codes
incl. setup data
USB2.0 and RS-232 interface
Self-test function
Order code: PG-FP5-EE
Flash Development Toolkit (FDT) for Microsoft WindowsTM
Supports R8C and SH flash microcontrollers
For development and prototyping
Works with E1/E8a debugger and direct
RS-232/UART connection
Available for free at
http://www.renesas.eu/fdt
Renesas Flash Programming Software (RFP) for Microsoft WindowsTM
Supports 78K, RL78 and V850 flash microcontrollers
For development and prototyping
Works with E1 debugger and direct RS-232/UART connection
Graphical user interface
Available for free at
http://www.renesas.eu/updates?id=396
78K0R/Fx3 Target Board
For 78K0R/Fx3 evaluation
Equipped with
» 100-pin 78K0R/FG3 device
(µPD70F1845)
» CAN, 2 LIN interfaces
» one switch, two LEDs,
breadboard area
» I/O expansion headers
» 16-pin debug connector
Board dimensions: 109 mm x 55 mm
Order code: QB-78K0RFG3-TB
R8C/3x Application Board
For R8C/3x evaluation
Equipped with
» R8C/3x device
» CAN, LIN interface
» two 7-segment LEDs, switches
» analogue input, I/O expansion
headers
» E1 debug connector
Board dimensions: 120 mm x 80 mm
Order code depends on target device
RL78/F12 Target Board
For RL78/F12 evaluation
Equipped with
» 48-pin RL78/F12 device
(R5F109GEAFB)
» E1 debugging and programming
interface
» LIN transceiver circuit
» One switch, two LEDs,
breadboard area
Board dimensions: 70 mm x 55 mm
Order code: QB-R5F109GE-TB
V850E2/Fx4 Application Board
For V850E2/Fx4(-H) evaluation
and programming
Equipped with
» 208-pin V850E2/FL4 device
(µPD70F4012)
» FlexRay, CAN, UART interface
» 20-pin JTAG debug connector
» PG-FP5 connector
Board dimensions: 300 mm x 205 mm
Package includes quick-start guide
Order code: AB-050-FX4-MB-L-Q-DEV-V2
SH745x Development Board
For SH74504/SH74552 evaluation
Equipped with
» SH74504 or SH74552 device
» 2 FlexRay, 5/4 CAN interfaces
» RS-232C, UART connector
» switches, LEDs, 2 analogue inputs
» I/O expansion headers
» E10A-USB debug connector
Board dimensions:
200 mm x 150 mm (for SH74504)
180 mm x 120 mm (for SH74552)
Package includes CD with user’s manual and
sample software
Order code: R0K474504S000BR#ES (for SH74504)
R0K474552S000BR#ES (for SH74552)
SH72546 Development Board
For SH72546 evaluation
Equipped with
» SH72546 device (R5F72546RKBG
or R5E72546RKBG)
» 3 CAN, RS232C interface
» LCD module, switches, LEDs,
analogue input
» I/O expansion headers
» E10A-USB debug connector
Board dimensions: 180 mm x 150 mm
Package includes
» power supply, serial cable (null modem)
» CD with documentation and information
Order code: YASKSH72546R-WS (R5F72546RKBG)
YASKSH72546RFCC-ES (R5E72546RKBG)
V850E2/PJ4 Application Board
For V850E2/Px4 evaluation
Equipped with
» socket for V850E2/PJ4 device
» FlexRay, 3 CAN, 3 LIN interfaces
» E1 debug connector
» PG-FP5 connector
Board dimensions: 330 mm x 187 mm
Package includes user’s manual
and schematic
Order code: AB-050-PJ4
SH7269 Development Board
For SH7268 and SH7269 evaluation
Equipped with
» SH7269 device
» 4 MB NOR and 256 MB NAND
flash memory
» 2 MB serial flash memory
» 16 MB SDRAM and 16 KB E²PROM
» RS-232C, UART, USB connector
» switches, LEDs, I/O expansion headers
» E10A USB debug connector
Board dimensions: 148 mm x 148 mm
Package includes CD with user’s manual,
schematic and sample software
Order codes: R0K572690C000BR (SH7269 CPU board)
R0K572690B000BR (VDC4 Option Board)
M3A-HS64G01
(Audio Option board)
M3A-HS64G02
(Graphics Option Board)
SH726B Development Board
For SH726A and S726B evaluation
Equipped with
» SH726B device
» 2 x 16 MB serial flash memory
» 16 MB SDRAM
» RS-232C, UART, USB, LAN,
CAN interface
» switches, LEDs, I/O expansion headers
» E10A USB debug connector
Board dimensions: 180 mm x 150 mm
Package includes CD with user’s manual,
schematic and sample software
Order code: R0K5726B0C000BR
R-CAR M1A Development Board ‘MILAN’
For R-CAR M1A
Equipped with:
» R-CAR M1A device
» 64 MB flash memory
» 512 MB DDR3-DRAM
» RS-232C, UART, USB, SD, LAN, CAN,
MLB interfaces
» HDMI display out (with HDMI to DVI adapter)
» switches, LEDs, I/O expansion headers
» 2 JTAG debug connectors
Board dimensions: 165 mm x 120 mm
Package includes CD with user’s manual and schematic
Order code: Y-R-Car-M1A-Board
R-CAR H1 Development Board ‘MARZEN‘
For R-CAR H1
Equipped with:
» R-CAR H1 device
» 64 MB flash memory and 1 MB
serial flash/E²PROM
» 2 x 512 MB DDR3-DRAM
» RS-232C, UART, USB, SD, LAN, SATA,
PCI , CAN and MLB interfaces
» Analog RGB with DSUB 15-pin and/or LVDS
flat cable connector
» switches, LEDs, I/O expansion headers
» JTAG and ETM debug/trace connector
Board dimensions: 200 mm x 150 mm
Package includes CD with user’s manual, schematic and boot software
Order code: R0P7779A00010S
V850E2/Px4 Starter Kit
Equipped with
» V850E2/PJ4 device (µPD70F3506)
» FlexRay, 2 CAN, 1 LIN interfaces
» E1 debugging and programming
interface
» LCD module
Package includes
» GHS Multi 90-Day Evaluation
License
» KickStart Edition of IAR EW (64 KB)
» E1 debugger
» Multi-region 12V power supply
Order code: YASK-V850E2-PX4
Motor Control Application Board 1
To be used in combination with the
V850E2/Px4 Starter Kit
Designed to drive 12 V three-phase,
permanent magnet synchronous
machines (PMSM), such as BLDC and
PMAC up to 30 A phase current
Equipped with
» Gate driver unit ELMOS 910.87
» Three-phase inverter
» Supports resolver, hall sensor and encoder
(resolver-to-digital converter with
SPI output, level shifters for hall sensor and
encoder signals)
» Current converter for current measurements
» 2 NTC temperature sensors
Order code: Y-AB-MC1-V1
V850E2/Fx4-L Starter Kit
Equipped with
» V850E2/FG4-L device (µPD70F3580)
» 2 CAN, 1 LIN interfaces
» E1 debugging and programming
interface
» High brightness LED, RGB LED
Package includes
» GHS Multi 90-Day Evaluation License
» KickStart Edition of IAR EW (64 KB)
» E1 debugger
No separate power supply necessary
Order code: Y-ASK-V850E2/FG4-L
V850E2/Dx4 Application Board
For the first steps with all
V850E2/Dx4(-H) devices.
Perfect for early development of
2D graphics applications
Must be used in combination
with a device specific adapter
board containing the MCU
Equipped with
» FlexRay, CAN, LIN, MLB interfaces
» LCD interface, video in, video out
» various controls
» 20-pin JTAG debug and PG-FP5 connector
Board dimensions: 300 mm x 225 mm
Package includes quick-start guide
Order code: AB-V850E2-DX4-MAIN (main board)
AB-V850E2-D… (adapter boards)
V850E2/Dx4-3D Application Board
For evaluation and demonstration of
the V850E2/DR4-3D, especially in regard
to its video and graphics capabilities
Equipped with
» Ethernet, FlexRay, CAN, MLB, I²S and
other interfaces
» 2 x video in (digital), 1 x video in (analog)
» 2 x video out (digital)
» 20-pin JTAG debug and PG-FP5 connector
Board dimensions: 350 mm x 350 mm
Package includes power supply and quick-start guide
Order code: AB-V850E2-DX4-3D
V850E2/Dx4 Add-On QVGA Board
For the extension of application boards
with a touch-controlled TFT to make graphics
project development as easy as possible
Equipped with
» 3.5” TFT touch-screen
» touch-screen connector (10-pin)
» 30-pin interface
Package includes quick-start guide
Board dimensions: 105 mm x 85 mm
Order code: EB-EXT-QVGA-PT
S Series
V850E2/SG4-H
µPD70F4013
1 M
96 K
32 K V850E2 
56 4/5(5) 1 4  4 I²S, PCM, MLB,
IEBus
–/16/4 18 160
240 kHz &
8 MHz
4 x 10-bit/- 3.0...3.6 100
LQFP
85, 105
BUR, SPF, DMA,
RTC, ENC, POC
µPD70F4014
1.5 M 128 K
V850E2/SJ4-H
µPD70F4015
1 M
96 K
32 K V850E2 
98 5/5(5) 2 4  4 I²S, 2 PCM, MLB,
IEBus
–/16/4 18 160
240 kHz &
8 MHz
14 x 10-bit/- 3.0...3.6 144
LQFP
85, 105
BUR, SPF, DMA,
RTC, ENC, POC
µPD70F4016
1.5 M 128 K
V850E2/SK4-H
µPD70F4017
1.5 M 128 K
32 K V850E2  127 5/5(5) 2 4  6 I²S, 2 PCM, MLB,
IEBus, MII
–/32/4 33 160
240 kHz &
8 MHz
16 x 10-bit/- 3.0...3.6 176
LQFP
85, 105
BUR, SPF, DMA,
RTC, ENC, POC
µPD70F4018
2 M
192 K
SH-2A
SH726A
R5S726A0
-
1.25 M
-
SH-2A
57 3/5 (0)
-
4 
4 I²S, MMC, SD,
SPDIF, 2 SRC,
USB FS
-/7/-
5 216
-
6 x 10-bit/- 3.0...3.6 120
PLQP0120KB-A
85
CDROM dec, DMA, RTC,
SRC, WDT, XIP
R5S726A1
2
R5S726A2
-
PLQP0120LA-A
R5S726A3
2
SH726B
R5S726B0
-
1.25 M
-
SH-2A
74 4/5 (0)
-
4 
4 I²S, MMC, SD,
SPDIF, 2 SRC,
USB FS
-/7/-
5 216
-
8 x 10-bit/- 3.0...3.6 144 PLQP144KA-A
85
CDROM dec, DMA, RTC,
SRC, WDT, XIP
R5S726B1
2
SH7266
R5S72660
-
1.5 M
-
SH-2A
80 1/5 (0)
-
3 
Display Unit, 3 I²S,
SD, SPDIF, 2 SRC,
USB HS
-/7/-
7 144
6 x 10-bit/- 3.0..3.6 144 PLQP0144KA-A
85
CDROM dec, RTC, 2 SRC,
WDT
R5S72661
2
SH7267
R5S72670
-
1.5 M
-
SH-2A
104 2/8 (0)
-
3 
Display Unit, 4 I²S,
SD, SPDIF, 2 SRC,
USB HS
-/7/-
7 144
6 x 10-bit/- 3.0..3.6 176 PLQP0176KB-A
85
CDROM dec, RTC, 2 SRC,
WDT
R5S72671
2
SH7268
R5S72680
-
2.5 M
-
SH-2A
111 4/5 (0)
-
2 
Display Unit, 4 I²S,
MMC, USB HS, SD,
SPDIF, 3 SRC
-/7/-
7 266
6 x 10-bit/- 3.0..3.6 208 PLQP0208KB-A
85
CDROM dec, DMA, GFX, IMR,
JPEG dec, RTC, 3 SRC, video
dec, WDT, XIP
R5S72681
3
SH7269
R5S72690
-
2.5 M
-
SH-2A
148 4/8 (0)
-
4 
Display Unit, 6 I²S,
MMC, 2 SD, SPDIF,
3 SRC, USB HS
-/7/-
7 266
8 x 10-bit/- 3.0..3.6 256,
272
PLQP0256LB-A,
PLBG0272GA-A
85
CDROM dec, DMA, GFX,
IMR, JPEG dec, RTC, 3 SRC,
video dec, WDT, XIP
R5S72691
3
R-CAR
R-CAR L1
tbd
-
Cortex
A9
tbd 3/8 (0) 2 4 
Display Unit, 16-bit
DDR3, 8 I²S, MLB,
3 SD, 2 USB HS
-/-/9
4 400
-
2 x 12-bit/- 3.0...3.6 429
FPBGA
(18x18 mm²,
0.8 mm p.p.)
85
DMA, SGX531
R-CAR E1
µPD35004
128 K
Cortex
A9
tbd 3/8 (0) 2 4 
16-bit DDR2/DDR3,
Display Unit,
Ethernet MAC, 8
I²S, MLB, PATA, 3
SD, 2 USB HS
-/-/9
4 533
-
2 x 12-bit/- 3.0...3.6 429
FPBGA
(18x18 mm²,
0.8 mm p.p.)
85
DMA, GPS, SGX531,
video dec
R-CAR M1S
R8A77780
512 K
SH-4A
155 3/8 (0) 2 4 
32-bit DDR2/DDR3,
Display Unit,
Ethernet MAC, 9 I²S,
MLB, MMC, PATA,
3 SD, 2 USB HS
-/-/9
7 800
-
3.0...3.6 496
FPBGA
(21x21 mm²,
0.8 mm p.p.)
85
DMA, GPS, Media Engine,
secure/crypt engine,
SGX540, SRC
R-CAR M1A
R8A77781
512 K
Cortex
A9
155 3/8 (0) 2 4 
32-bit DDR2/DDR3,
Display Unit,
Ethernet MAC, 9 I²S,
MLB, MMC, PATA,
3 SD, 2 USB HS
-/-/9
7 800
-
3.0...3.6 496
FPBGA
(21x21 mm²,
0.8 mm p.p.)
85
DMA, GPS, Media Engine,
secure/crypt engine,
SGX540, SRC
R-CAR H1
R8A77790
768 K
4 x
Cortex
A9
201 3/8 (0) 2 4 
2 x 32-bit DDR3,
Display Unit,
Ethernet MAC, 10
I²S, MLB, MMC,
PATA, PCIe, SATA,
4 SD, 3 USB HS
-/-/9
7 1000
-
3.0...3.6 832
FPBGA
(27x27 mm²,
0.8 mm p.p.)
85
DMA, GPS, Media Engine,
secure/crypt engine,
SGX543MP2, SRC
Other features:
BUR Backup RAM
DRO Direct RAM Output
LCD LCD controller/driver
POC Power-On Clear
SRC Sample Rate Converter
BVS Battery Voltage Supervision
DTC Data transfer controller
LBI LCD bus interface
RIF Resolver interface
VR3 Voltage Regulator 3.3 V
CMP Comparator(s)
ENC Encoder timer for rotary switch
LTR LIN Transceiver
RTC Real-Time Clock
VR5 Voltage Regulator 5.0 V
DIV
Hardware divider
GFX 2D/3D graphics engine
LVI Low-voltage indicator
SMC Stepper motor controller
WDT Window Watchdog Timer
DMA Direct memory access
GPS GPS baseband controller
MCT Motor control timer
SND Sound generator
XIP Execute in Place from serial flash
DRI
Direct RAM Input
IMR Image renderer
MUL Hardware multiplier
SPF System protection function
Edition March 2012
www.renesas.eu


Similar Part No. - NP82N04MLG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP82N04MDG RENESAS-NP82N04MDG Datasheet
326Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP82N04MDG-S18-AY RENESAS-NP82N04MDG-S18-AY Datasheet
326Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP82N04MUG RENESAS-NP82N04MUG Datasheet
322Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP82N04MUG-S18-AY RENESAS-NP82N04MUG-S18-AY Datasheet
322Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP82N04MUG-S18-AYNote RENESAS-NP82N04MUG-S18-AYNote Datasheet
322Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results

Similar Description - NP82N04MLG

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8024 SONARDYNE-8024 Datasheet
135Kb / 2P
   Scout USBL Transceiver
logo
List of Unclassifed Man...
IN5240 ETC2-IN5240 Datasheet
1Mb / 8P
   Shock absorber INDIAN Scout
logo
Xilinx, Inc
XA2S200E-6FT256Q XILINX-XA2S200E-6FT256Q Datasheet
141Kb / 6P
   Automotive XA Product Family
logo
AVX Corporation
F93-AJ6 AVX-F93-AJ6 Datasheet
241Kb / 5P
   Resin-Molded Chip - Automotive Product Range
F93-AJ6 AVX-F93-AJ6_15 Datasheet
206Kb / 4P
   Resin-Molded Chip - Automotive Product Range
logo
List of Unclassifed Man...
ES6230 ETC1-ES6230 Datasheet
60Kb / 4P
   Vibratto-II Automotive DVD Processor Product Brief
logo
ESS Technology,Inc
ES6218A ESS-ES6218A Datasheet
157Kb / 10P
   Vibratto-S Automotive DVD Processor Product Brief
logo
Nexperia B.V. All right...
74AHC2G32-Q100 NEXPERIA-74AHC2G32-Q100 Datasheet
212Kb / 11P
   Automotive product qualification in accordance with AEC-Q100
74AHC86-Q100 NEXPERIA-74AHC86-Q100 Datasheet
705Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
74AHC08-Q100 NEXPERIA-74AHC08-Q100 Datasheet
716Kb / 14P
   Automotive product qualification in accordance with AEC-Q100
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com