Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVP-AE Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # EVP-AE
Description  Light Touch and Detector Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

EVP-AE Datasheet(HTML) 1 Page - Panasonic Battery Group

  EVP-AE Datasheet HTML 1Page - Panasonic Battery Group EVP-AE Datasheet HTML 2Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Six New and Expanded Electromechanical Series (continued on back side)
NEW! EVP-AN, EVQ-9P7, ESE-31 Series
Light Touch and Detector Switches
Copyright © 2012 Panasonic Corporation of North America.
All Rights Reserved. Specifications are subject to change without notice.
EC-EMC-Switches-NPI-Line Ext., FY11-107-XXX
www.panasonic.com/industrial/electronic-components
industrial@us.panasonic.com
1-800-344-2112
New
Product
Introduction
EVP-AN
3.5 x 2.9mm Side-Operational Half Dive Switch
EVQ-9P7
3.5 x 2.9mm Side-Operational Light Touch Switch
ESE-31
1.7mm Detector Switch
Ultra-Durable Edge-Mounting Design
Clever switch design penetrates into PCB, allowing slimmer
application profile and increased mounting strength!
•Overall Switch Height - 1.2mm
•Effective Height from PCB - 0.7mm
•Strong Mounting Strength
Unique, Ultra-Durable Edge-Mounting Design
Improved soldering strength in push direction!
•Effective Height: 1.35mm
•High Operational Life - 100,000 Cycles
•Now with 1.6N Push Force
More Versatility In Detection!
With both left-to-right and right-to-left options, the
ESE-31 Series allows actuation from both directions.
•Slim Body Profile - 1.7mm
•High Mounting Strength: 80 N
•Multiple Actuation Methods
•Now Halogen-Free
For detailed specification information on these new and expanded Light Touch and Detector Switches visit:
• panasonic.com/industrial/components/pdf/EVP-AN_DataSheet.pdf
• panasonic.com/industrial/components/pdf/EVQ-9P7_DataSheet.pdf
• panasonic.com/industrial/components/pdf/ESE-31_DataSheet.pdf
Website: panasonic.com/industrial/electronic-components/electromechanical/index.aspx
NEW!
Line Ext.
Line Ext.
Panasonic, a worldwide leader in Electromechanical Products, is pleased to introduce new and expanded Light
Touch and Detector Switch Series to our already outstanding Electromechanical product line. Target markets
include Portable Electronics, Telecommunication, Medical Devices and Mobile Phones. RoHS compliant.


Similar Part No. - EVP-AE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVP-AEDB2A PANASONIC-EVP-AEDB2A Datasheet
95Kb / 2P
   4.5 mm2.2 mm Side-operational Edge Mount Light Touch Switch es
More results

Similar Description - EVP-AE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQQ0C PANASONIC-EVQQ0C Datasheet
111Kb / 3P
   Light Touch Switches
EVQPVA05K PANASONIC-EVQPVA05K_16 Datasheet
103Kb / 2P
   Light Touch Switches
EVQ9P701K PANASONIC-EVQ9P701K Datasheet
143Kb / 4P
   Light Touch Switches
EVQPS0202K PANASONIC-EVQPS0202K Datasheet
112Kb / 4P
   Light Touch Switches
EVQPLA PANASONIC-EVQPLA Datasheet
89Kb / 3P
   Light Touch Switches
EVQP4HB3B PANASONIC-EVQP4HB3B_16 Datasheet
129Kb / 3P
   Light Touch Switches
EVPAX PANASONIC-EVPAX Datasheet
93Kb / 2P
   Light Touch Switches
EVQPAC04M PANASONIC-EVQPAC04M_12 Datasheet
86Kb / 3P
   5N Type Light Touch Switches Light Touch Switches/EVQPA/PB
EVQ-PPHA25 PANASONIC-EVQ-PPHA25 Datasheet
97Kb / 4P
   Light Touch Switches/EVQPP
EVQ-P8203M PANASONIC-EVQ-P8203M Datasheet
98Kb / 3P
   Light Touch Switches/EVQP4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com