Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5283-5.0YML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5283-5.0YML
Description  Ultra-Low IQ, High-PSRR Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5283-5.0YML Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5283-5.0YML Datasheet HTML 5Page - Micrel Semiconductor MIC5283-5.0YML Datasheet HTML 6Page - Micrel Semiconductor MIC5283-5.0YML Datasheet HTML 7Page - Micrel Semiconductor MIC5283-5.0YML Datasheet HTML 8Page - Micrel Semiconductor MIC5283-5.0YML Datasheet HTML 9Page - Micrel Semiconductor MIC5283-5.0YML Datasheet HTML 10Page - Micrel Semiconductor MIC5283-5.0YML Datasheet HTML 11Page - Micrel Semiconductor MIC5283-5.0YML Datasheet HTML 12Page - Micrel Semiconductor MIC5283-5.0YML Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Micrel, Inc.
MIC5283
March 2012
9
M9999-030812-A
Detailed Description
The MIC5283 voltage regulator accepts a 6V to 120V input
voltage and has an ultra-low 8µA typical quiescent current
while offering an excellent line transient response and
PSRR. These features make it ideal for harsh, noisy
environments. All options offer 150mA of output current.
The MIC5283YML and MIC5283YME offer an adjustable
output voltage from 1.22V to 5.5V. The MIC5283-3.3YML
and MIC5283-3.3YME offer fixed 3.3V outputs and the
MIC5283-5.0YML and MIC5283-5.0YME offer fixed 5.0V
outputs. The YME packaged devices feature a heat slug to
more effectively remove heat from the die.
Applications Information
Thermal Protection
The MIC5283 has internal thermal shutdown to protect it
from excessive heating of the die. When the junction
temperature exceeds approximately +155°C, the output is
disabled and the device begins to cool down. The device
turns back on when the junction temperature cools by
15°C. This will result in a cycled output during continuous
thermal-overload conditions.
Current Limit
The MIC5283 features output current-limit protection. The
output sustains a continuous short circuit to GND without
damage to the device, but thermal shutdown often results.
The typical value for the current limit of the MIC5283 is
300mA.
Input Capacitor
Connect a 1.0µF capacitor from VIN to GND. Micrel
recommends
the
C5750X7R2E105M,
1.0µF,
250V
capacitor made by TDK. When using a different capacitor,
assure that the voltage rating of the capacitor has
adequate headroom to withstand any potential transient.
CPSRR Capacitor
To maintain high power supply rejection, connect a 0.1µF
capacitor from CPSRR to GND. The voltage rating of the
capacitor must be at least 14V.
Output Capacitor
Connect a 10µF capacitor from VOUT to GND. Assure that
the voltage rating of the capacitor exceeds the designed
output voltage of the MIC5283.
Output Voltage Setting
For the MIC5283YML and MIC5283YME, VOUT is
programmable from 1.22V to 5.5V using an external
resistive divider. VOUT is set using the following equation:
1
R2
R1
V
V
REF
OUT
where VREF = 1.22V, and R1 and R2 form the feedback
voltage divider from VOUT to ground.
Thermal Measurements
It is always prudent to measure an IC’s case temperature
to make sure that it is within operating limits, but it is easy
to get erroneous results. The standard thermocouple that
comes with many voltage meters uses a large wire gauge
that behaves like a heat-sink, resulting in artificially low
case temperature measurements. Use a thermocouple of
36-gauge wire or smaller, such as the Omega (5SC-TT-K-
36-36), to minimize the heat-sinking effect. Also, apply a
thermal compound to maximize heat transfer between the
IC and the thermocouple.
An infrared thermometer is a recommended alternative.
The IR thermometer from Optris has a 1mm spot size,
ideal for monitoring small surface mount packages. Also,
the optional stand makes it easy to keep the beam on the
IC for long periods of time.


Similar Part No. - MIC5283-5.0YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5283-5.0YML MICREL-MIC5283-5.0YML Datasheet
962Kb / 19P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
More results

Similar Description - MIC5283-5.0YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281_14 Datasheet
864Kb / 16P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281 Datasheet
687Kb / 18P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283_12 Datasheet
962Kb / 19P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5281 MICREL-MIC5281_11 Datasheet
781Kb / 21P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282 Datasheet
690Kb / 18P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5283 MICREL-MAQ5283 Datasheet
828Kb / 14P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282_14 Datasheet
878Kb / 16P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
logo
ON Semiconductor
NCP785A ONSEMI-NCP785A Datasheet
109Kb / 10P
   Wide Input Voltage Range 10mA Ultra-Low Iq, High PSRR Linear Regulator
December, 2014 ??Rev. 2
NCP729 ONSEMI-NCP729_13 Datasheet
683Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR LDO Linear Voltage Regulator
April, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com