Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REJ05B0464 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # REJ05B0464
Description  Renesas 16-Bit Single-Chip Microcomputer
Download  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

REJ05B0464 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button REJ05B0464 Datasheet HTML 2Page - Renesas Technology Corp REJ05B0464 Datasheet HTML 3Page - Renesas Technology Corp REJ05B0464 Datasheet HTML 4Page - Renesas Technology Corp REJ05B0464 Datasheet HTML 5Page - Renesas Technology Corp REJ05B0464 Datasheet HTML 6Page - Renesas Technology Corp REJ05B0464 Datasheet HTML 7Page - Renesas Technology Corp REJ05B0464 Datasheet HTML 8Page - Renesas Technology Corp REJ05B0464 Datasheet HTML 9Page - Renesas Technology Corp REJ05B0464 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 446 page
background image
Rev. 6.00 Mar. 24, 2006 Page iv of xxviii
General Precautions on Handling of Product
1. Treatment of NC Pins
Note:
Do not connect anything to the NC pins.
The NC (not connected) pins are either not connected to any of the internal circuitry or are
used as test pins or to reduce noise. If something is connected to the NC pins, the
operation of the LSI is not guaranteed.
2. Treatment of Unused Input Pins
Note:
Fix all unused input pins to high or low level.
Generally, the input pins of CMOS products are high-impedance input pins. If unused pins
are in their open states, intermediate levels are induced by noise in the vicinity, a pass-
through current flows internally, and a malfunction may occur.
3. Processing before Initialization
Note:
When power is first supplied, the product's state is undefined.
The states of internal circuits are undefined until full power is supplied throughout the
chip and a low level is input on the reset pin. During the period where the states are
undefined, the register settings and the output state of each pin are also undefined. Design
your system so that it does not malfunction because of processing while it is in this
undefined state. For those products which have a reset function, reset the LSI immediately
after the power supply has been turned on.
4. Prohibition of Access to Undefined or Reserved Addresses
Note:
Access to undefined or reserved addresses is prohibited.
The undefined or reserved addresses may be used to expand functions, or test registers
may have been be allocated to these addresses. Do not access these registers; the system's
operation is not guaranteed if they are accessed.


Similar Part No. - REJ05B0464

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
REJ05B046337 RENESAS-REJ05B046337 Datasheet
5Mb / 932P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family/SH7144
More results

Similar Description - REJ05B0464

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F38602R RENESAS-HD64F38602R Datasheet
3Mb / 552P
   Renesas 16-Bit Single-Chip Microcomputer
H8S33 RENESAS-H8S33 Datasheet
7Mb / 1489P
   Renesas 16-Bit Single-Chip Microcomputer
H8S29 RENESAS-H8S29 Datasheet
7Mb / 1304P
   Renesas 16-Bit Single-Chip Microcomputer
H8S-2427 RENESAS-H8S-2427 Datasheet
7Mb / 1270P
   Renesas- 16-bit single-chip microcomputer
Rev.3.00 2012.09
H8S43 RENESAS-H8S43 Datasheet
6Mb / 1279P
   Renesas 16-Bit Single-Chip Microcomputer
HD64F2168 RENESAS-HD64F2168 Datasheet
4Mb / 874P
   Renesas 16-Bit Single-Chip Microcomputer
H838799 RENESAS-H838799 Datasheet
4Mb / 686P
   Renesas 16-Bit Single-Chip Microcomputer
H83069RF RENESAS-H83069RF Datasheet
4Mb / 1003P
   Renesas 16-Bit Single-Chip Microcomputer
H8S2194 RENESAS-H8S2194 Datasheet
5Mb / 1078P
   Renesas 16-Bit Single-Chip Microcomputer
3069RF-ZTAT RENESAS-3069RF-ZTAT Datasheet
4Mb / 1003P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com