Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC-5723HR Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTC-5723HR
Description  0.56 inch (14.2 mm) DIGIT HEIGHT.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTC-5723HR Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTC-5723HR Datasheet HTML 1Page - Lite-On Technology Corporation LTC-5723HR Datasheet HTML 2Page - Lite-On Technology Corporation LTC-5723HR Datasheet HTML 3Page - Lite-On Technology Corporation LTC-5723HR Datasheet HTML 4Page - Lite-On Technology Corporation LTC-5723HR Datasheet HTML 5Page - Lite-On Technology Corporation LTC-5723HR Datasheet HTML 6Page - Lite-On Technology Corporation LTC-5723HR Datasheet HTML 7Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LTC-5723HR
PAGE:
2 of 6
BNS-OD-C131/A4
FEATURES
*0.56 inch (14.2 mm) DIGIT HEIGHT.
*CONTINUOUS UNIFORM SEGMENTS.
*LOW POWER REQUIREMENT.
*EXCELLENT CHARACTERS APPEARANCE.
*HIGH BRIGHTNESS & HIGH CONTRAST.
*WIDE VIEWING ANGLE.
*SOLID STATE RELIABILITY.
*CATEGORIZED FOR LUMINOUS INTENSITY.
DESCRIPTION
The LTC-5723HR is a 0.56 inch (14.2 mm) digit height quadruple
digit seven-segment display. This device utilizes high efficiency red
LED chips, which are made from GaAsP on a transparent GaP
substrate, and has a red face and red segments.
DEVICE
PART NO.
DESCRIPTION
HI-EFF. Red
Multiplex Common Cathode
Rt. Hand Decimal
LTC-5723HR


Similar Part No. - LTC-5723HR

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTC-5753WC-01 LITEON-LTC-5753WC-01 Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
LTC-5753WC-01 LITEON-LTC-5753WC-01 Datasheet
786Kb / 5P
   Continuous uniform segments
More results

Similar Description - LTC-5723HR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MAN6110E FAIRCHILD-MAN6110E Datasheet
283Kb / 7P
   0.56 INCH (14.2 MM) DUAL DIGIT STICK DISPLAY
MAN6160E FAIRCHILD-MAN6160E Datasheet
269Kb / 7P
   0.56 INCH (14.2 MM) SINGLE DIGIT STICK DISPLAY
MSQ6110C FAIRCHILD-MSQ6110C Datasheet
285Kb / 7P
   0.56 INCH (14.2 MM) FOUR DIGIT STICK DISPLAY
MSQ6111C FAIRCHILD-MSQ6111C Datasheet
277Kb / 7P
   0.56 INCH (14.2 MM) FOUR DIGIT STICK DISPLAY
MST6110C FAIRCHILD-MST6110C Datasheet
277Kb / 7P
   0.56 INCH (14.2 MM) THREE DIGIT STICK DISPLAY
MST6111C FAIRCHILD-MST6111C Datasheet
278Kb / 7P
   0.56 INCH (14.2 MM) THREE DIGIT STICK DISPLAY
logo
Unity Opto Technology
UVC-5X23 UOT-UVC-5X23 Datasheet
72Kb / 5P
   0.56 inch ( 14.2 mm ) FOUR-DIGIT NUMERIC LED DISPLAYS
UVS-6XX0 UOT-UVS-6XX0 Datasheet
66Kb / 5P
   0.56 inch ( 14.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
logo
Fairchild Semiconductor
MAN6161C FAIRCHILD-MAN6161C Datasheet
490Kb / 7P
   0.56 INCH (14.2 MM) SINGLE DIGIT STICK DISPLAY DIAMOND Font
MAN6111C FAIRCHILD-MAN6111C Datasheet
283Kb / 7P
   0.56 INCH (14.2 MM) DUAL DIGIT STICK DISPLAY DIAMOND Font
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com