Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGA2B2C0G1H1R5C050BA Datasheet(PDF) 11 Page - TDK Electronics

Part # CGA2B2C0G1H1R5C050BA
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGA2B2C0G1H1R5C050BA Datasheet(HTML) 11 Page - TDK Electronics

Back Button CGA2B2C0G1H1R5C050BA Datasheet HTML 7Page - TDK Electronics CGA2B2C0G1H1R5C050BA Datasheet HTML 8Page - TDK Electronics CGA2B2C0G1H1R5C050BA Datasheet HTML 9Page - TDK Electronics CGA2B2C0G1H1R5C050BA Datasheet HTML 10Page - TDK Electronics CGA2B2C0G1H1R5C050BA Datasheet HTML 11Page - TDK Electronics CGA2B2C0G1H1R5C050BA Datasheet HTML 12Page - TDK Electronics CGA2B2C0G1H1R5C050BA Datasheet HTML 13Page - TDK Electronics CGA2B2C0G1H1R5C050BA Datasheet HTML 14Page - TDK Electronics CGA2B2C0G1H1R5C050BA Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
• All specifications are subject to change without notice.
Capacitance
Range Table
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to +125ºC, 0 ± 30 ppm/ºC)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
Catalog Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
1 pF
0603
0.30 ± 0.03
± 0.25pF
CGA1A2C0G1H010C030BA CGA1A2C0G1E010C030BA
1005
0.50 ± 0.05
± 0.25pF
CGA2B2C0G1H010C050BA
1608
0.80 ± 0.10
± 0.25pF
CGA3E2C0G1H010C080AA
1.5 pF
0603
0.30 ± 0.03
± 0.25pF
CGA1A2C0G1H1R5C030BA CGA1A2C0G1E1R5C030BA
1005
0.50 ± 0.05
± 0.25pF
CGA2B2C0G1H1R5C050BA
1608
0.80 ± 0.10
± 0.25pF
CGA3E2C0G1H1R5C080AA
2 pF
0603
0.30 ± 0.03
± 0.25pF
CGA1A2C0G1H020C030BA CGA1A2C0G1E020C030BA
1005
0.50 ± 0.05
± 0.25pF
CGA2B2C0G1H020C050BA
1608
0.80 ± 0.10
± 0.25pF
CGA3E2C0G1H020C080AA
2.2 pF
0603
0.30 ± 0.03
± 0.25pF
CGA1A2C0G1H2R2C030BA CGA1A2C0G1E2R2C030BA
1005
0.50 ± 0.05
± 0.25pF
CGA2B2C0G1H2R2C050BA
1608
0.80 ± 0.10
± 0.25pF
CGA3E2C0G1H2R2C080AA
3 pF
0603
0.30 ± 0.03
± 0.25pF
CGA1A2C0G1H030C030BA CGA1A2C0G1E030C030BA
1005
0.50 ± 0.05
± 0.25pF
CGA2B2C0G1H030C050BA
1608
0.80 ± 0.10
± 0.25pF
CGA3E2C0G1H030C080AA
3.3 pF
0603
0.30 ± 0.03
± 0.25pF
CGA1A2C0G1H3R3C030BA CGA1A2C0G1E3R3C030BA
1005
0.50 ± 0.05
± 0.25pF
CGA2B2C0G1H3R3C050BA
1608
0.80 ± 0.10
± 0.25pF
CGA3E2C0G1H3R3C080AA
4 pF
0603
0.30 ± 0.03
± 0.25pF
CGA1A2C0G1H040C030BA CGA1A2C0G1E040C030BA
1005
0.50 ± 0.05
± 0.25pF
CGA2B2C0G1H040C050BA
1608
0.80 ± 0.10
± 0.25pF
CGA3E2C0G1H040C080AA
4.7 pF
0603
0.30 ± 0.03
± 0.25pF
CGA1A2C0G1H4R7C030BA CGA1A2C0G1E4R7C030BA
1005
0.50 ± 0.05
± 0.25pF
CGA2B2C0G1H4R7C050BA
1608
0.80 ± 0.10
± 0.25pF
CGA3E2C0G1H4R7C080AA
5 pF
0603
0.30 ± 0.03
± 0.25pF
CGA1A2C0G1H050C030BA CGA1A2C0G1E050C030BA
1005
0.50 ± 0.05
± 0.25pF
CGA2B2C0G1H050C050BA
1608
0.80 ± 0.10
± 0.25pF
CGA3E2C0G1H050C080AA
6 pF
0603
0.30 ± 0.03
± 0.50pF
CGA1A2C0G1H060D030BA CGA1A2C0G1E060D030BA
1005
0.50 ± 0.05
± 0.50pF
CGA2B2C0G1H060D050BA
1608
0.80 ± 0.10
± 0.50pF
CGA3E2C0G1H060D080AA
6.8 pF
0603
0.30 ± 0.03
± 0.50pF
CGA1A2C0G1H6R8D030BA CGA1A2C0G1E6R8D030BA
1005
0.50 ± 0.05
± 0.50pF
CGA2B2C0G1H6R8D050BA
1608
0.80 ± 0.10
± 0.50pF
CGA3E2C0G1H6R8D080AA
7 pF
0603
0.30 ± 0.03
± 0.50pF
CGA1A2C0G1H070D030BA CGA1A2C0G1E070D030BA
1005
0.50 ± 0.05
± 0.50pF
CGA2B2C0G1H070D050BA
1608
0.80 ± 0.10
± 0.50pF
CGA3E2C0G1H070D080AA
8 pF
0603
0.30 ± 0.03
± 0.50pF
CGA1A2C0G1H080D030BA CGA1A2C0G1E080D030BA
1005
0.50 ± 0.05
± 0.50pF
CGA2B2C0G1H080D050BA
1608
0.80 ± 0.10
± 0.50pF
CGA3E2C0G1H080D080AA
9 pF
0603
0.30 ± 0.03
± 0.50pF
CGA1A2C0G1H090D030BA CGA1A2C0G1E090D030BA
1005
0.50 ± 0.05
± 0.50pF
CGA2B2C0G1H090D050BA
1608
0.80 ± 0.10
± 0.50pF
CGA3E2C0G1H090D080AA
10 pF
0603
0.30 ± 0.03
± 0.50pF
CGA1A2C0G1H100D030BA CGA1A2C0G1E100D030BA
1005
0.50 ± 0.05
± 0.50pF
CGA2B2C0G1H100D050BA
1608
0.80 ± 0.10
± 0.50pF
CGA3E2C0G1H100D080AA
12 pF
0603
0.30 ± 0.03
± 5%
CGA1A2C0G1H120J030BA CGA1A2C0G1E120J030BA
1005
0.50 ± 0.05
± 5%
CGA2B2C0G1H120J050BA
1608
0.80 ± 0.10
± 5%
CGA3E2C0G1H120J080AA
15 pF
0603
0.30 ± 0.03
± 5%
CGA1A2C0G1H150J030BA CGA1A2C0G1E150J030BA
1005
0.50 ± 0.05
± 5%
CGA2B2C0G1H150J050BA
1608
0.80 ± 0.10
± 5%
CGA3E2C0G1H150J080AA
18 pF
0603
0.30 ± 0.03
± 5%
CGA1A2C0G1H180J030BA CGA1A2C0G1E180J030BA
1005
0.50 ± 0.05
± 5%
CGA2B2C0G1H180J050BA
1608
0.80 ± 0.10
± 5%
CGA3E2C0G1H180J080AA
22 pF
0603
0.30 ± 0.03
± 5%
CGA1A2C0G1H220J030BA CGA1A2C0G1E220J030BA
1005
0.50 ± 0.05
± 5%
CGA2B2C0G1H220J050BA
1608
0.80 ± 0.10
± 5%
CGA3E2C0G1H220J080AA
27 pF
0603
0.30 ± 0.03
± 5%
CGA1A2C0G1H270J030BA CGA1A2C0G1E270J030BA
1005
0.50 ± 0.05
± 5%
CGA2B2C0G1H270J050BA
1608
0.80 ± 0.10
± 5%
CGA3E2C0G1H270J080AA
Page 10
MULTILAYER CERAMIC CHIP CAPACITORS
006-02 / 20140424 / mlcc_automotive_general_en


Similar Part No. - CGA2B2C0G1H1R5C050BA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA2B2C0G1H1R5C050BA TDK-CGA2B2C0G1H1R5C050BA Datasheet
1Mb / 20P
   MULTILAYER CERAMIC CHIP CAPACITORS
CGA2B2C0G1H1R5C050BA TDK-CGA2B2C0G1H1R5C050BA Datasheet
878Kb / 23P
   MULTILAYER CERAMIC CHIP CAPACITORS
March 2021
CGA2B2C0G1H1R5C050BA TDK-CGA2B2C0G1H1R5C050BA_16 Datasheet
130Kb / 1P
   Automotive Grade ( General (Up to 50V) )
More results

Similar Description - CGA2B2C0G1H1R5C050BA

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com