Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SZ553J Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part No. SZ553J
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SZ553J Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SZ553J Datasheet HTML 1Page - EIC discrete Semiconductors SZ553J Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at = 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
SZ553J
3.9
192
4.5
400
1.0
80
1.0
630
SZ554D
4.3
174
4.5
400
1.0
30
1.0
590
SZ554H
4.7
160
4.0
500
1.0
20
1.0
550
SZ555B
5.1
147
3.5
550
1.0
5.0
1.0
520
SZ555G
5.6
134
2.5
600
1.0
5.0
2.0
480
SZ556C
6.2
121
1.5
700
1.0
5.0
3.0
435
SZ556I
6.8
110
2.0
700
1.0
50
4.0
393
SZ557F
7.5
100
2.0
700
0.5
50
5.0
360
SZ558C
8.2
91
2.3
700
0.5
50
6.0
330
SZ559B
9.1
82
2.5
700
0.5
50
7.0
297
SZ5510
10
75
3.5
700
0.3
50
7.6
270
SZ5511
11
68
4.0
700
0.25
50
8.4
225
SZ5512
12
63
4.5
700
0.25
1.0
9.1
246
SZ5513
13
58
4.5
700
0.25
0.5
9.1
208
SZ5514
14
53
5.0
700
0.25
0.5
10.6
193
SZ5515
15
50
5.5
700
0.25
0.5
11.4
180
SZ5516
16
47
5.5
700
0.25
0.5
12.2
169
SZ5517
17
44
6.0
750
0.25
0.5
13.0
159
SZ5518
18
42
6.0
750
0.25
0.5
13.7
150
SZ5519
19
40
7.0
750
0.25
0.5
14.4
142
SZ5520
20
37
7.0
750
0.25
0.5
15.2
135
SZ5522
22
34
8.0
750
0.25
0.5
16.7
123
SZ5524
24
31
9.0
750
0.25
0.5
18.2
112
SZ5527
27
28
10
750
0.25
0.5
20.6
100
SZ5528
28
27
12
750
0.25
0.5
21.0
96
SZ5530
30
25
16
1000
0.25
0.5
22.5
90
SZ5533
33
23
20
1000
0.25
0.5
25.1
82
SZ5536
36
21
22
1000
0.25
0.5
27.4
75
SZ5539
39
19
28
1000
0.25
0.5
29.7
69
SZ5543
43
17
33
1500
0.25
0.5
32.7
63
SZ5547
47
16
38
1500
0.25
0.5
35.6
57
SZ5551
51
15
45
1500
0.25
0.5
38.8
53
SZ5556
56
13
50
2000
0.25
0.5
42.6
48
SZ5562
62
12
55
2000
0.25
0.5
47.1
44
SZ5568
68
11
70
2000
0.25
0.5
51.7
40
SZ5575
75
10
85
2000
0.25
0.5
56.0
36
SZ5582
82
9.1
95
3000
0.25
0.5
62.2
33
SZ5591
91
8.2
115
3000
0.25
0.5
69.2
30
SZ55B0
100
7.5
160
3000
0.25
0.5
76.0
27
SZ55B1
110
6.8
225
4000
0.25
0.5
83.6
25
SZ55B2
120
6.3
300
4500
0.25
0.5
91.2
22
SZ55B3
130
5.8
375
5000
0.25
0.5
98.8
21
SZ55B4
140
5.3
475
5000
0.25
0.5
106.4
19
SZ55B5
150
5.0
550
6000
0.25
0.5
114.0
18
SZ55B6
160
4.7
625
6500
0.25
0.5
121.6
17
SZ55B7
170
4.4
650
7000
0.25
0.5
130.4
16
SZ55B8
180
4.2
700
7000
0.25
0.5
136.8
15
SZ55B9
190
4.0
800
8000
0.25
0.5
144.8
14
SZ55D0
200
3.7
875
8000
0.25
0.5
152.0
13
Note:
( 1 ) The type number listed have a standard tolerance on the nominal zener voltage of
± 5.0%,
altered the fourth number of type from " 5 " for
± 5.0% tolerance to be " 0 " for ± 10% tolerance.
( 2 ) " SZ " will be omitted in marking on the diode.


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MMSZ5221B SURFACE MOUNT SILICON ZENER DIODES 1  2  3  4  5  Pan Jit International Inc.
SZ603D SURFACE MOUNT SILICON ZENER DIODES 1  2  EIC discrete Semiconductors
MMSZ5221BS SURFACE MOUNT SILICON ZENER DIODES 1  2  3  4  5  Pan Jit International Inc.
SZ653D SURFACE MOUNT SILICON ZENER DIODES 1  2  EIC discrete Semiconductors
ZMM1-2P Surface mount Silicon Planar Zener Diodes 1  2  3  Diotec Semiconductor
SMBJ5946B 1.5W SILICON SURFACE MOUNT ZENER DIODES 1  2  Jinan Gude Electronic Device
BZT52CS SURFACE MOUNT SILICON ZENER DIODES 1  2  3  Continental Device India Limited
ZMM1 Surface mount Silicon Planar Zener Diodes 1  2  3  4  Diotec Semiconductor
BZT52C SURFACE MOUNT SILICON ZENER DIODES 1  2  3  4  Continental Device India Limited
BZX84C2V7 Surface Mount Silicon Planar Zener Diodes 1  2  Diotec Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn