Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVPAA402W Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EVPAA402W
Description  External dimensions 3.5 mm2.9 mm, Height 1.7 mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVPAA402W Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EVPAA402W Datasheet HTML 1Page - Panasonic Semiconductor EVPAA402W Datasheet HTML 2Page - Panasonic Semiconductor EVPAA402W Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Light Touch Switches/EVPAA
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES87 –
(Tolerance
±0.2)
Operating part
Circuit diagram
PWB land pattern for reference
+0
−0.5
4.3
3.5
2.2
2.2
±0.1
4.5
±0.1
(2.8)
1
2
1
2
1’
2’
1’
2’
Part Numbers
Ground Terminal
Operating Force
Push Plate Color
Operating Life
EVPAA002KWithout
1.0 NBlack
1000000 cycles
EVPAA102KWith1.0 NBlack
1000000 cycles
EVPAA202K
Without
1.6 N
Black
200000 cycles
EVPAA302KWith1.6 NBlack
200000 cycles
EVPAA402WWithout
2.4 NWhite
200000 cycles
EVPAA502WWith2.4 NWhite
200000 cycles
EVPAA602WWithout
3.5 NWhite
200000 cycles
EVPAA702WWith3.5 NWhite
200000 cycles
EVPAA802QWithout
5.0 NGrey100000 cycles
EVPAA902QWith5.0 NGrey100000 cycles
EVPAA
(Embossed Taping)
Thickness : 1.7 mm
With J-bent terminals
Dimensions in mm (not to scale)
Oct. 2012
00


Similar Part No. - EVPAA402W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVPAA402W PANASONIC-EVPAA402W Datasheet
145Kb / 8P
   LIGHT TOUCH SWITCH
EVPAA402W PANASONIC-EVPAA402W Datasheet
78Kb / 4P
   3.5 mm2.9 mm SMD Light Touch Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com