Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR29 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SR29
Description  FAST RECOVERY SILICON SURFACE MOUNT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SR29 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SR29 Datasheet HTML 1Page - EIC discrete Semiconductors SR29 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( SR26 - SR29 )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
+
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF.
2. Rise time = 10 ns max., Source Impedance = 50 ohms.
3. All Resistors = Non-inductive Types.
FIG.2 - DERATING CURVE FOR OUTPUT
FIG.3 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 01 : April 2, 2002
60Hz RESISTIVE OR INDUCTIVE LOAD
2.0
1.5
1.0
0.5
2.5
100
10
1.0
80
0
100
0
60
40
20
0.1
10
80
0.01
0.01
1.0
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25
°C
TJ = 100
°C
TJ = 25
°C
Pulse W idth = 300
µs
2% Duty Cycle
8.3 ms SINGLE HALF SINE WAVE
Ta = 50
°C
SET TIME BASE FOR 50-100 ns/cm
Trr
+ 0.5 A
0
- 0.25 A
- 1.0 A
1 cm
50 Vdc
(approx.)
OSCILLOSCOPE
( NOTE 1 )
1
50
10
D.U.T.
PULSE
GENERATOR
( NOTE 2 )


Similar Part No. - SR29

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR29 MOSPEC-SR29 Datasheet
226Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(2.0A,70-100V)
logo
Pan Jit International I...
SR29 PANJIT-SR29 Datasheet
58Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 90 Volts CURRENT - 2.0 Amperes)
logo
GOOD-ARK Electronics
SR29 GOOD-ARK-SR29 Datasheet
185Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Won-Top Electronics
SR29 WTE-SR29 Datasheet
46Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SR29 PANJIT-SR29 Datasheet
39Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR29

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMR1F-02M CENTRAL-CMR1F-02M_15 Datasheet
301Kb / 3P
   SURFACE MOUNT SILICON FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
ES45C SECOS-ES45C_15 Datasheet
160Kb / 2P
   Surface Mount Silicon Fast Recovery Rectifiers
logo
Central Semiconductor C...
CMMR1F-02 CENTRAL-CMMR1F-02_15 Datasheet
284Kb / 2P
   SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER
logo
Rectron Semiconductor
FFM101W RECTRON-FFM101W Datasheet
29Kb / 3P
   SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER
logo
Central Semiconductor C...
CMR3S-01 CENTRAL-CMR3S-01_15 Datasheet
339Kb / 2P
   SURFACE MOUNT SILICON SUPER FAST RECOVERY RECTIFIERS
CUD10-02 CENTRAL-CUD10-02_15 Datasheet
499Kb / 2P
   SURFACE MOUNT SILICON ULTRA FAST RECOVERY RECTIFIERS
CUDD8-02 CENTRAL-CUDD8-02_15 Datasheet
546Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER
CMMR1S-02 CENTRAL-CMMR1S-02_15 Datasheet
280Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVERY SILICON RECTIFIER
CMR3U-01 CENTRAL-CMR3U-01_15 Datasheet
339Kb / 2P
   SURFACE MOUNT SILICON ULTRA FAST RECOVERY RECTIFIERS
CMR3U-01M CENTRAL-CMR3U-01M_15 Datasheet
296Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com