Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NR8500CP-CC-AZ Datasheet(PDF) 2 Page - California Eastern Labs

Part # NR8500CP-CC-AZ
Description  NECs ?50 關m InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NR8500CP-CC-AZ Datasheet(HTML) 2 Page - California Eastern Labs

  NR8500CP-CC-AZ Datasheet HTML 1Page - California Eastern Labs NR8500CP-CC-AZ Datasheet HTML 2Page - California Eastern Labs NR8500CP-CC-AZ Datasheet HTML 3Page - California Eastern Labs NR8500CP-CC-AZ Datasheet HTML 4Page - California Eastern Labs NR8500CP-CC-AZ Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DARK CURRENT vs.
REVERSE VOLTAGE
ABSOLUTE MAXIMUM RATINGS1
(TC = 25°C, unless otherwise specified)
SYMBOLS
PARAMETERS
UNITS
RATINGS
IF
Forward Current
mA
10
IR
Reverse Current
mA
1.0
TC
Operating Case Temp.
°C
-40 to +85
TSTG
Storage Temperature
°C
-40 to +85
TSLD
Lead Soldering Temperature
°C
260 (10 sec.)
RH
Relative Humidity
%
85
(noncondensing)
WAVELENGTH DEPENDENCE OF
QUANTUM EFFICIENCY
Operating Case Temperature, TC (°C)
Reverse Voltage, VR (V)
DARK CURRENT AND PHOTO
CURRENT VS. REVERSE VOLTAGE
Wavelength, λ (µm)
TYPICAL PERFORMANCE CURVES (TC = 25°C, unless otherwise specified)
TEMPERATURE DEPENDENCE OF
SENSITIVITY
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
NR8500 Series
100
80
60
40
20
0
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
λ = 1310 nm
-60
-40
-20
0
20
40
60
80
100
-10
0
10
10-4
10-5
10-6
10-7
10-8
10-9
10-10
020
80
60
40
100
ID
lph
λ = 1310 nm
IPO = 1.0 µA
TC = 25°C
Reverse Voltage, VR (V)
10-6
10-7
10-8
10-9
10-10
0
20406080
100
TC = 85°C
TC = 65°C
TC = 25°C
TC = -20°C


Similar Part No. - NR8500CP-CC-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR8500CP-CC-AZ CEL-NR8500CP-CC-AZ Datasheet
206Kb / 5P
   NECs 050 um InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
More results

Similar Description - NR8500CP-CC-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR8500 CEL-NR8500 Datasheet
206Kb / 5P
   NECs 050 um InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX6511GH CEL-NX6511GH Datasheet
967Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX7301BA CEL-NX7301BA Datasheet
101Kb / 4P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NR7800BP CEL-NR7800BP Datasheet
212Kb / 5P
   NECs ?80關m InGaAs PIN-PD IN COAXIAL PACKAGE FOR 155Mb/s AND 622 Mb/s APPLICATIONS
NR8501BP CEL-NR8501BP Datasheet
241Kb / 6P
   NECs 50 關m InGaAs APD IN COAXIAL PACKAGE FOR 2.5Gb/s APPLICATIONS
NX7301BA-CC CEL-NX7301BA-CC Datasheet
105Kb / 4P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NR7800 CEL-NR7800 Datasheet
211Kb / 5P
   InGaAs PIN-PD IN COAXIAL PACKAGE FOR 155Mb/s AND 622 Mb/s APPLICATIONS
NX5304 CEL-NX5304 Datasheet
167Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s AND 1.25 Gb/s APPLICATIONS
NX7312UA CEL-NX7312UA Datasheet
187Kb / 4P
   NECs 1310 nm InGaAsP MQW FP TOSA FOR SHORT HAUL 155 Mb/s and 622 Mb/s APPLICATIONS
NX5312 CEL-NX5312 Datasheet
347Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/s APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com