Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NR7500FR-CB-AZ Datasheet(PDF) 4 Page - California Eastern Labs

Part # NR7500FR-CB-AZ
Description  NECs ?50關m InGaAs PIN-PD IN COAXIAL PACKAGE FOR 2.5 Gbp/s APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NR7500FR-CB-AZ Datasheet(HTML) 4 Page - California Eastern Labs

  NR7500FR-CB-AZ Datasheet HTML 1Page - California Eastern Labs NR7500FR-CB-AZ Datasheet HTML 2Page - California Eastern Labs NR7500FR-CB-AZ Datasheet HTML 3Page - California Eastern Labs NR7500FR-CB-AZ Datasheet HTML 4Page - California Eastern Labs NR7500FR-CB-AZ Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3-180
NR7500 Series
PART NUMBER
FLANGE TYPE
FIBER TYPE
AVAILABLE CONNECTOR1
NR7500FP-BC-AZ* Flat mount Flange
SMF
With FC-UPC Connector
NR7500FP-CC-AZ*
With SC-UPC Connector
NR7500FR-BB-AZ*
GI-50 Fiber
With FC-SPC Connector
NR7500FR-CB-AZ*
With SC-SPC Connector
NR7500CP-BC-AZ*Vertical Mount
SMF
With FC-UPC Connector
NR7500CP-CC-AZ*
Flange
With SC-UPC Connector
NR7500CR-BB-AZ*
GI-50 Fiber
With FC-SPC Connector
NR7500CR-CB-AZ*
With SC-SPC Connector
Note:
1. SC Connector: standard
FC Connector: option
*NOTE:
Please refer to the last page of this data sheet, “Compliance
with EU Directives” for Pb-Free RoHS Compliance Infomation.
ORDERING INFORMATION
OPTICAL FIBER CHARACTERISTICS
PARAMETER
UNITS
SPECIFICATION
SMF
GI-50
Mode Field Diameter
µm
9.5±1–
Core Diameter
µm–
50±3
Cladding Diameter
µm
125±2
125±2
Maximum Cladding Noncircularity
%
2
2
Maximum Core/Cladding Concentricity
%
1.6
4.0
Outer Diameter
mm
0.9±0.1
0.9±0.1
Cut-off Wavelength
nm
1100 to 1270
Minimum Fiber Bending Radius
mm
30
30
Fiber Length
mm
1000 MIN
1000 MIN
Flammability
UL1581 VW-1
35±2 mm
Fiber Length: 1000 mm MIN
Connector
8.99±0.5 mm
5±2 mm
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
02/24/2003
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify
CEL for all damages resulting from such improper use or sale.


Similar Part No. - NR7500FR-CB-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR7500FR-CB-AZ CEL-NR7500FR-CB-AZ Datasheet
195Kb / 5P
   InGaAs PIN-PD IN COAXIAL PACKAGE FOR 2.5 Gbp/s APPLICATIONS
More results

Similar Description - NR7500FR-CB-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR7500 CEL-NR7500 Datasheet
195Kb / 5P
   InGaAs PIN-PD IN COAXIAL PACKAGE FOR 2.5 Gbp/s APPLICATIONS
NR8501BP CEL-NR8501BP Datasheet
241Kb / 6P
   NECs 50 關m InGaAs APD IN COAXIAL PACKAGE FOR 2.5Gb/s APPLICATIONS
NR7800BP CEL-NR7800BP Datasheet
212Kb / 5P
   NECs ?80關m InGaAs PIN-PD IN COAXIAL PACKAGE FOR 155Mb/s AND 622 Mb/s APPLICATIONS
NR8500BP CEL-NR8500BP Datasheet
212Kb / 5P
   NECs ?50 關m InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NR7800 CEL-NR7800 Datasheet
211Kb / 5P
   InGaAs PIN-PD IN COAXIAL PACKAGE FOR 155Mb/s AND 622 Mb/s APPLICATIONS
NR3510UR CEL-NR3510UR Datasheet
126Kb / 3P
   횠50 關m InGaAs PIN-PD ROSA WITH INTERNAL PRE-AMPLIFIER FOR 2.5 GB/s APPLICATIONS
NR3470MU-CC CEL-NR3470MU-CC Datasheet
190Kb / 4P
   NECs InGaAs PIN PD MODULE WITH INTERNAL PREAMPLIFIER FOR 10 Gb/s APPLICATIONS
NR8501 CEL-NR8501 Datasheet
240Kb / 6P
   InGaAs APD IN COAXIAL PACKAGE FOR 2.5Gb/s APPLICATIONS
NR4500BP CEL-NR4500BP Datasheet
98Kb / 3P
   InGaAs APD WITH INTERNAL PREAMPLIFIER IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATIONS
NR4500BP-CC CEL-NR4500BP-CC Datasheet
98Kb / 3P
   InGaAs APD WITH INTERNAL PREAMPLIFIER IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com