Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NR8501CP-CC-AZ Datasheet(PDF) 1 Page - California Eastern Labs

Part # NR8501CP-CC-AZ
Description  NECs 50 關m InGaAs APD IN COAXIAL PACKAGE FOR 2.5Gb/s APPLICATIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NR8501CP-CC-AZ Datasheet(HTML) 1 Page - California Eastern Labs

  NR8501CP-CC-AZ Datasheet HTML 1Page - California Eastern Labs NR8501CP-CC-AZ Datasheet HTML 2Page - California Eastern Labs NR8501CP-CC-AZ Datasheet HTML 3Page - California Eastern Labs NR8501CP-CC-AZ Datasheet HTML 4Page - California Eastern Labs NR8501CP-CC-AZ Datasheet HTML 5Page - California Eastern Labs NR8501CP-CC-AZ Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NEC's φ
φφ
φ
φ50 µ
µ
µ
µ
µm InGaAs APD
IN COAXIAL PACKAGE
FOR 2.5Gb/s APPLICATIONS
NR8501 Series
FEATURES
• SMALL DARK CURRENT:
ID = 7 nA
• HIGH SENSITIVITY:
S = 0.94 A/W at λ = 1310 nm, M = 1
S = 0.96 A/W at λ = 1550 nm, M = 1
• HIGH SPEED RESPONSE:
fC = 2.5 GHz at M = 5
• COAXIAL MODULE WITH SINGLE MODE FIBER (SMF)
or GI-50 Fiber
• WITH SC CONNECTOR: Standard, FC connector: Option
(Refer to Ordering Information)
NEC's NR8501 Series are InGaAs avalanche photo diode
(APD) coaxial modules with optical fiber pigtail. They are
designed for long wavelength 2.5 Gb/s optical communication
systems and are ideal as a reciever for Synchronous Digital
Hierarchy (SDH) system, STM-16 ITU-T recommendations.
DESCRIPTION
California Eastern Laboratories
PART NUMBER
NR8501 Series
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
VBR
Reverse Breakdown Voltage, ID =100 µA
V
40
60
80
δ1
Temperature Coefficient of Reverse Breakdown Voltage
%/ºC
0.20
ID
Dark Current, VR = VBR x 0.9
nA
7
30
IDM
Multiplied Dark Current, M = 2 to 10
nA
1
5
Ct
Terminal Capacitance, VR = V(BR)R x 0.9, f = 1 MHz
pF
0.5
0.75
fC
Cut-off Frequency, M = 5
GHz
2.5
3.0
M = 10
2.5
3.0
M = 30
1.0
1.2
S
Sensitivity,
λ = 1310 nm, M = 1
A/W
0.80
0.94
λ = 1550 nm, M = 1
0.81
0.96
M
Multiplication Factor, λ = 1310 nm, IPO = 1.0 µA30
40
VR = V (@ID = 1 µA)
x
Excess Noise Factor2, λ = 1310 nm, 1550 nm,
0.7
IPO =1.0 µA, M = 10, f = 35 MHz, B = 1 MHz
F
Excess Noise Factor2, λ = 1310 nm, 1550 nm,
5
IPO =1.0 µA, M = 10, f = 35 MHz, B = 1 MHz
ORL
Optical Return Loss
SMF
dB
30
GI-50 Fiber
28
Notes:
2. F = MX
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25°C, Unless otherwise specified)
VBR(25°C+∆T°C)-VBR(25°C)
∆T°C • VBR(25°C)
1. δ =


Similar Part No. - NR8501CP-CC-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR8501CP-CC-AZ CEL-NR8501CP-CC-AZ Datasheet
240Kb / 6P
   InGaAs APD IN COAXIAL PACKAGE FOR 2.5Gb/s APPLICATIONS
More results

Similar Description - NR8501CP-CC-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR8501 CEL-NR8501 Datasheet
240Kb / 6P
   InGaAs APD IN COAXIAL PACKAGE FOR 2.5Gb/s APPLICATIONS
NR8500BP CEL-NR8500BP Datasheet
212Kb / 5P
   NECs ?50 關m InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NR7500BP CEL-NR7500BP Datasheet
200Kb / 5P
   NECs ?50關m InGaAs PIN-PD IN COAXIAL PACKAGE FOR 2.5 Gbp/s APPLICATIONS
NR8500 CEL-NR8500 Datasheet
206Kb / 5P
   NECs 050 um InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NR7800BP CEL-NR7800BP Datasheet
212Kb / 5P
   NECs ?80關m InGaAs PIN-PD IN COAXIAL PACKAGE FOR 155Mb/s AND 622 Mb/s APPLICATIONS
NR8300FP-CC CEL-NR8300FP-CC Datasheet
99Kb / 4P
   NECs 30 Um InGaAs APD IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATION AND OTDR APPLICATIONS
NR8300FP-CC CEL-NR8300FP-CC_07 Datasheet
218Kb / 5P
   NECs 30 Um InGaAs APD IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATION AND OTDR APPLICATIONS
NR4500BP CEL-NR4500BP Datasheet
98Kb / 3P
   InGaAs APD WITH INTERNAL PREAMPLIFIER IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATIONS
NR4500BP-CC CEL-NR4500BP-CC Datasheet
98Kb / 3P
   InGaAs APD WITH INTERNAL PREAMPLIFIER IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATIONS
NR7500 CEL-NR7500 Datasheet
195Kb / 5P
   InGaAs PIN-PD IN COAXIAL PACKAGE FOR 2.5 Gbp/s APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com