Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS710CL2-1APS710CL2-1A-A Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS710CL2-1APS710CL2-1A-A
Description  Solid State Relay OCMOS FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS710CL2-1APS710CL2-1A-A Datasheet(HTML) 5 Page - California Eastern Labs

  PS710CL2-1APS710CL2-1A-A Datasheet HTML 1Page - California Eastern Labs PS710CL2-1APS710CL2-1A-A Datasheet HTML 2Page - California Eastern Labs PS710CL2-1APS710CL2-1A-A Datasheet HTML 3Page - California Eastern Labs PS710CL2-1APS710CL2-1A-A Datasheet HTML 4Page - California Eastern Labs PS710CL2-1APS710CL2-1A-A Datasheet HTML 5Page - California Eastern Labs PS710CL2-1APS710CL2-1A-A Datasheet HTML 6Page - California Eastern Labs PS710CL2-1APS710CL2-1A-A Datasheet HTML 7Page - California Eastern Labs PS710CL2-1APS710CL2-1A-A Datasheet HTML 8Page - California Eastern Labs PS710CL2-1APS710CL2-1A-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet PN10164EJ02V0DS
5
PS710CL2-1A
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
50
mA
Reverse Voltage
VR
5.0
V
Power Dissipation
PD
50
mW
Peak Forward Current
*1
IFP
1
A
MOS FET
Load Voltage
VL
60
V
Continuous
Connection A
IL
2.0
A
Load Current
*2
Pulse Load Current
*3
(AC/DC Connection)
ILP
4.0
A
Power Dissipation
PD
600
mW
Isolation Voltage
*4
BV
1 500
Vr.m.s.
Total Power Dissipation
PT
650
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−40 to +100
°C
*1 PW = 100
µs, Duty Cycle = 1%
*2 Conditions: IF
≥ 2 mA. The following types of load connections are available.
Connection A
VL (AC/DC)
1
4
3
2
IL
L
*3 PW = 100 ms, 1 shot
*4 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output
Pins 1-2 shorted together, 3-4 shorted together.


Similar Part No. - PS710CL2-1APS710CL2-1A-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS710CL2-1A RENESAS-PS710CL2-1A Datasheet
254Kb / 16P
   4-PIN DIP, 0.1 Ω LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
More results

Similar Description - PS710CL2-1APS710CL2-1A-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7221A-2A CEL-PS7221A-2A Datasheet
213Kb / 12P
   Solid State Relay OCMOS FET
PS7141C-2A CEL-PS7141C-2A Datasheet
353Kb / 14P
   Solid State Relay OCMOS FET
PS7200R-1A CEL-PS7200R-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS7122A-1A CEL-PS7122A-1A Datasheet
209Kb / 14P
   Solid State Relay OCMOS FET
PS7141E-2A CEL-PS7141E-2A Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
PS7241-1C CEL-PS7241-1C Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
PS7205B-1A CEL-PS7205B-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS7200K-1A CEL-PS7200K-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS7122A-1C CEL-PS7122A-1C Datasheet
201Kb / 14P
   Solid State Relay OCMOS FET
logo
Renesas Technology Corp
PS7122A-1B RENESAS-PS7122A-1B Datasheet
271Kb / 16P
   Solid State Relay OCMOS FET
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com