Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2505L-4 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS2505L-4
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2505L-4 Datasheet(HTML) 1 Page - California Eastern Labs

  PS2505L-4 Datasheet HTML 1Page - California Eastern Labs PS2505L-4 Datasheet HTML 2Page - California Eastern Labs PS2505L-4 Datasheet HTML 3Page - California Eastern Labs PS2505L-4 Datasheet HTML 4Page - California Eastern Labs PS2505L-4 Datasheet HTML 5Page - California Eastern Labs PS2505L-4 Datasheet HTML 6Page - California Eastern Labs PS2505L-4 Datasheet HTML 7Page - California Eastern Labs PS2505L-4 Datasheet HTML 8Page - California Eastern Labs PS2505L-4 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
1988, 2009
PHOTOCOUPLER
PS2505-1,-4,PS2505L-1,-4
HIGH ISOLATION VOLTAGE
AC INPUT RESPONSE TYPE
MULTI PHOTOCOUPLER SERIES
−NEPOC Series−
Document No. PN10228EJ03V0DS (3rd edition)
Date Published September 2009 NS
PIN CONNECTION
(Top View)
PS2505-1, PS2505L-1
PS2505-4, PS2505L-4
12
43
1. Anode, Cathode
2. Cathode, Anode
3. Emitter
4. Collector
1, 3, 5, 7. Anode, Cathode
2, 4, 6, 8. Cathode, Anode
9, 11, 13, 15. Emitter
10, 12, 14, 16. Collector
12 3 4 5 6 78
16 15 14 13 12 11 10 9
DESCRIPTION
The PS2505-1, -4 and PS2505L-1, -4 are optically coupled isolators containing GaAs light emitting diodes and an
NPN silicon phototransistor.
The PS2505-1, -4 are in a plastic DIP (Dual In-line Package) and the PS2505L-1, -4 are lead bending type (Gull-
wing) for surface mount.
FEATURES
• AC input response
• High isolation voltage (BV = 5 000 Vr.m.s.)
• High collector to emitter voltage (VCEO = 80 V)
• High-speed switching (tr = 3
µs TYP., tf = 5 µs TYP.)
• Ordering number of tape product: PS2505L-1-F3: 2 000 pcs/reel
• Safety standards
• UL approved: No. E72422
APPLICATIONS
• Power supply
• Telephone/FAX.
• FA/OA equipment
• Programmable logic controller
<R>
<R>


Similar Part No. - PS2505L-4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2505L-4 NEC-PS2505L-4 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2505L-4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1_15 Datasheet
280Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
PS2505-1 RENESAS-PS2505-1_15 Datasheet
262Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2505-1 NEC-PS2505-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1 Datasheet
288Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2565-1 NEC-PS2565-1 Datasheet
108Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
PS2705-1 NEC-PS2705-1_01 Datasheet
57Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1 NEC-PS2705-1_03 Datasheet
394Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2705-1-L-A ETC2-PS2705-1-L-A Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2565-1 CEL-PS2565-1 Datasheet
971Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2705-1 NEC-PS2705-1 Datasheet
117Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com