Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7801E-1A-F3-A Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS7801E-1A-F3-A
Description  4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R, 1-ch Optical Coupled MOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7801E-1A-F3-A Datasheet(HTML) 3 Page - California Eastern Labs

  PS7801E-1A-F3-A Datasheet HTML 1Page - California Eastern Labs PS7801E-1A-F3-A Datasheet HTML 2Page - California Eastern Labs PS7801E-1A-F3-A Datasheet HTML 3Page - California Eastern Labs PS7801E-1A-F3-A Datasheet HTML 4Page - California Eastern Labs PS7801E-1A-F3-A Datasheet HTML 5Page - California Eastern Labs PS7801E-1A-F3-A Datasheet HTML 6Page - California Eastern Labs PS7801E-1A-F3-A Datasheet HTML 7Page - California Eastern Labs PS7801E-1A-F3-A Datasheet HTML 8Page - California Eastern Labs PS7801E-1A-F3-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application
Part
Number
*1
PS7801E-1A
PS7801E-1A-A
Pb-Free
50 pcs (Tape 50 pcs cut)
Standard products
PS7801E-1A
PS7801E-1A-F3
PS7801E-1A-F3-A
Embossed Tape 3 500 pcs/reel
(UL approved)
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
50
mA
Reverse Voltage
VR
5.0
V
Power Dissipation
PD
50
mW
Peak Forward Current
*1
IFP
1
A
MOS FET
Break Down Voltage
VL
40
V
Continuous Load Current
IL
150
mA
Pulse Load Current
*2
(AC/DC Connection)
ILP
300
mA
Power Dissipation
PD
250
mW
Isolation Voltage
*3
BV
500
Vr.m.s.
Total Power Dissipation
PT
300
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−40 to +100
°C
*1 PW = 100
µs, Duty Cycle = 1%
*2 PW = 100 ms, 1 shot
*3 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output.
Pins 1-2 shorted together, 3-4 shorted together.
RECOMMENDED OPERATING CONDITIONS (TA = 25
°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
LED Operating Current
IF
2
5
20
mA
LED Off Voltage
VF
0
0.5
V
<R>
Data Sheet PN10569EJ02V0DS
3
PS7801E-1A


Similar Part No. - PS7801E-1A-F3-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7801E-1A-F3-A NEC-PS7801E-1A-F3-A Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R, 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7801E-1A-F3-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7801E-1A NEC-PS7801E-1A Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R, 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801E-1A RENESAS-PS7801E-1A Datasheet
268Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C × R, 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7801M-1A CEL-PS7801M-1A Datasheet
200Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3.4 pF ??廓) 1-ch Optical Coupled MOS FET
PS7802B-1A CEL-PS7802B-1A Datasheet
214Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (6.3 pF ??廓) 1-ch Optical Coupled MOS FET
PS7801J-1A_V1 CEL-PS7801J-1A_V1 Datasheet
279Kb / 14P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3 pF ??廓) 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7902-1A RENESAS-PS7902-1A_15 Datasheet
210Kb / 10P
   4-PIN SMALL FLAT-LEAD, LOW C 횞 R (11.6 pF ??廓) 1-ch Optical Coupled MOS FET
logo
NEC
PS7801J-1A NEC-PS7801J-1A Datasheet
112Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3 pF • 廓) 1-ch Optical Coupled MOS FET
PS7801M-1A NEC-PS7801M-1A Datasheet
116Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3.4 pF • 廓) 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801J-1A RENESAS-PS7801J-1A Datasheet
202Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C × R (3 pF • Ω) 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7802B-1A RENESAS-PS7802B-1A Datasheet
226Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C × R (6.3 pF • Ω) 1-ch Optical Coupled MOS FET
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com